Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1865TEEP Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1865TEEP
Description  xDSL/Cable Modem Triple/Quintuple Output Power Supplies
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1865TEEP Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1865TEEP Datasheet HTML 1Page - Maxim Integrated Products MAX1865TEEP Datasheet HTML 2Page - Maxim Integrated Products MAX1865TEEP Datasheet HTML 3Page - Maxim Integrated Products MAX1865TEEP Datasheet HTML 4Page - Maxim Integrated Products MAX1865TEEP Datasheet HTML 5Page - Maxim Integrated Products MAX1865TEEP Datasheet HTML 6Page - Maxim Integrated Products MAX1865TEEP Datasheet HTML 7Page - Maxim Integrated Products MAX1865TEEP Datasheet HTML 8Page - Maxim Integrated Products MAX1865TEEP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
xDSL/Cable Modem Triple/Quintuple Output
Power Supplies
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = 12V, ILIM = FB = GND, VBST - VLX = 5V, TA = 0°C to +85°C. Typical values are at TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN, B2, B3, B4 to GND............................................-0.3V to +30V
B5 to OUT...............................................................-20V to +0.3V
VL, POK, FB, FB2, FB3, FB4, FB5 to GND ...............-0.3V to +6V
LX to BST..................................................................-6V to +0.3V
BST to GND ............................................................-0.3V to +36V
DH to LX ....................................................-0.3V to (VBST + 0.3V)
DL, OUT, COMP, ILIM to GND......................-0.3V to (VL + 0.3V)
VL Output Current ...............................................................50mA
VL Short Circuit to GND...................................................
≤100ms
Continuous Power Dissipation (TA = +70°C)
16-Pin QSOP (derate 8.3mW/°C above +70°C)...........666mW
20-Pin QSOP (derate 9.1mW/°C above +70°C)...........727mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL
Operating Input Voltage Range
(Note 1)
VIN
4.5
28
V
MAX1864
1.0
2
Quiescent Supply Current
IIN
VFB = 0, VOUT = 4V,
VFB2 = VFB3 = VFB4 = 1.5V,
VFB5 = -0.1V
MAX1865
1.4
3
mA
VL REGULATOR
Output Voltage
VL
6V < VIN < 28V, 0.1mA < ILOAD < 20mA
4.75
5.00
5.25
V
Power-Supply Rejection
PSRR
VIN = 6V to 28V
3
%
Undervoltage Lockout Trip Level
VUVLO
VL rising, 3% hysteresis (typ)
3.2
3.5
3.8
V
Minimum Bypass Capacitance
CBYP(MIN)
10m
Ω < ESR < 500mΩ
1µF
DC-DC CONTROLLER
Output Voltage (Preset Mode)
VOUT
FB = GND
3.272
3.314
3.355
V
Typical Output Voltage Range
(Adjustable Mode) (Note 2)
VOUT
1.236
0.8 x VIN
V
FB Set Voltage
(Adjustable Mode)
VSET
FB = COMP
1.221
1.236
1.252
V
FB Dual Mode™ Threshold
50
100
150
mV
FB Input Leakage Current
IFB
VFB = 1.5V
0.01
100
nA
FB to COMP Transconductance
gm
FB = COMP, ICOMP =
±5µA
70
100
140
µS
Current-Sense Amplifier Voltage
Gain
ALIM
VIN - VLX = 250mV
4.46
4.9
5.44
V/V
Current-Limit Threshold
(Internal Mode)
VVALLEY
VILIM = 5.0V
190
250
310
mV
Current-Limit Threshold
(External Mode)
VVALLEY
VILIM = 2.5V
440
530
620
mV
Dual Mode is a trademark of Maxim Integrated Products, Inc.


Similar Part No. - MAX1865TEEP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX186 MAXIM-MAX186 Datasheet
627Kb / 18P
   Unipolar 4.096V or Bipolar -2.048V to 2.048V Input Ranges
Rev. 2; 6/08
MAX186ACAP MAXIM-MAX186ACAP Datasheet
245Kb / 24P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX186ACPP MAXIM-MAX186ACPP Datasheet
245Kb / 24P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX186ACWP MAXIM-MAX186ACWP Datasheet
245Kb / 24P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
More results

Similar Description - MAX1865TEEP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1997 MAXIM-MAX1997 Datasheet
766Kb / 31P
   Quintuple/Triple-Output TFT LCD Power Supplies with Fault Protection and VCOM Buffer
Rev 0; 10/02
logo
B&K Precision Corporati...
1670A BK-1670A Datasheet
427Kb / 1P
   Triple Output DC Power Supplies
1651A BK-1651A Datasheet
830Kb / 1P
   Triple Output DC Power Supplies
1760A BK-1760A Datasheet
521Kb / 1P
   Triple Output DC Power Supplies
1672 BK-1672 Datasheet
1Mb / 3P
   Triple Output DC Power Supplies
logo
Maxim Integrated Produc...
MAX1964 MAXIM-MAX1964 Datasheet
475Kb / 30P
   Tracking/Sequencing Triple/Quintuple Power-Supply Controllers
Rev 0; 7/01
logo
B&K Precision Corporati...
9130B BK-9130B Datasheet
511Kb / 4P
   Programmable Triple Output DC Power Supplies
logo
SL Power Electronics
FLU3-100 SLPOWER-FLU3-100 Datasheet
484Kb / 4P
   100W TRIPLE OUTPUT SWITCHING POWER SUPPLIES
logo
B&K Precision Corporati...
9140 BK-9140 Datasheet
2Mb / 7P
   Triple Output Multi-Range DC Power Supplies
logo
SL Power Electronics
CINT3110 SLPOWER-CINT3110_14 Datasheet
4Mb / 10P
   industrial grade, high efficiency, triple output power supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com