Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHL8316 Datasheet(PDF) 2 Page - International Rectifier

Part # CHL8316
Description  Digital Multi-Phase Buck Controller
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

CHL8316 Datasheet(HTML) 2 Page - International Rectifier

  CHL8316 Datasheet HTML 1Page - International Rectifier CHL8316 Datasheet HTML 2Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Digital Multi-Phase Buck Controller
CHL8316
October 12, 2011 | FINAL | V1.02
2
ORDERING INFORMATION
CHL8316 -
Package
Tape & Reel Qty
Part Number
QFN
3000
CHL8316CRT
QFN
3000
CHL8316-XXCRT
1
Notes:
1. “xx” indicates customer specific configuration file.
PWM5
EN
VRTN
RCSM
PWM6
VCPU
VCC
PWM4
IMON
VR_READY
RCSP
TSEN
VR_HOT
PWM3
VINSEN
V18A
RRES
NC
VCC
1
2
3
4
5
6
7
8
9
10
11
12
13 14
48 47 46 45
24
25
26
27
28
17 18 19 20 21 22 23
40 39 38 37
36
35
41
42
PWM2
PWM1
VAR_GATE
15 16
44 43
VCC
33
32
31
30
29
34
GND
SADDR/
GAMER_OFF
CHL8316
TOP VIEW
48 Pin
7mmx 7mm
QFN
Figure 3: CHL8316 Top View Enlarged
T
– Tape and Reel
R – Package Type (DFN)
C – Operating Temperature
(Commercial Standard)
XX-Configuration File ID


Similar Part No. - CHL8316

ManufacturerPart #DatasheetDescription
logo
International Rectifier
CHL8316 IRF-CHL8316 Datasheet
294Kb / 2P
   Digital Multi-Phase Buck Controller Programmable 1-phase to 6-phase operation
CHL8316-XXCRT IRF-CHL8316-XXCRT Datasheet
294Kb / 2P
   Digital Multi-Phase Buck Controller Programmable 1-phase to 6-phase operation
CHL8316CRT IRF-CHL8316CRT Datasheet
294Kb / 2P
   Digital Multi-Phase Buck Controller Programmable 1-phase to 6-phase operation
More results

Similar Description - CHL8316

ManufacturerPart #DatasheetDescription
logo
International Rectifier
CHL8102 IRF-CHL8102_15 Datasheet
303Kb / 2P
   Digital Multi-Phase Buck Controller
CHL8318 IRF-CHL8318_15 Datasheet
194Kb / 4P
   DIGITAL MULTI-PHASE BUCK CONTROLLER
CHL8318-20 IRF-CHL8318-20_15 Datasheet
286Kb / 2P
   Digital Multi-Phase Buck Controller
IR3536AMTRPBF IRF-IR3536AMTRPBF Datasheet
496Kb / 3P
   Digital Multi-Phase Buck Controller
CHL8112 IRF-CHL8112_15 Datasheet
102Kb / 2P
   DIGITAL MULTI-PHASE BUCK CONTROLLER
CHL8225 IRF-CHL8225_15 Datasheet
112Kb / 2P
   DIGITAL MULTI-PHASE BUCK CONTROLLER
CHL8203 IRF-CHL8203_15 Datasheet
329Kb / 2P
   Digital Multi-Phase Buck Controller
IR3541A IRF-IR3541A_15 Datasheet
381Kb / 3P
   Digital Multi-Phase Buck Controller
CHL8228G-00CRT IRF-CHL8228G-00CRT Datasheet
346Kb / 3P
   Digital Multi-Phase Buck Controller
CHL8225G IRF-CHL8225G_15 Datasheet
346Kb / 3P
   Digital Multi-Phase Buck Controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com