Electronic Components Datasheet Search |
|
74ALVC04 Datasheet(PDF) 2 Page - NXP Semiconductors |
|
74ALVC04 Datasheet(HTML) 2 Page - NXP Semiconductors |
2 / 16 page 2003 May 14 2 Philips Semiconductors Product specification Hex inverter 74ALVC04 FEATURES • Wide supply voltage range form 1.65 to 3.6 V • 3.6 V tolerant inputs/outputs • CMOS low power consumption • Direct interface with TTL levels (2.7 to 3.6 V) • Power-down mode • Latch-up performance exceeds 250 mA • Complies with JEDEC standard: JESD8-7 (1.65 to 1.95 V) JESD8-5 (2.3 to 2.7 V) JESD8B/JESD36 (2.7 to 3.6 V). • ESD protection: HBM EIA/JESD22-A114-A exceeds 2000 V MM EIA/JESD22-A115-A exceeds 200 V. DESCRIPTION The 74ALVC04 is a high-performance, low-power, low-voltage, Si-gate CMOS device and superior to most advanced CMOS compatible TTL families. Schmitt-trigger action at all inputs makes the circuit tolerant for slower input rise and fall times. The 74ALVC04 provides six inverting buffers. QUICK REFERENCE DATA GND = 0 V; Tamb =25 °C. Notes 1. CPD is used to determine the dynamic power dissipation (PD in µW). PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; VCC = supply voltage in Volts; N = total load switching outputs; Σ(CL × VCC2 × fo) = sum of the outputs. 2. The condition is VI = GND to VCC. SYMBOL PARAMETER CONDITIONS TYPICAL UNIT tPHL/tPLH propagation delay nA to nY VCC = 1.8 V; CL = 30 pF; RL =1kΩ 2.4 ns VCC = 2.5 V; CL = 30 pF; RL = 500 Ω 1.8 ns VCC = 2.7 V; CL = 50 pF; RL = 500 Ω 2.3 ns VCC = 3.3 V; CL = 50 pF; RL = 500 Ω 2.0 ns CI input capacitance 3.5 pF CPD power dissipation capacitance per buffer VCC = 3.3 V; notes 1 and 2 26 pF |
Similar Part No. - 74ALVC04_15 |
|
Similar Description - 74ALVC04_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |