Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVC125 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ALVC125
Description  Quad buffer/line driver; 3-state
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC125 Datasheet(HTML) 2 Page - NXP Semiconductors

  74ALVC125_15 Datasheet HTML 1Page - NXP Semiconductors 74ALVC125_15 Datasheet HTML 2Page - NXP Semiconductors 74ALVC125_15 Datasheet HTML 3Page - NXP Semiconductors 74ALVC125_15 Datasheet HTML 4Page - NXP Semiconductors 74ALVC125_15 Datasheet HTML 5Page - NXP Semiconductors 74ALVC125_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVC125_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVC125_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVC125_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
74ALVC125_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 10 January 2008
2 of 13
NXP Semiconductors
74ALVC125
Quad buffer/line driver; 3-state
4.
Functional diagram
5.
Pinning information
5.1 Pinning
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
mna228
1A
1Y
2
1
3
1OE
2A
2Y
5
4
6
2OE
3A
3Y
9
10
8
3OE
4A
4Y
12
13
11
4OE
mna229
1
EN1
1
3
2
4
6
5
10
8
9
13
11
12
Fig 3.
Logic diagram (one buffer)
mna227
nOE
nA
nY
(1) The die substrate is attached to this pad using
conductive die attach material. It can not be used as
a supply pin or input.
Fig 4.
Pin configuration SO14 and TSSOP14
Fig 5.
Pin configuration DHVQFN14
74ALVC125
1OE
VCC
1A
4OE
1Y
4A
2OE
4Y
2A
3OE
2Y
3A
GND
3Y
001aah089
1
2
3
4
5
6
7
8
10
9
12
11
14
13
001aah090
74ALVC125
Transparent top view
GND(1)
2Y
3A
2A
3OE
2OE
4Y
1Y
4A
1A
4OE
6
9
5
10
4
11
3
12
2
13
terminal 1
index area


Similar Part No. - 74ALVC125_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVC125-Q100 NEXPERIA-74ALVC125-Q100 Datasheet
804Kb / 15P
   Quad buffer/line driver 3-state
logo
NXP Semiconductors
74ALVC125BQ NXP-74ALVC125BQ Datasheet
93Kb / 13P
   Quad buffer/line driver; 3-state
Rev. 02-10 January 2008
logo
Nexperia B.V. All right...
74ALVC125BQ NEXPERIA-74ALVC125BQ Datasheet
242Kb / 13P
   Quad buffer/line driver; 3-state
Rev. 4 - 30 April 2021
74ALVC125BQ-Q100 NEXPERIA-74ALVC125BQ-Q100 Datasheet
804Kb / 15P
   Quad buffer/line driver 3-state
logo
NXP Semiconductors
74ALVC125D PHILIPS-74ALVC125D Datasheet
82Kb / 16P
   Quad buffer/line driver; 3-state
2002 Nov 18
More results

Similar Description - 74ALVC125_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC125 PHILIPS-74AHC125 Datasheet
78Kb / 16P
   Quad buffer/line driver; 3-state
1999 Sep 27
74HC126 PHILIPS-74HC126 Datasheet
40Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
74LV126 PHILIPS-74LV126 Datasheet
112Kb / 12P
   Quad buffer/line driver 3-State
1998 Apr 28
logo
Nexperia B.V. All right...
74AHC125-Q100 NEXPERIA-74AHC125-Q100 Datasheet
822Kb / 17P
   Quad buffer/line driver; 3-state
logo
NXP Semiconductors
74VHC_VHCT125 PHILIPS-74VHC_VHCT125_15 Datasheet
464Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 02-13 October 2009
74VHC_VHCT126 PHILIPS-74VHC_VHCT126_15 Datasheet
98Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 01-13 August 2009
logo
Nexperia B.V. All right...
74ALVC125-Q100 NEXPERIA-74ALVC125-Q100 Datasheet
804Kb / 15P
   Quad buffer/line driver 3-state
74ALVC125 NEXPERIA-74ALVC125 Datasheet
242Kb / 13P
   Quad buffer/line driver; 3-state
Rev. 4 - 30 April 2021
logo
NXP Semiconductors
74LV125 PHILIPS-74LV125 Datasheet
111Kb / 12P
   Quad buffer/line driver 3-State
1998 Apr 28
74HC_HCT125 PHILIPS-74HC_HCT125_15 Datasheet
184Kb / 17P
   Quad buffer/line driver; 3-state
Rev. 5-19 January 2015
74HC125D NXP-74HC125D Datasheet
41Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com