Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFB16HY20C Datasheet(PDF) 1 Page - International Rectifier

Part # HFB16HY20C
Description  ULTRAFAST, SOFT RECOVERY DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HFB16HY20C Datasheet(HTML) 1 Page - International Rectifier

  HFB16HY20C_15 Datasheet HTML 1Page - International Rectifier HFB16HY20C_15 Datasheet HTML 2Page - International Rectifier HFB16HY20C_15 Datasheet HTML 3Page - International Rectifier HFB16HY20C_15 Datasheet HTML 4Page - International Rectifier HFB16HY20C_15 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
08/09/01
• Reduced RFI and EMI
• Reduced Snubbing
• Extensive Characterization of Recovery Parameters
• Hermetic
• Ceramic Eyelets
Features
Description
These Ultrafast, soft reovery diodes are optimized to reduce losses and EMI/RFI in high frequency power conditioning
systems. An extensive characterization of the recovery behavior for different values of current, temperature and
di/dt simplifies the calculations of losses in the operating conditions. The softness of the recovery eliminates the need
for a snubber in most applications. These devices are ideally suited for power converters, motors drives and other
applications where switching losses are significant portion of the total losses.
Ultrafast, Soft Recovery Diode
FRED
V4 = 200V
I.)8 = 16A
tHH = 35ns
Note: ! D.C. = 50% rect. wave
"
1/2 sine wave, 60 Hz , P.W. = 8.33 ms
0.*$0; +
www.irf.com
1
Parameter
Parameter
Parameter
Parameter
Parameter
Max.
Max.
Max.
Max.
Max.
Units
Units
Units
Units
Units
VR
Cathode to Anode Voltage
200
V
IF(AV)
Continuous Forward Current, ! TC = 120°C
16
IFSM
Single Pulse Forward Current, " TC = 25°C
140
PD @ TC = 25°C
Maximum Power Dissipation
100
W
TJ, TSTG
Operating Junction and Storage Temperature Range
-55 to +150
°C
A
Absolute Maximum Ratings
CASE STYLE
CASE STYLE
CASE STYLE
CASE STYLE
CASE STYLE
ANODE
CATHODE
(ISOLATEDBASE)
PD - 94222A
TO-257AA
TO-257AA
TO-257AA
TO-257AA
TO-257AA


Similar Part No. - HFB16HY20C_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFB16HY20CC IRF-HFB16HY20CC Datasheet
123Kb / 5P
   Ultrafast, Soft Recovery Diode
HFB16HY20CC IRF-HFB16HY20CC Datasheet
128Kb / 5P
   Ultrafast, Soft Recovery Diode
HFB16HY20CC IRF-HFB16HY20CC_15 Datasheet
128Kb / 5P
   Ultrafast, Soft Recovery Diode
More results

Similar Description - HFB16HY20C_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA25TB60 IRF-HFA25TB60 Datasheet
263Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA80NC40C IRF-HFA80NC40C Datasheet
192Kb / 5P
   Ultrafast, Soft Recovery Diode
150EBU04 IRF-150EBU04 Datasheet
150Kb / 6P
   Ultrafast Soft Recovery Diode
80EBU04 IRF-80EBU04 Datasheet
147Kb / 7P
   Ultrafast Soft Recovery Diode
HFA120MD40C IRF-HFA120MD40C Datasheet
298Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA15TB60 IRF-HFA15TB60 Datasheet
205Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA70NH60 IRF-HFA70NH60 Datasheet
325Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA40HF120C IRF-HFA40HF120C_15 Datasheet
142Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA45HI60C IRF-HFA45HI60C_15 Datasheet
137Kb / 3P
   Ultrafast, Soft Recovery Diode
HFB50HC20C IRF-HFB50HC20C_15 Datasheet
137Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA140NJ60D IRF-HFA140NJ60D Datasheet
319Kb / 5P
   Ultrafast, Soft Recovery Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com