Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1894XEEE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1894XEEE
Description  Advanced Li Battery-Pack Protectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1894XEEE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1894XEEE Datasheet HTML 6Page - Maxim Integrated Products MAX1894XEEE Datasheet HTML 7Page - Maxim Integrated Products MAX1894XEEE Datasheet HTML 8Page - Maxim Integrated Products MAX1894XEEE Datasheet HTML 9Page - Maxim Integrated Products MAX1894XEEE Datasheet HTML 10Page - Maxim Integrated Products MAX1894XEEE Datasheet HTML 11Page - Maxim Integrated Products MAX1894XEEE Datasheet HTML 12Page - Maxim Integrated Products MAX1894XEEE Datasheet HTML 13Page - Maxim Integrated Products MAX1894XEEE Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Advanced Li+ Battery-Pack Protectors
10
______________________________________________________________________________________
Figure 4. Undervoltage and Overvoltage Timing Diagrams
CELL VOLTAGE
SAMPLING
DSO, CGO, TKO
UNDERVOLTAGE CONDITION
UNDERVOLTAGE THRESHOLD
CELL VOLTAGE
SAMPLING
TKO, CGO
OVERVOLTAGE CONDITION (MAX1894, NO HYSTERESIS)
320ms
80ms
320ms
CELL VOLTAGE
SAMPLING
TKO, CGO
OVERVOLTAGE CONDITION (MAX1894, WITH HYSTERESIS)
OVERVOLTAGE THRESHOLD HYSTERESIS
320ms
OVERVOLTAGE THRESHOLD
OVERVOLTAGE THRESHOLD


Similar Part No. - MAX1894XEEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX189 MAXIM-MAX189 Datasheet
177Kb / 20P
   5V, Low-Power, 12-Bit Serial ADCs
19-0196; Rev 0; 10/93
MAX189 MAXIM-MAX189 Datasheet
210Kb / 12P
   Linear Charger for Single-Cell Li Battery
Rev 0; 1/02
MAX189 MAXIM-MAX189 Datasheet
755Kb / 10P
   1.4MHz SOT23 Current-Mode Step-Up DC-DC Converter
MAX1895 MAXIM-MAX1895 Datasheet
1Mb / 31P
   High-Efficiency, Wide Brightness Range, CCFL Backlight Controllers
Rev 1; 10/02
MAX1895EGI MAXIM-MAX1895EGI Datasheet
1Mb / 31P
   High-Efficiency, Wide Brightness Range, CCFL Backlight Controllers
Rev 1; 10/02
More results

Similar Description - MAX1894XEEE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ40Z50-R1 TI1-BQ40Z50-R1 Datasheet
3Mb / 55P
[Old version datasheet]   Li-Ion Battery Pack Manager
logo
RRC power solutions Ltd...
RRC2040-2 RRC-RRC2040-2 Datasheet
420Kb / 4P
   Standard Battery Pack Li-Ion 10.80V / 6.90Ah / 74.52Wh
RRC2037 RRC-RRC2037 Datasheet
366Kb / 4P
   Standard Battery Pack Li-Ion
RRC1130 RRC-RRC1130 Datasheet
296Kb / 3P
   Standard Battery Pack Li-Ion
RRC2024 RRC-RRC2024 Datasheet
391Kb / 4P
   Standard Battery Pack Li-Ion
RRC2140 RRC-RRC2140 Datasheet
342Kb / 3P
   Standard Battery Pack Li-Ion
RRC2057 RRC-RRC2057 Datasheet
402Kb / 4P
   Standard Battery Pack Li-Ion
logo
Ultralife Corporation.
UBBL34 ULTRALIFE-UBBL34 Datasheet
610Kb / 2P
   Wearable Li-ion Battery Pack
Rev: A
logo
RRC power solutions Ltd...
RRC1120 RRC-RRC1120 Datasheet
271Kb / 3P
   Standard Battery Pack Li-Ion
RRC2020 RRC-RRC2020 Datasheet
402Kb / 4P
   Standard Battery Pack Li-Ion
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com