Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1894XEEE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1894XEEE
Description  Advanced Li Battery-Pack Protectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1894XEEE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1894XEEE Datasheet HTML 2Page - Maxim Integrated Products MAX1894XEEE Datasheet HTML 3Page - Maxim Integrated Products MAX1894XEEE Datasheet HTML 4Page - Maxim Integrated Products MAX1894XEEE Datasheet HTML 5Page - Maxim Integrated Products MAX1894XEEE Datasheet HTML 6Page - Maxim Integrated Products MAX1894XEEE Datasheet HTML 7Page - Maxim Integrated Products MAX1894XEEE Datasheet HTML 8Page - Maxim Integrated Products MAX1894XEEE Datasheet HTML 9Page - Maxim Integrated Products MAX1894XEEE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Advanced Li+ Battery-Pack Protectors
6
_______________________________________________________________________________________
PIN
NAME
FUNCTION
1
B4P
Cell 4 Positive Connection. Short B4P to B3P for MAX1924V.
2VCC
Supply Input. Connect this pin to the top of the battery pack through a diode and a capacitor
(see the Typical Application Circuit).
3
B3P
Cell 3 Positive Connection
4
IC3
Internal Connection. Float this pin.
5
B2P
Cell 2 Positive Connection
6
IC2
Internal Connection. Float this pin.
7
B1P
Cell 1 Positive Connection
8
IC1
Internal Connection. Float this pin.
9BN
Battery Negative. Connection for the cell 1 negative terminal and the top of the current-sense
resistor RSENSE. BN is also chip ground.
10
PKN
Pack Negative. The sense resistor (RSENSE) is connected between BN and PKN.
11
CTL
Control Input. Drive CTL low for normal operation. Drive CTL high to turn off the three external
protection MOSFETs.
12
SHDN
Shutdown. Drive SHDN low for normal operation. Drive SHDN high to put the device into shutdown
if no charger is present.
13
TKO
Trickle-Charge Driver Output. TKO drives the gate of an external P-channel trickle-charge MOSFET
low (on) in normal operation.
14
CGO
Fast-Charge Driver Output. CGO drives the gate of an external P-channel fast-charge MOSFET low
(on) in normal operation.
15
DSO
Discharge Driver Output. DSO drives the gate of an external P-channel discharge control MOSFET
low (on) in normal operation.
16
SRC
Common Source Connection for MOSFETs. SRC provides the bias for gate drivers DSO, TKO,
and CGO.
Pin Description
DISCHARGE-CURRENT FAULT TIMING
MAX1894 toc10
VPKN - VBN
100mV/div
0
0
DSO
5V/div
1ms/div
CHARGE-CURRENT FAULT TIMING
MAX1894 toc11
VPKN - VBN
100mV/div
0
0
1ms/div
CGO
5V/div
PACK-SHORT CURRENT FAULT TIMING
MAX1894 toc12
VPKN - VBN
200mV/div
0
0
100
µs/div
DSO
5V/div
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX1894XEEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX189 MAXIM-MAX189 Datasheet
177Kb / 20P
   5V, Low-Power, 12-Bit Serial ADCs
19-0196; Rev 0; 10/93
MAX189 MAXIM-MAX189 Datasheet
210Kb / 12P
   Linear Charger for Single-Cell Li Battery
Rev 0; 1/02
MAX189 MAXIM-MAX189 Datasheet
755Kb / 10P
   1.4MHz SOT23 Current-Mode Step-Up DC-DC Converter
MAX1895 MAXIM-MAX1895 Datasheet
1Mb / 31P
   High-Efficiency, Wide Brightness Range, CCFL Backlight Controllers
Rev 1; 10/02
MAX1895EGI MAXIM-MAX1895EGI Datasheet
1Mb / 31P
   High-Efficiency, Wide Brightness Range, CCFL Backlight Controllers
Rev 1; 10/02
More results

Similar Description - MAX1894XEEE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ40Z50-R1 TI1-BQ40Z50-R1 Datasheet
3Mb / 55P
[Old version datasheet]   Li-Ion Battery Pack Manager
logo
RRC power solutions Ltd...
RRC2040-2 RRC-RRC2040-2 Datasheet
420Kb / 4P
   Standard Battery Pack Li-Ion 10.80V / 6.90Ah / 74.52Wh
RRC2037 RRC-RRC2037 Datasheet
366Kb / 4P
   Standard Battery Pack Li-Ion
RRC1130 RRC-RRC1130 Datasheet
296Kb / 3P
   Standard Battery Pack Li-Ion
RRC2024 RRC-RRC2024 Datasheet
391Kb / 4P
   Standard Battery Pack Li-Ion
RRC2140 RRC-RRC2140 Datasheet
342Kb / 3P
   Standard Battery Pack Li-Ion
RRC2057 RRC-RRC2057 Datasheet
402Kb / 4P
   Standard Battery Pack Li-Ion
logo
Ultralife Corporation.
UBBL34 ULTRALIFE-UBBL34 Datasheet
610Kb / 2P
   Wearable Li-ion Battery Pack
Rev: A
logo
RRC power solutions Ltd...
RRC1120 RRC-RRC1120 Datasheet
271Kb / 3P
   Standard Battery Pack Li-Ion
RRC2020 RRC-RRC2020 Datasheet
402Kb / 4P
   Standard Battery Pack Li-Ion
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com