Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1901 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1901
Description  500kHz Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1901 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1901 Datasheet HTML 1Page - Maxim Integrated Products MAX1901 Datasheet HTML 2Page - Maxim Integrated Products MAX1901 Datasheet HTML 3Page - Maxim Integrated Products MAX1901 Datasheet HTML 4Page - Maxim Integrated Products MAX1901 Datasheet HTML 5Page - Maxim Integrated Products MAX1901 Datasheet HTML 6Page - Maxim Integrated Products MAX1901 Datasheet HTML 7Page - Maxim Integrated Products MAX1901 Datasheet HTML 8Page - Maxim Integrated Products MAX1901 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
500kHz Multi-Output, Low-Noise Power-Supply
Controllers for Notebook Computers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 15V, both PWMs on, SYNC = VL, VL load = 0, REF load = 0, SKIP = 0, TA = 0°C to +85°C, unless otherwise noted. Typical
values are at TA = +25°C.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SYNC = VL
95
97
Maximum Duty Factor
SYNC = 0 (Note 2)
96.5
98
%
SYNC Input High-Pulse Width
Not tested
200
ns
SYNC Input Low-Pulse Width
Not tested
200
ns
SYNC Rise/Fall Time
Not tested
200
ns
SYNC Input Frequency Range
400
583
kHz
Current-Sense Input Leakage Current
V+ = VL = 0,
CSL3 = CSH3 = CSL5 = CSH5 = 5.5V
0.01
10
µA
FLYBACK CONTROLLER
VDD Regulation Threshold
Falling edge (Note 3)
13
14
V
SECFB Regulation Threshold
Falling edge (MAX1901/MAX1904)
2.44
2.60
V
DL Pulse Width
VDD < 13V or SECFB < 2.44V
0.75
µs
VDD Shunt Threshold
Rising edge, hysteresis = 1% (Note 3)
18
20
V
VDD Shunt Sink Current
VDD = 20V (Note 3)
10
mA
VDD Leakage Current
VDD = 5V, off mode (Notes 3, 4)
30
µA
12V LINEAR REGULATOR (Note 3)
12OUT Output Voltage
13V < VDD < 18V, 0 < ILOAD < 120mA
11.65
12.10
12.50
V
12OUT Current Limit
12OUT forced to 11V, VDD = 13V
150
mA
Quiescent VDD Current
VDD = 18V, run mode, no 12OUT load
50
100
µA
INTERNAL REGULATOR AND REFERENCE
VL Output Voltage
SHDN = V+, RUN/ON3 = TIME/ON5 = 0,
5.4V < V+ < 30V, 0mA < ILOAD < 50mA
4.7
5.1
V
VL Undervoltage Lockout-Fault Threshold
Falling edge, hysteresis = 1%
3.5
3.6
3.7
V
VL Switchover Threshold
Rising edge of CSL5, hysteresis = 1%
4.2
4.5
4.7
V
REF Output Voltage
No external load (Note 5)
2.45
2.5
2.55
V
0 < ILOAD < 50µA
12.5
REF Load Regulation
0 < ILOAD < 5mA
100.0
mV
REF Sink Current
10
µA
REF Fault-Lockout Voltage
Falling edge
1.8
2.4
V
V+ Operating Supply Current
VL switched over to CSL5, 5V SMPS on
5
50
µA
V+ Standby Supply Current
V+ = 5.5V to 30V, both SMPSs off, includes
current into
SHDN
30
60
µA
V+ Standby Supply Current in Dropout
V+ = 4.2V to 5.5V, both SMPSs off, includes
current into
SHDN
50
200
µA
V+ Shutdown Supply Current
V+ = 4.0V to 30V,
SHDN = 0
4
10
µA
(Note 3)
2.5
4
Quiescent Power Consumption
Both SMPSs enabled,
FB3 = FB5 = 0,
CSL3 = CSH3 = 3.5V,
CSL5 = CSH5 = 5.3V
MAX1901/MAX1904
1.5
4
mW


Similar Part No. - MAX1901

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX190 MAXIM-MAX190 Datasheet
1,010Kb / 28P
   Low-Power, 12-Bit Sampling ADCs with Internal Reference and Power-Down
Rev 2; 4/93
MAX19000 MAXIM-MAX19000 Datasheet
1Mb / 19P
   Fully Assembled and Tested
Rev 0; 12/09
MAX19000EVKIT MAXIM-MAX19000EVKIT Datasheet
1Mb / 19P
   Fully Assembled and Tested
Rev 0; 12/09
MAX19000EVKIT++ MAXIM-MAX19000EVKIT+ Datasheet
1Mb / 19P
   Fully Assembled and Tested
Rev 0; 12/09
MAX19005 MAXIM-MAX19005 Datasheet
2Mb / 25P
   Quad, Ultra-Low-Power, 200Mbps ATE Drivers/Comparators
19-6092; Rev 0; 12/11
More results

Similar Description - MAX1901

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1630 MAXIM-MAX1630_05 Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 4; 8/05
MAX1632AEAI MAXIM-MAX1632AEAI Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 1; 8/05
MAX1630 MAXIM-MAX1630 Datasheet
237Kb / 28P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-0480; Rev 3; 4/97
MAX1630A MAXIM-MAX1630A Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-3518; Rev 1; 8/05
logo
Semtech Corporation
SC1402 SEMTECH-SC1402 Datasheet
270Kb / 18P
   Multi-Output, Low-Noise Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX1533A MAXIM-MAX1533A Datasheet
1Mb / 38P
   High-Efficiency, 5x Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 4/06
logo
Renesas Technology Corp
ISL6236 RENESAS-ISL6236 Datasheet
3Mb / 36P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003ETJ MAXIM-MAX17003ETJ Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 3/07
logo
Intersil Corporation
ISL6236A INTERSIL-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com