Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1920 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1920
Description  Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1920 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1920 Datasheet HTML 1Page - Maxim Integrated Products MAX1920 Datasheet HTML 2Page - Maxim Integrated Products MAX1920 Datasheet HTML 3Page - Maxim Integrated Products MAX1920 Datasheet HTML 4Page - Maxim Integrated Products MAX1920 Datasheet HTML 5Page - Maxim Integrated Products MAX1920 Datasheet HTML 6Page - Maxim Integrated Products MAX1920 Datasheet HTML 7Page - Maxim Integrated Products MAX1920 Datasheet HTML 8Page - Maxim Integrated Products MAX1920 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IN, FB, SHDN to AGND . . . . . . . . . . . . . . . . . . . . .-0.3V to +6V
OUT to AGND, LX to PGND
. . . . . . . . . . . .-0.3V to (IN + 0.3V)
AGND to PGND . . . . . . . . . . . . . . . . . . . . . . . . . .-0.3V to +0.3V
OUT Short Circuit to GND . . . . . . . . . . . . . . . . . . . . . . . . . . .10s
Continuous Power Dissipation (TA = +70°C)
6-Pin SOT23-6 (derate 8.7mW/°C above +70°C) . . . .695mW
Operating Temperature Range . . . . . . . . . . . . . .-40°C to +85°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . .+150°C
Storage Temperature . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Lead Temperature (soldering 10s) . . . . . . . . . . . . . . . . .+300°C
Low-Voltage, 400mA Step-Down
DC-DC Converters in SOT23
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(VIN = 3.6V, SHDN = IN, TA = 0°C to +85°C. Typical parameters are at TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
I(LX) < 400mA
2.5
5.5
Input Voltage Range
VIN
I(LX) < 200mA
(MAX1921EUT15, MAX1921EUT18)
2.0
2.5
V
Startup Voltage
2.0
V
VIN rising
1.85
1.95
UVLO Threshold
UVLO
VIN falling
1.50
1.65
V
UVLO Hysteresis
200
mV
Quiescent Supply Current
IIN
No switching, no load
50
70
µA
Quiescent Supply Current
Dropout
IIN
SHDN = IN, OUT/FB = 0
220
300
µA
Shutdown Supply Current
ISHDN
SHDN = GND
0.1
4.0
µA
IOUT = 0, TA = +25°C
-1.5
+1.5
IOUT = 0 to 400mA, TA = -40°C to +85°C
-3
+3
Output Voltage Accuracy
(MAX1921)
IOUT = 0 to 200mA, TA = -40°C to +85°C
-3
+3
%
SHDN = 0
1
OUT BIAS Current
IOUT
OUT at regulation voltage
8
16
µA
Output Voltage Range (MAX1920)
Figure 4, IN = 4.5V
1.25
4.00
V
TA= 25°C
1.231
1.25
1.269
1.220
1.25
1.280
FB Feedback Threshold
(MAX1920)
VFB
TA = -40°C to +85°C
1.210
1.280
V
FB Feedback Hysteresis
(MAX1920)
VHYS
5mV
FB Bias Current (MAX1920)
IFB
FB = 1.5V
0.01
0.20
µA
Load Regulation
IOUT = 0 to 400mA
0.005
%/mA
Line Regulation
VIN = 2.5V to 5.5V
0.2
%/V
SHDN Input Voltage High
VIH
1.6
V
SHDN Input Voltage Low
VIL
0.4
V
SHDN Leakage Current
ISHDN
SHDN = GND or IN
0.001
1.000
µA
High-Side Current Limit
ILIMP
525
730
950
mA


Similar Part No. - MAX1920

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1920 MAXIM-MAX1920 Datasheet
93Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A April 30, 2003
MAX1920 MAXIM-MAX1920 Datasheet
95Kb / 4P
   fully assembled and tested Evaluation Kit
Rev 0; 03/02
MAX1920 MAXIM-MAX1920 Datasheet
1Mb / 12P
   Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
2005
MAX1920ETT MAXIM-MAX1920ETT Datasheet
803Kb / 11P
   Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
Rev 3; 8/05
MAX1920ETT+T MAXIM-MAX1920ETT+T Datasheet
1Mb / 12P
   Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
2005
More results

Similar Description - MAX1920

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1921EUT25-T MAXIM-MAX1921EUT25-T Datasheet
803Kb / 11P
   Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
Rev 3; 8/05
MAX1920 MAXIM-MAX1920_V01 Datasheet
1Mb / 12P
   Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
2005
MAX1733 MAXIM-MAX1733 Datasheet
265Kb / 8P
   Low-Voltage, Step-Down DC-DC Converters in SOT23
19-1586; Rev 0; 7/00
logo
Torex Semiconductor
XC9244 TOREX-XC9244 Datasheet
585Kb / 24P
   400mA Synchronous Step-Down DC/DC Converters
XCL208 TOREX-XCL208 Datasheet
824Kb / 22P
   400mA Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
logo
Linear Technology
LTC3523 LINER-LTC3523_15 Datasheet
263Kb / 16P
   Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
LTC3523-2 LINER-LTC3523-2_15 Datasheet
263Kb / 16P
   Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
LTC3523 LINER-LTC3523 Datasheet
252Kb / 16P
   Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
logo
Maxim Integrated Produc...
MAX20021 MAXIM-MAX20021_V01 Datasheet
947Kb / 16P
   Automotive Quad, Low-Voltage Step-Down DC-DC Converters
2014
logo
Skyworks Solutions Inc.
AAT1130 SKYWORKS-AAT1130 Datasheet
2Mb / 18P
   2.5MHz 400mA Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com