Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX187BEWE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX187BEWE
Description  5V, Low-Power, 12-Bit Serial ADCs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX187BEWE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX187BEWE Datasheet HTML 5Page - Maxim Integrated Products MAX187BEWE Datasheet HTML 6Page - Maxim Integrated Products MAX187BEWE Datasheet HTML 7Page - Maxim Integrated Products MAX187BEWE Datasheet HTML 8Page - Maxim Integrated Products MAX187BEWE Datasheet HTML 9Page - Maxim Integrated Products MAX187BEWE Datasheet HTML 10Page - Maxim Integrated Products MAX187BEWE Datasheet HTML 11Page - Maxim Integrated Products MAX187BEWE Datasheet HTML 12Page - Maxim Integrated Products MAX187BEWE Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Track/Hold
In track mode, the analog signal is acquired and stored
in the internal hold capacitor. In hold mode, the T/H
switch opens and maintains a constant input to the
ADC’s SAR section.
During acquisition, the analog input AIN charges
capacitor CHOLD. Bringing CS low ends the acquisition
interval. At this instant, the T/H switches the input side
of CHOLD to GND. The retained charge on CHOLD rep-
resents a sample of the input, unbalancing the node
ZERO at the comparator’s input.
In hold mode, the capacitive DAC adjusts during the
remainder of the conversion cycle to restore node
ZERO to 0V within the limits of a 12-bit resolution. This
action is equivalent to transferring a charge from
CHOLD to the binary-weighted capacitive DAC, which in
turn forms a digital representation of the analog input
signal. At the conversion’s end, the input side of CHOLD
switches back to AIN, and CHOLD charges to the input
signal again.
The time required for the T/H to acquire an input signal
is a function of how quickly its input capacitance is
charged. If the input signal’s source impedance is
high, the acquisition time lengthens and more time
must be allowed between conversions. Acquisition time
is calculated by:
tACQ = 9 (RS + RIN) 16pF,
where RIN = 5kΩ, RS = the source impedance of the
input signal, and tACQ is never less than 1.5µs. Source
impedances below 5k
Ω do not significantly affect the
AC performance of the ADC.
+5V, Low-Power, 12-Bit Serial ADCs
_______________________________________________________________________________________
9
AIN
TRACK INPUT
HOLD
CPACKAGE
GND
TRACK
HOLD
5k
RIN
CHOLD
16pF
-+
CSWITCH
COMPARATOR
ZERO
REF
12-BIT CAPACITIVE DAC
AT THE SAMPLING INSTANT,
THE INPUT SWITCHES FROM
AIN TO GND.
ON
OFF
SHUTDOWN
INPUT
ANALOG INPUT
0V TO +5V
+5V
1
2
3
4
VDD
AIN
SHDN
REF
8
7
6
5
SCLK
CS
DOUT
GND
SERIAL
INTERFACE
0.1
µF
4.7
µF
0.1
µF
REFERENCE
INPUT
MAX189
ON
OFF
SHUTDOWN
INPUT
ANALOG INPUT
0V TO +5V
+5V
1
2
3
4
VDD
AIN
SHDN
REF
8
7
6
5
SCLK
CS
DOUT
GND
SERIAL
INTERFACE
4.7
µF
4.7
µF
0.1
µF
MAX187
Figure 3a. MAX187 Operational Diagram
Figure 3b. MAX189 Operational Diagram
Figure 4. Equivalent Input Circuit


Similar Part No. - MAX187BEWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX187BEWE++ MAXIM-MAX187BEWE+ Datasheet
459Kb / 18P
   5V, Low-Power, 12-Bit Serial ADCs
2012
More results

Similar Description - MAX187BEWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX187 MAXIM-MAX187_V01 Datasheet
459Kb / 18P
   5V, Low-Power, 12-Bit Serial ADCs
2012
MAX1270BCAI MAXIM-MAX1270BCAI Datasheet
814Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1270 MAXIM-MAX1270 Datasheet
808Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
MAX11661 MAXIM-MAX11661 Datasheet
1Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 1; 1/11
MAX11661_1111 MAXIM-MAX11661_1111 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 3; 11/11
MAX11661_1204 MAXIM-MAX11661_1204 Datasheet
2Mb / 28P
   500ksps, Low-Power,Serial 12-/10-/8-Bit ADCs
Rev 5; 4/12
MAX11102 MAXIM-MAX11102_V01 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com