Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1927REUB Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1927REUB
Description  Low-Output-Voltage, 800mA, PWM Step-Down DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1927REUB Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1927REUB Datasheet HTML 1Page - Maxim Integrated Products MAX1927REUB Datasheet HTML 2Page - Maxim Integrated Products MAX1927REUB Datasheet HTML 3Page - Maxim Integrated Products MAX1927REUB Datasheet HTML 4Page - Maxim Integrated Products MAX1927REUB Datasheet HTML 5Page - Maxim Integrated Products MAX1927REUB Datasheet HTML 6Page - Maxim Integrated Products MAX1927REUB Datasheet HTML 7Page - Maxim Integrated Products MAX1927REUB Datasheet HTML 8Page - Maxim Integrated Products MAX1927REUB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX1927/MAX1928 800mA step-down converters
power low-voltage microprocessors in compact equip-
ment requiring the highest possible efficiency. The
MAX1927/MAX1928 are optimized for generating low
output voltages (down to 750mV) at high efficiency
using small external components. The supply voltage
range is from 2.6V to 5.5V and the guaranteed minimum
output current is 800mA. 1MHz pulse-width modulation
(PWM) switching allows for small external components.
A unique control scheme minimizes ripple at light loads,
while maintaining a low 140µA quiescent current.
The MAX1927/MAX1928 include a low on-resistance
internal MOSFET switch and synchronous rectifier to
maximize efficiency and minimize external component
count. No external diode is needed. 100% duty-cycle
operation allows for a dropout voltage of only 340mV at
800mA. Other features include internal soft-start,
power-OK (POK) output, and selectable forced PWM
operation for lower noise at all load currents.
The MAX1928 is available with several preset output
voltages: 1.5V (MAX1928-15), 1.8V (MAX1928-18), and
2.5V (MAX1928-25). The MAX1927R has adjustable
output range down to 0.75V. The MAX1927/MAX1928
are available in a tiny 10-pin µMAX package.
Applications
WCDMA Handsets
PDAs and Palmtops
DSP Core Power
Battery-Powered Equipment
Features
o 800mA Output Current
o Output Voltages from 0.75V to 5V
o 2.6V to 5.5V Input Voltage Range
o Power-OK Output
o No Schottky Diode Required
o Selectable Forced PWM Operation
o 1MHz Fixed-Frequency PWM Operation
o 140µA Quiescent Current
o Soft-Start
o 10-Pin µMAX Package
Low-Output-Voltage, 800mA, PWM Step-Down
DC-DC Converters
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
BATT
COMP
GND
REF
PGND
LX
POK
FB
VIN
2.6V TO 5.5V
C1
C2
CC
RC
L1
VOUT
0.75V AT 800mA
SHDN
PWM
MAX1927R
Cf
Typical Operating Circuit
19-2527; Rev 0; 7/02
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
PRESET
OUTPUT
VOLTAGE
TEMP
RANGE
PIN-
PACKAGE
MAX1927REUB
Adj. to 0.75V -40
°C to +85°C 10 µMAX
MAX1928EUB15
1.5V
-40
°C to +85°C 10 µMAX
MAX1928EUB18
1.8V
-40
°C to +85°C 10 µMAX
MAX1928EUB25
2.5V
-40
°C to +85°C 10 µMAX
1
2
3
4
5
10
9
8
7
6
POK
BATT
LX
PGND
FB
REF
GND
PWM
MAX1927R
MAX1928
µMAX
TOP VIEW
COMP
SHDN
Pin Configuration


Similar Part No. - MAX1927REUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX192 MAXIM-MAX192 Datasheet
201Kb / 24P
   Low-Power, 8-Channel, Serial 10-Bit ADC
Rev 1; 6/02
MAX1920 MAXIM-MAX1920 Datasheet
370Kb / 9P
   Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
Rev 1; 7/02
MAX1920 MAXIM-MAX1920 Datasheet
93Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A April 30, 2003
MAX1920 MAXIM-MAX1920 Datasheet
95Kb / 4P
   fully assembled and tested Evaluation Kit
Rev 0; 03/02
MAX1920 MAXIM-MAX1920 Datasheet
1Mb / 12P
   Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
2005
More results

Similar Description - MAX1927REUB

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM2301 PAM-PAM2301 Datasheet
902Kb / 13P
   800mA Step-Down DC-DC Converters
logo
Torex Semiconductor
XC6375 TOREX-XC6375 Datasheet
34Kb / 4P
   PWM Controlled, Step down DC/DC Converters
XC9201 TOREX-XC9201 Datasheet
341Kb / 20P
   PWM Controlled Step-Down DC/DC Converters
logo
Richtek Technology Corp...
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
   1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
logo
Torex Semiconductor
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
logo
Micrel Semiconductor
MIC2230 MICREL-MIC2230_10 Datasheet
1Mb / 18P
   Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
logo
Torex Semiconductor
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
   PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
logo
Micrel Semiconductor
MIC2238 MICREL-MIC2238 Datasheet
786Kb / 16P
   Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
logo
Maxim Integrated Produc...
MAX1733 MAXIM-MAX1733 Datasheet
265Kb / 8P
   Low-Voltage, Step-Down DC-DC Converters in SOT23
19-1586; Rev 0; 7/00
MAX20021 MAXIM-MAX20021_V01 Datasheet
947Kb / 16P
   Automotive Quad, Low-Voltage Step-Down DC-DC Converters
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com