Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1927REUB Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1927REUB
Description  Low-Output-Voltage, 800mA, PWM Step-Down DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1927REUB Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1927REUB Datasheet HTML 1Page - Maxim Integrated Products MAX1927REUB Datasheet HTML 2Page - Maxim Integrated Products MAX1927REUB Datasheet HTML 3Page - Maxim Integrated Products MAX1927REUB Datasheet HTML 4Page - Maxim Integrated Products MAX1927REUB Datasheet HTML 5Page - Maxim Integrated Products MAX1927REUB Datasheet HTML 6Page - Maxim Integrated Products MAX1927REUB Datasheet HTML 7Page - Maxim Integrated Products MAX1927REUB Datasheet HTML 8Page - Maxim Integrated Products MAX1927REUB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Low-Output-Voltage, 800mA, PWM Step-Down
DC-DC Converters
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VBATT = 3.6V, SHDN = BATT, CREF = 0.1µF, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
N-Channel Synchronous Rectifier Turn-Off
Threshold
20
mA
LX Leakage Current
VBATT = 5.5V, LX = GND or BATT
-20
0.1
+20
µA
Maximum Duty Cycle
100
%
PWM = GND
0
Minimum Duty Cycle
PWM = BATT
15
%
Internal Oscillator Frequency
0.85
1
1.15
MHz
Thermal Shutdown Threshold
15°C hysteresis
160
Degrees
POK COMPARATOR
BATT Operating Voltage Range
IPOK = 0.1 mA
1
5.5
V
Output Low Voltage
VFB = 0.5V, IPOK = 1mA
0.01
0.1
V
Output High Leakage Current
VPOK = 5.5V
1
µA
MAX1927R
0.650
0.675
0.700
MAX1928-15
1.305
1.350
1.395
MAX1928-18
1.566
1.620
1.674
POK Threshold
MAX1928-25
2.175
2.250
2.325
V
Output Valid to POK Release Delay
POK transitions to high impedance 20ms
after VFB > VPOK
15
20
25
ms
LOGIC INPUTS (SHDN, PWM)
Logic Input High
2.6V < VBATT < 5.5 V
1.6
V
Logic Input Low
2.6V < VBATT < 5.5 V
0.6
V
Logic Input Current
VBATT = 5.5V
0.1
1
µA
ELECTRICAL CHARACTERISTICS
(VBATT = 3.6V, SHDN = BATT, CREF = 0.1µF, TA = -40°C to +85°C, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
MAX
UNITS
BATT Input Voltage
2.6
5.5
V
Undervoltage Lockout Threshold
VBATT rising or falling (35mV hysteresis)
2.15
2.55
V
Quiescent Current
No load, pulse skipping, PWM = GND
240
µA
Quiescent Current in Dropout
340
µA
Shutdown Supply Current
SHDN = GND
10
µA
REFERENCE AND ERROR AMP
MAX1927R
0.732
0.768
MAX1928-15
1.47
1.53
MAX1928-18
1.764
1.836
FB Voltage Accuracy
MAX1928-25
2.45
2.55
V
FB Input Current
MAX1928
5
15
µA


Similar Part No. - MAX1927REUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX192 MAXIM-MAX192 Datasheet
201Kb / 24P
   Low-Power, 8-Channel, Serial 10-Bit ADC
Rev 1; 6/02
MAX1920 MAXIM-MAX1920 Datasheet
370Kb / 9P
   Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
Rev 1; 7/02
MAX1920 MAXIM-MAX1920 Datasheet
93Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A April 30, 2003
MAX1920 MAXIM-MAX1920 Datasheet
95Kb / 4P
   fully assembled and tested Evaluation Kit
Rev 0; 03/02
MAX1920 MAXIM-MAX1920 Datasheet
1Mb / 12P
   Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
2005
More results

Similar Description - MAX1927REUB

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM2301 PAM-PAM2301 Datasheet
902Kb / 13P
   800mA Step-Down DC-DC Converters
logo
Torex Semiconductor
XC6375 TOREX-XC6375 Datasheet
34Kb / 4P
   PWM Controlled, Step down DC/DC Converters
XC9201 TOREX-XC9201 Datasheet
341Kb / 20P
   PWM Controlled Step-Down DC/DC Converters
logo
Richtek Technology Corp...
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
   1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
logo
Torex Semiconductor
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
logo
Micrel Semiconductor
MIC2230 MICREL-MIC2230_10 Datasheet
1Mb / 18P
   Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
logo
Torex Semiconductor
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
   PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
logo
Micrel Semiconductor
MIC2238 MICREL-MIC2238 Datasheet
786Kb / 16P
   Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
logo
Maxim Integrated Produc...
MAX1733 MAXIM-MAX1733 Datasheet
265Kb / 8P
   Low-Voltage, Step-Down DC-DC Converters in SOT23
19-1586; Rev 0; 7/00
MAX20021 MAXIM-MAX20021_V01 Datasheet
947Kb / 16P
   Automotive Quad, Low-Voltage Step-Down DC-DC Converters
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com