Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1932 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1932
Description  Digitally Controlled, 0.5% Accurate, Safest APD Bias Supply
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1932 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1932 Datasheet HTML 5Page - Maxim Integrated Products MAX1932 Datasheet HTML 6Page - Maxim Integrated Products MAX1932 Datasheet HTML 7Page - Maxim Integrated Products MAX1932 Datasheet HTML 8Page - Maxim Integrated Products MAX1932 Datasheet HTML 9Page - Maxim Integrated Products MAX1932 Datasheet HTML 10Page - Maxim Integrated Products MAX1932 Datasheet HTML 11Page - Maxim Integrated Products MAX1932 Datasheet HTML 12Page - Maxim Integrated Products MAX1932 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ware by the system through the on-chip DAC, but can
also be accomplished in hardware using an external
thermistor or IC temperature sensor. Figure 8 shows
how an NTC thermistor can be connected to make the
bias voltage increase with temperature.
PC Board Layout and Grounding
Careful PC board layout is important for minimizing
ground bounce and noise. In addition, keep all connec-
tions to FB as a short as possible. In particular, locate
feedback resistors (R5, R6, and R8) as close to FB as
possible. Use wide, short traces to interconnect large
current paths for N1, D1, L1, C1, C2. Do not share
these connections with other signal paths. Refer to the
MAX1932 EV kit for a PC board layout example.
Chip Information
TRANSISTOR COUNT: 1592
PROCESS: BICMOS
Digitally Controlled, 0.5% Accurate, Safest APD
Bias Supply
_______________________________________________________________________________________
9
VIN, VOUT, IOUT(MAX)
INDUCTOR L1
(µH)
CSNS
C2 (µF)
RSNS
R1 (
Ω)
COUT
C3 (µF)
RCOMP
R7 (k
Ω)
CCOMP
C4 (µF)
5VIN, 40-90VOUT at 2.5mA
100
0.047
806
0.1
20
0.22
5VIN, 20-60VOUT at 2.5mA
150
0.10
806
0.047
15
0.22
5VIN, 20-60VOUT at 5mA
82
0.22
392
0.10
10
0.47
3VIN, 40-90VOUT at 2.5mA
33
0.047
806
0.1
20
0.22
3VIN, 4.5-15VOUT at 2.5mA
220
0.47
806
0.01
7.5
0.47
Table 1. Compensation Components for Typical Circuits (Figure 2)


Similar Part No. - MAX1932

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1930 MAXIM-MAX1930 Datasheet
287Kb / 7P
   Current-Limited Switch for Two USB Ports
Rev 2; 11/02
MAX1930ESA MAXIM-MAX1930ESA Datasheet
287Kb / 7P
   Current-Limited Switch for Two USB Ports
Rev 2; 11/02
MAX1931 MAXIM-MAX1931 Datasheet
214Kb / 8P
   Current-Limited Switch for Single USB Port
Rev 0; 4/02
MAX1931EUB MAXIM-MAX1931EUB Datasheet
214Kb / 8P
   Current-Limited Switch for Single USB Port
Rev 0; 4/02
MAX1935 MAXIM-MAX1935 Datasheet
245Kb / 10P
   500mA, Low-Voltage Linear Regulator in Tiny QFN
Rev 0; 10/02
More results

Similar Description - MAX1932

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX749 MAXIM-MAX749 Datasheet
105Kb / 12P
   Digitally Adjustable LCD Bias Supply
Rev 1; 2/95
logo
Sensortechnics GmbH
AD800-8TO SENSORTECHNICS-AD800-8TO Datasheet
405Kb / 2P
   APD with 0.5 mm짼 active area
AD800-9TO SENSORTECHNICS-AD800-9TO Datasheet
202Kb / 2P
   APD with 0.5 mm짼 active area
logo
List of Unclassifed Man...
BPH05-08-00 ETC2-BPH05-08-00 Datasheet
816Kb / 3P
   BIAS 1/2 Watt Power Supply BPH 0.5 Series
BPSX05-08-00 ETC2-BPSX05-08-00 Datasheet
827Kb / 3P
   BIAS 1/2 Watt Power Supply BPSX 0.5 Series
BPW05-08-00 ETC2-BPW05-08-00 Datasheet
268Kb / 6P
   BIAS 1/2 Watt Power Supply BPW 0.5 Series
BPWX05-08-00 ETC2-BPWX05-08-00 Datasheet
828Kb / 3P
   BIAS 1/2 Watt Power Supply BPWX 0.5 Series
logo
Intersil Corporation
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
   Digitally Controlled Potentiometer
July 31, 2014
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com