Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX186DEPP Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX186DEPP
Description  Low-Power, 8-Channel, Serial 12-Bit ADCs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX186DEPP Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX186DEPP Datasheet HTML 4Page - Maxim Integrated Products MAX186DEPP Datasheet HTML 5Page - Maxim Integrated Products MAX186DEPP Datasheet HTML 6Page - Maxim Integrated Products MAX186DEPP Datasheet HTML 7Page - Maxim Integrated Products MAX186DEPP Datasheet HTML 8Page - Maxim Integrated Products MAX186DEPP Datasheet HTML 9Page - Maxim Integrated Products MAX186DEPP Datasheet HTML 10Page - Maxim Integrated Products MAX186DEPP Datasheet HTML 11Page - Maxim Integrated Products MAX186DEPP Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
_______________Detailed Description
The MAX186/MAX188 use a successive-approximation
conversion technique and input track/hold (T/H) circuit-
ry to convert an analog signal to a 12-bit digital output.
A flexible serial interface provides easy interface to
microprocessors. No external hold capacitors are
required. Figure 3 shows the block diagram for the
MAX186/MAX188.
Pseudo-Differential Input
The sampling architecture of the ADC’s analog com-
parator is illustrated in the Equivalent Input Circuit
(Figure 4). In single-ended mode, IN+ is internally
switched to CH0-CH7 and IN- is switched to AGND. In
differential mode, IN+ and IN- are selected from pairs
of CH0/CH1, CH2/CH3, CH4/CH5 and CH6/CH7.
Configure the channels with Table 3 and Table 4.
In differential mode, IN- and IN+ are internally switched
to either one of the analog inputs. This configuration is
pseudo-differential to the effect that only the signal at
IN+ is sampled. The return side (IN-) must remain sta-
ble within ±0.5LSB (±0.1LSB for best results) with
respect to AGND during a conversion. Accomplish this
by connecting a 0.1µF capacitor from AIN- (the select-
ed analog input, respectively) to AGND.
During the acquisition interval, the channel selected as
the positive input (IN+) charges capacitor CHOLD. The
acquisition interval spans three SCLK cycles and ends
on the falling SCLK edge after the last bit of the input
control word has been entered. At the end of the acqui-
sition interval, the T/H switch opens, retaining charge
on CHOLD as a sample of the signal at IN+.
The conversion interval begins with the input multiplex-
er switching CHOLD from the positive input (IN+) to the
negative input (IN-). In single-ended mode, IN- is sim-
ply AGND. This unbalances node ZERO at the input of
the comparator. The capacitive DAC adjusts during the
remainder of the conversion cycle to restore node
ZERO to 0V within the limits of 12-bit resolution. This
action is equivalent to transferring a charge of 16pF x
[(VIN+) - (VIN-)] from CHOLD to the binary-weighted
capacitive DAC, which in turn forms a digital represen-
tation of the analog input signal.
Track/Hold
The T/H enters its tracking mode on the falling clock
edge after the fifth bit of the 8-bit control word has been
shifted in. The T/H enters its hold mode on the falling
clock edge after the eighth bit of the control word has
been shifted in. If the converter is set up for
single-ended inputs, IN- is connected to AGND, and
the converter samples the “+” input. If the converter is
set up for differential inputs, IN- connects to the “-”
input, and the difference of
|IN+ - IN-| is sampled. At
the end of the conversion, the positive input connects
back to IN+, and CHOLD charges to the input signal.
The time required for the T/H to acquire an input signal
is a function of how quickly its input capacitance is
charged. If the input signal’s source impedance is high,
the acquisition time lengthens and more time must be
allowed between conversions. Acquisition time is cal-
culated by:
tAZ = 9 x (RS + RIN) x 16pF,
where RIN = 5kΩ, RS = the source impedance of the
input signal, and tAZ is never less than 1.5µs. Note that
source impedances below 5k
Ω do not significantly
affect the AC performance of the ADC. Higher source
impedances can be used if an input capacitor is con-
nected to the analog inputs, as shown in Figure 5. Note
that the input capacitor forms an RC filter with the input
source impedance, limiting the ADC’s signal bandwidth.
Input Bandwidth
The ADC’s input tracking circuitry has a 4.5MHz
small-signal bandwidth, so it is possible to digitize
high-speed transient events and measure periodic sig-
nals with bandwidths exceeding the ADC’s sampling
rate by using undersampling techniques. To avoid
high-frequency signals being aliased into the frequency
band of interest, anti-alias filtering is recommended.
Low-Power, 8-Channel,
Serial 12-Bit ADCs
8
_______________________________________________________________________________________
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
AGND
CSWITCH
TRACK
T/H
SWITCH
10k
RS
CHOLD
HOLD
12-BIT CAPACITIVE DAC
VREF
ZERO
COMPARATOR
+
16pF
SINGLE-ENDED MODE: IN+ = CHO-CH7, IN– = AGND.
DIFFERENTIAL MODE:
IN+ AND IN– SELECTED FROM PAIRS OF
CH0/CH1, CH2/CH3, CH4/CH5, CH6/CH7.
AT THE SAMPLING INSTANT,
THE MUX INPUT SWITCHES
FROM THE SELECTED IN+
CHANNEL TO THE SELECTED
IN– CHANNEL.
INPUT
MUX
Figure 4. Equivalent Input Circuit


Similar Part No. - MAX186DEPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX186DC/D MAXIM-MAX186DC/D Datasheet
394Kb / 25P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
More results

Similar Description - MAX186DEPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
MAX146 MAXIM-MAX146 Datasheet
198Kb / 24P
   2.7Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev 1; 6/97
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
MAX11129 MAXIM-MAX11129 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit, 8-/16-Channel ADCs
Rev 1; 11/11
MAX11129_V4 MAXIM-MAX11129_V4 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 4; 6/12
MAX11661 MAXIM-MAX11661 Datasheet
1Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 1; 1/11
MAX11661_1111 MAXIM-MAX11661_1111 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 3; 11/11
MAX11661_1204 MAXIM-MAX11661_1204 Datasheet
2Mb / 28P
   500ksps, Low-Power,Serial 12-/10-/8-Bit ADCs
Rev 5; 4/12
MAX11129 MAXIM-MAX11129_12 Datasheet
3Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 3; 4/12
MAX11120 MAXIM-MAX11120 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 0; 12/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com