Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX194ACWE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX194ACWE
Description  14-Bit, 85ksps ADC with 10A Shutdown
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX194ACWE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX194ACWE Datasheet HTML 1Page - Maxim Integrated Products MAX194ACWE Datasheet HTML 2Page - Maxim Integrated Products MAX194ACWE Datasheet HTML 3Page - Maxim Integrated Products MAX194ACWE Datasheet HTML 4Page - Maxim Integrated Products MAX194ACWE Datasheet HTML 5Page - Maxim Integrated Products MAX194ACWE Datasheet HTML 6Page - Maxim Integrated Products MAX194ACWE Datasheet HTML 7Page - Maxim Integrated Products MAX194ACWE Datasheet HTML 8Page - Maxim Integrated Products MAX194ACWE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
14-Bit, 85ksps ADC with 10µA Shutdown
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDDD = VDDA = +5V, VSSD = VSSA = -5V, fCLK = 1.7MHz, VREF = +5V, TA = TMIN to TMAX, unless otherwise noted. Typical
values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDDD to DGND .....................................................................+7V
VDDA to AGND......................................................................+7V
VSSD to DGND.........................................................+0.3V to -6V
VSSA to AGND .........................................................+0.3V to -6V
VDDD to VDDA, VSSD to VSSA ..........................................±0.3V
AIN, REF ....................................(VSSA - 0.3V) to (VDDA + 0.3V)
AGND to DGND ..................................................................±0.3V
Digital Inputs to DGND...............................-0.3V, (VDDA + 0.3V)
Digital Outputs to DGND............................-0.3V, (VDDA + 0.3V)
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 10.53mW/°C above +70°C) ............842mW
Wide SO (derate 9.52mW/°C above +70°C)..................762mW
Ceramic SB (derate 10.53mW/°C above +70°C)...........842mW
Operating Temperature Ranges
MAX194_C_E ........................................................0°C to +70°C
MAX194_E_E .....................................................-40°C to +85°C
MAX194_MDE..................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
16(tCLK)
Unipolar
MAX194B, VREF = 4.75V
MAX194A, VREF = 4.75V
MAX194A
MAX194B
MAX194A, VREF = 4.75V
VSSA = -5.25V to -4.75V, VREF = 4.75V
MAX194B, VREF = 4.75V
VDDA = 4.75V to 5.25V, VREF = 4.75V
CONDITIONS
MHz
1.7
fCLK
Clock Frequency
(Notes 2, 3)
µs
9.4
tCONV
Conversion Time
dB
-90
Peak Spurious Noise
dB
-90
THD
Total Harmonic Distortion
(up to the 5th harmonic)
V
0
VREF
Input Range
dB
65
Power-Supply Rejection
Ratio (VDDA and VSSA only)
65
LSB
±1
DNL
Differential Nonlinearity
Bits
14
RES
Resolution
ppm/°C
0.1
Full-Scale Tempco
LSB
±2
Unipolar Full-Scale Error
±1
Unipolar/Bipolar Offset Tempco
ppm/°C
0.4
±1⁄2
LSB
±1
INL
Integral Nonlinearity
±1
LSB
±2
Unipolar/Bipolar Offset Error
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Unipolar
pF
250
Input Capacitance
dB
82
SINAD
Signal-to-Noise plus Distortion
Ratio
MHz
5
fSCLK
Serial Clock Frequency
Bipolar
Bipolar
125
-VREF
VREF
MAX194B, VREF = 4.75V
MAX194A, VREF = 4.75V
LSB
±4
Bipolar Full-Scale Error
±2
ACCURACY (Note 1)
ANALOG INPUT
DYNAMIC PERFORMANCE (fs = 85kHz, bipolar range AIN = -5V to +5V, 1kHz) (Note 1)


Similar Part No. - MAX194ACWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1940 MAXIM-MAX1940 Datasheet
326Kb / 12P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 0; 7/02
MAX1940 MAXIM-MAX1940 Datasheet
255Kb / 13P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 1; 2/10
MAX1940EEE MAXIM-MAX1940EEE Datasheet
326Kb / 12P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 0; 7/02
MAX1940EEE MAXIM-MAX1940EEE Datasheet
255Kb / 13P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 1; 2/10
MAX1940 MAXIM-MAX1940_10 Datasheet
255Kb / 13P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 1; 2/10
More results

Similar Description - MAX194ACWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX195 MAXIM-MAX195 Datasheet
311Kb / 28P
   16-Bit, 85ksps ADC with 10uA Shutdown
Rev 1; 12/97
MAX11101 MAXIM-MAX11101 Datasheet
3Mb / 19P
   14-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
logo
Linear Technology
LTC1408 LINER-LTC1408 Datasheet
496Kb / 20P
   Channel, 14-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC2351-14 LINER-LTC2351-14 Datasheet
289Kb / 20P
   Channel, 14-Bit, 1.5Msps Simultaneous Sampling ADC with Shutdown
logo
Maxim Integrated Produc...
MAX1062 MAXIM-MAX1062_09 Datasheet
266Kb / 18P
   14-Bit, 5V, 200ksps ADC with 10關A Shutdown
Rev 1; 5/09
MAX1062 MAXIM-MAX1062 Datasheet
377Kb / 17P
   14-Bit, %V, 200ksps ADC with 10關A Shutdown
19-2203; Rev 0; 10/01
logo
Linear Technology
LTC1408 LINER-LTC1408_15 Datasheet
506Kb / 20P
   6 Channel, 14-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC2351-14 LINER-LTC2351-14_15 Datasheet
244Kb / 20P
   6-Channel, 14-Bit, 1.5Msps Simultaneous Sampling ADC with Shutdown
LTC1854 LINER-LTC1854 Datasheet
304Kb / 24P
   8-Channel, 짹10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
LTC1856 LINER-LTC1856_15 Datasheet
639Kb / 24P
   8-Channel, 10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com