Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX194ACWE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX194ACWE
Description  14-Bit, 85ksps ADC with 10A Shutdown
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX194ACWE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX194ACWE Datasheet HTML 3Page - Maxim Integrated Products MAX194ACWE Datasheet HTML 4Page - Maxim Integrated Products MAX194ACWE Datasheet HTML 5Page - Maxim Integrated Products MAX194ACWE Datasheet HTML 6Page - Maxim Integrated Products MAX194ACWE Datasheet HTML 7Page - Maxim Integrated Products MAX194ACWE Datasheet HTML 8Page - Maxim Integrated Products MAX194ACWE Datasheet HTML 9Page - Maxim Integrated Products MAX194ACWE Datasheet HTML 10Page - Maxim Integrated Products MAX194ACWE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
If the power supplies do not settle within the MAX194’s
power-on delay (500ns minimum), power-up calibration
may begin with supply voltages that differ from the final
values and the converter may not be properly calibrat-
ed. If so, recalibrate the converter (pulse RESET low)
before use. For best DC accuracy, calibrate the
MAX194 any time there is a significant change in sup-
ply voltages, temperature, reference voltage, or clock
characteristics (see
External Clock section) because
these parameters affect the DC offset. If linearity is the
only concern, much larger changes in these parame-
ters can be tolerated.
Because the calibration data is stored digitally, there is
no need either to perform frequent conversions to main-
tain accuracy or to recalibrate if the MAX194 has been
held in shutdown for long periods. However, recalibra-
tion is recommended if it is likely that supply voltages or
ambient temperature has significantly changed since
the previous calibration.
Digital Interface
The digital interface pins consist of BP/UP/SHDN, CLK,
SCLK, EOC, CS, CONV, and RESET.
BP/UP/SHDN is a three-level input. Leave it floating to
configure the MAX194’s analog input in bipolar mode
(AIN = -VREF to VREF) or connect it high for a unipolar
input (AIN = 0V to VREF). Bringing BP/UP/SHDN low
places the MAX194 in its 10µA shutdown mode.
A logic low on RESET halts MAX194 operation. The ris-
ing edge of RESET initiates calibration as described in
the
Calibration section above.
Begin a conversion by bringing CONV low. The convert
signal must be synchronized with CLK. The falling edge
of CONV must occur during the period shown in
Figures 3 and 4. When CLK is not directly controlled by
your processor, two methods of ensuring synchroniza-
tion are to drive CONV from EOC (continuous conver-
sions) or to gate the conversion-start signal with the
conversion clock so that CONV can go low only while
CLK is low (Figure 5). Ensure that the maximum propa-
gation delay through the gate is less than 40ns.
The MAX194 automatically ensures four CLK periods
for track/hold acquisition. If, when CONV is asserted, at
least three clock (CLK) cycles have passed since the
end of the previous conversion, a conversion will begin
on CLK’s next falling edge and EOC will go high on the
following falling CLK edge (Figure 3). After conversion
begins, additional convert start pulses are ignored. If,
when convert is asserted, less than three clock cycles
have passed, a conversion will begin on the fourth
falling clock edge after the end of the previous conver-
14-Bit, 85ksps ADC with 10µA Shutdown
_______________________________________________________________________________________
7
TRACK/HOLD
CLK
CONVERSION
BEGINS
CONVERSION
ENDS
tAQ
*
* THE FALLING EDGE OF CONV MUST OCCUR IN THIS REGION
tCEL
tCW
tCEH
tCC2
tCC1
EOC
CONV
Figure 3. Initiating Conversions—At least 3 CLK cycles since end of previous conversion.


Similar Part No. - MAX194ACWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1940 MAXIM-MAX1940 Datasheet
326Kb / 12P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 0; 7/02
MAX1940 MAXIM-MAX1940 Datasheet
255Kb / 13P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 1; 2/10
MAX1940EEE MAXIM-MAX1940EEE Datasheet
326Kb / 12P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 0; 7/02
MAX1940EEE MAXIM-MAX1940EEE Datasheet
255Kb / 13P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 1; 2/10
MAX1940 MAXIM-MAX1940_10 Datasheet
255Kb / 13P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 1; 2/10
More results

Similar Description - MAX194ACWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX195 MAXIM-MAX195 Datasheet
311Kb / 28P
   16-Bit, 85ksps ADC with 10uA Shutdown
Rev 1; 12/97
MAX11101 MAXIM-MAX11101 Datasheet
3Mb / 19P
   14-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
logo
Linear Technology
LTC1408 LINER-LTC1408 Datasheet
496Kb / 20P
   Channel, 14-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC2351-14 LINER-LTC2351-14 Datasheet
289Kb / 20P
   Channel, 14-Bit, 1.5Msps Simultaneous Sampling ADC with Shutdown
logo
Maxim Integrated Produc...
MAX1062 MAXIM-MAX1062_09 Datasheet
266Kb / 18P
   14-Bit, 5V, 200ksps ADC with 10關A Shutdown
Rev 1; 5/09
MAX1062 MAXIM-MAX1062 Datasheet
377Kb / 17P
   14-Bit, %V, 200ksps ADC with 10關A Shutdown
19-2203; Rev 0; 10/01
logo
Linear Technology
LTC1408 LINER-LTC1408_15 Datasheet
506Kb / 20P
   6 Channel, 14-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC2351-14 LINER-LTC2351-14_15 Datasheet
244Kb / 20P
   6-Channel, 14-Bit, 1.5Msps Simultaneous Sampling ADC with Shutdown
LTC1854 LINER-LTC1854 Datasheet
304Kb / 24P
   8-Channel, 짹10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
LTC1856 LINER-LTC1856_15 Datasheet
639Kb / 24P
   8-Channel, 10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com