Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX186DEWP Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX186DEWP
Description  Low-Power, 8-Channel, Serial 12-Bit ADCs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX186DEWP Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX186DEWP Datasheet HTML 5Page - Maxim Integrated Products MAX186DEWP Datasheet HTML 6Page - Maxim Integrated Products MAX186DEWP Datasheet HTML 7Page - Maxim Integrated Products MAX186DEWP Datasheet HTML 8Page - Maxim Integrated Products MAX186DEWP Datasheet HTML 9Page - Maxim Integrated Products MAX186DEWP Datasheet HTML 10Page - Maxim Integrated Products MAX186DEWP Datasheet HTML 11Page - Maxim Integrated Products MAX186DEWP Datasheet HTML 12Page - Maxim Integrated Products MAX186DEWP Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Full Scale
V REFADJ x A*
Analog Input Range and Input Protection
Internal protection diodes, which clamp the analog
input to VDD and VSS, allow the channel input pins to
swing from VSS - 0.3V to VDD + 0.3V without damage.
However, for accurate conversions near full scale, the
inputs must not exceed VDD by more than 50mV, or be
lower than VSS by 50mV.
If the analog input exceeds 50mV beyond the sup-
plies, do not forward bias the protection diodes of
off-channels over two milliamperes, as excessive
current will degrade the conversion accuracy of the
on-channel.
The full-scale input voltage depends on the voltage at
VREF. See Tables 1a and 1b.
Quick Look
To evaluate the analog performance of the
MAX186/MAX188 quickly, use the circuit of Figure 5.
The MAX186/MAX188 require a control byte to be writ-
ten to DIN before each conversion. Tying DIN to +5V
feeds in control bytes of $FF (HEX), which trigger
Low-Power, 8-Channel,
Serial 12-Bit ADCs
_______________________________________________________________________________________
9
Reference
Zero
Scale
Full Scale
Internal Reference
(MAX186 only)
0V
+4.096V
0V
at VREF
0V
VREF
External Reference
at REFADJ
Reference
Negative
Full Scale
Zero
Scale
Internal Reference
(MAX186 only)
-4.096V/2
0V
External Reference
at REFADJ
-1/2VREFADJ
x A*
0V
at VREF
-1/2 VREF
0V
+4.096V/2
+1/2VREFADJ
x A*
+1/2 VREF
0.1µF
VDD
DGND
AGND
VSS
CS
SCLK
DIN
DOUT
SSTRB
SHDN
+5V
N.C.
0.01µF
CH7
REFADJ
VREF
C2
0.01µF
+2.5V
REFERENCE
C1
4.7µF
D1
1N4148
+5V
0V TO
4.096V
ANALOG
INPUT
+2.5V
**
OSCILLOSCOPE
CH1
CH2
CH3
CH4
* FULL-SCALE ANALOG INPUT, CONVERSION RESULT = $FFF (HEX)
**REQUIRED FOR MAX188 ONLY. A POTENTIOMETER MAY BE USED IN PLACE OF THE REFERENCE FOR TEST PURPOSES.
MAX186
MAX188
+5V
2MHz
OSCILLATOR
SCLK
SSTRB
DOUT*
Figure 5. Quick-Look Circuit
* A = 1.678 for the MAX186, 1.638 for the MAX188
Table 1b. Bipolar Full Scale, Zero Scale, and
Negative Full Scale
Table 1a. Unipolar Full Scale and Zero Scale
* A = 1.678 for the MAX186, 1.638 for the MAX188


Similar Part No. - MAX186DEWP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX186DC/D MAXIM-MAX186DC/D Datasheet
394Kb / 25P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
More results

Similar Description - MAX186DEWP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
MAX146 MAXIM-MAX146 Datasheet
198Kb / 24P
   2.7Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev 1; 6/97
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
MAX11129 MAXIM-MAX11129 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit, 8-/16-Channel ADCs
Rev 1; 11/11
MAX11129_V4 MAXIM-MAX11129_V4 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 4; 6/12
MAX11661 MAXIM-MAX11661 Datasheet
1Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 1; 1/11
MAX11661_1111 MAXIM-MAX11661_1111 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 3; 11/11
MAX11661_1204 MAXIM-MAX11661_1204 Datasheet
2Mb / 28P
   500ksps, Low-Power,Serial 12-/10-/8-Bit ADCs
Rev 5; 4/12
MAX11129 MAXIM-MAX11129_12 Datasheet
3Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 3; 4/12
MAX11120 MAXIM-MAX11120 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 0; 12/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com