Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX192BEWP Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX192BEWP
Description  Low-Power, 8-Channel, Serial 10-Bit ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX192BEWP Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX192BEWP Datasheet HTML 2Page - Maxim Integrated Products MAX192BEWP Datasheet HTML 3Page - Maxim Integrated Products MAX192BEWP Datasheet HTML 4Page - Maxim Integrated Products MAX192BEWP Datasheet HTML 5Page - Maxim Integrated Products MAX192BEWP Datasheet HTML 6Page - Maxim Integrated Products MAX192BEWP Datasheet HTML 7Page - Maxim Integrated Products MAX192BEWP Datasheet HTML 8Page - Maxim Integrated Products MAX192BEWP Datasheet HTML 9Page - Maxim Integrated Products MAX192BEWP Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Low-Power, 8-Channel,
Serial 10-Bit ADCs
6
________________________________________________________________________________________________
+5V
3k
CLOAD
DGND
DOUT
CLOAD
DGND
3k
DOUT
a) High-Z to VOH and VOL to VOH
b) High-Z to VOL and VOH to VOL
+3V
3k
CLOAD
DGND
DOUT
CLOAD
DGND
3k
DOUT
a) VOH to High-Z
b) VOL to High-Z
Figure 1. Load Circuits for Enable Time
Figure 2. Load Circuits for Disabled Time
Pin Description
PIN
NAME
FUNCTION
1–8
CH0–CH7
Sampling Analog Inputs
9, 13
AGND
Analog Ground. Also IN- Input for single-enabled conversions. Connect both AGND pins to
analog ground.
10
SHDN
Three-Level Shutdown Input. Pulling SHDN low shuts the MAX192 down to 10µA (max) supply cur-
rent, otherwise the MAX192 is fully operational. Pulling SHDN high puts the reference-buffer amplifi-
er in internal compensation mode. Letting SHDN float puts the reference-buffer amplifier in external
compensation mode.
11
VREF
Reference Voltage for analog-to-digital conversion. Also, Output of the Reference Buffer Amplifier.
Add a 4.7µF capacitor to ground when using external compensation mode. Also functions as an
input when used with a precision external reference.
12
REFADJ
Reference-Buffer Amplifier Input. To disable the reference-buffer amplifier, tie REFADJ to VDD.
14
DGND
Digital Ground
15
DOUT
Serial Data Output. Data is clocked out at the falling edge of SCLK. High impedance when CS is
high.
16
SSTRB
Serial Strobe Output. In internal clock mode, SSTRB goes low when the MAX192 begins the A/D
conversion and goes high when the conversion is done. In external clock mode, SSTRB pulses high
for one clock period before the MSB decision. SSTRB is high impedance when CS is high
(external mode).
17
DIN
Serial Data Input. Data is clocked in at the rising edge of SCLK.
18
CS
Active-Low Chip Select. Data will not be clocked into DIN unless CS is low. When CS is high, DOUT
is high impedance.
19
SCLK
Serial Clock Input. Clocks data in and out of serial interface. In external clock mode, SCLK also sets
the conversion speed. (Duty cycle must be 40% to 60% in external clock mode.)
20
VDD
Positive Supply Voltage, +5V ±5%


Similar Part No. - MAX192BEWP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX192BEWP MAXIM-MAX192BEWP Datasheet
202Kb / 24P
   Low-Power, 8-Channel, Serial 10-Bit ADC
Rev. 1; 4/97
More results

Similar Description - MAX192BEWP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX192BCPP MAXIM-MAX192BCPP Datasheet
202Kb / 24P
   Low-Power, 8-Channel, Serial 10-Bit ADC
Rev. 1; 4/97
MAX1245 MAXIM-MAX1245 Datasheet
152Kb / 20P
   2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
19-1066; Rev 0; 6/96
MAX1245 MAXIM-MAX1245_09 Datasheet
249Kb / 21P
   2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
Rev 1; 11/09
logo
SONiX Technology Compan...
SNAD02C SONIX-SNAD02C Datasheet
734Kb / 27P
   8-CHANNEL 10-BIT ADC?
logo
Texas Instruments
ADS5275 TI-ADS5275 Datasheet
303Kb / 20P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Maxim Integrated Produc...
MAX1204 MAXIM-MAX1204 Datasheet
170Kb / 24P
   5v, 8-cHANNEL, sERIAL, 10-bIT adc WITH 3v dIGITAL iNTERFACE
19-1179; Rev 0; 1/97
MAX1204 MAXIM-MAX1204_12 Datasheet
236Kb / 23P
   5V, 8-Channel, Serial, 10-Bit ADC with 3V Digital Interface
Rev 1; 1/12
MAX148_V5 MAXIM-MAX148_V5 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 5; 1/12
MAX148 MAXIM-MAX148_V01 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
2012
MAX11129 MAXIM-MAX11129 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit, 8-/16-Channel ADCs
Rev 1; 11/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com