Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1968 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1968
Description  Power Drivers for Peltier TEC Modules
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1968 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1968 Datasheet HTML 7Page - Maxim Integrated Products MAX1968 Datasheet HTML 8Page - Maxim Integrated Products MAX1968 Datasheet HTML 9Page - Maxim Integrated Products MAX1968 Datasheet HTML 10Page - Maxim Integrated Products MAX1968 Datasheet HTML 11Page - Maxim Integrated Products MAX1968 Datasheet HTML 12Page - Maxim Integrated Products MAX1968 Datasheet HTML 13Page - Maxim Integrated Products MAX1968 Datasheet HTML 14Page - Maxim Integrated Products MAX1968 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Power Drivers for Peltier TEC Modules
______________________________________________________________________________________
11
Detailed Description
The MAX1968/MAX1969 TEC drivers consist of two
switching buck regulators that operate together to
directly control TEC current. This configuration creates
a differential voltage across the TEC, allowing bidirec-
tional TEC current for controlled cooling and heating.
Controlled cooling and heating allow accurate TEC
temperature control within the tight tolerances of laser
driver specifications. The voltage at CTLI directly sets
the TEC current. An external thermal-control loop is typ-
ically used to drive CTLI. Figures 1 and 2 show exam-
ples of thermal control-loop circuits.
Ripple Cancellation
Switching
regulators
like
those
used
in
the
MAX1968/MAX1969 inherently create ripple voltage on
the output. The regulators in the MAX1968 switch in
phase and provide complementary in-phase duty cycles
so ripple waveforms at the TEC are greatly reduced. This
feature suppresses ripple currents and electrical noise at
the TEC to prevent interference with the laser diode.
Switching Frequency
FREQ sets the switching frequency of the internal oscil-
lator. With FREQ = GND, the oscillator frequency is set
to 500kHz. The oscillator frequency is 1MHz when
FREQ = VDD.
Voltage and Current-Limit Settings
Both the MAX1968 and MAX1969 provide control of the
maximum differential TEC voltage. Applying a voltage
to MAXV limits the maximum voltage across the TEC.
The MAX1968 provides control of the maximum positive
and negative TEC current. The voltage at MAXIP and
MAXIN sets the maximum positive and negative current
through the TEC. These current limits can be indepen-
dently controlled. The MAX1969 only controls TEC cur-
rent in one direction. The maximum TEC current is
controlled by MAXIP. Connect MAXIN to GND when
using the MAX1969.
Current Monitor Output
ITEC provides a voltage output proportional to the TEC
current (ITEC). See the Functional Diagram for more
detail:
VITEC = 1.5V + 8 x (VOS1 - VCS)
Reference Output
The MAX1968/MAX1969 include an on-chip voltage ref-
erence. The 1.50V reference is accurate to 1% over
temperature. Bypass REF with 1µF to GND. REF may
be used to bias an external thermistor for temperature
sensing as shown in Figures 1 and 2.
Design Procedure
Inductor Selection
Small surface-mount inductors are ideal for use with the
MAX1968/MAX1969. 3.3µH inductors are suitable for
most applications. Select the output inductors so that
the LC resonant frequency of the inductance and the
output capacitance is less than 1/5 the selected switch-
ing frequency. For example, 3.3µH and 1µF have a res-
onance at 87.6kHz, which is adequate for 500kHz
operation
where:
f = resonant frequency of output filter.
Capacitor Selection
Filter Capacitors
Decouple each power-supply input (VDD, PVDD1,
PVDD2) with a 1µF ceramic capacitor close to the supply
pins. In some applications with long distances between
the source supply and the MAX1968/MAX1969, addition-
al bypassing may be needed to stabilize the input sup-
ply. In such cases, a low-ESR electrolytic capacitor of
100µF or more at VDD is usually sufficient.
Compensation Capacitor
A compensation capacitor is needed to ensure current
control-loop stability. Select the capacitor so that the
unity-gain bandwidth of the current control loop is less
than or equal to 1/12th the resonant frequency of the out-
put filter:
where:
f = loop frequency, less than or equal to the output filter
resonant frequency
gm = loop transconductance, typically 100µA/V
CCOMP = value of the compensation capacitor
RTEC = TEC series resistance
RSENSE = sense resistor
Setting Voltage and Current Limits
Certain TEC parameters must be considered to guaran-
tee a robust design. These include maximum positive
current, maximum negative current, and the maximum
voltage allowed across the TEC. These limits should be
used to set the MAXIP, MAXIN, and MAXV voltages.
C
g
f
R
R
COMP
m
TEC
SENSE
≥ 


×
×


2
π
f
LC
=
1
2
π


Similar Part No. - MAX1968

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1968 MAXIM-MAX1968 Datasheet
455Kb / 16P
   Power Drivers for Peltier TEC Modules
Rev 2; 2/07
MAX1968EUI MAXIM-MAX1968EUI Datasheet
455Kb / 16P
   Power Drivers for Peltier TEC Modules
Rev 2; 2/07
MAX1968EUI MAXIM-MAX1968EUI Datasheet
294Kb / 16P
   Power Drivers for Peltier TEC Modules
Rev 3; 5/15
MAX1968 MAXIM-MAX1968_07 Datasheet
455Kb / 16P
   Power Drivers for Peltier TEC Modules
Rev 2; 2/07
MAX1968 MAXIM-MAX1968_15 Datasheet
294Kb / 16P
   Power Drivers for Peltier TEC Modules
Rev 3; 5/15
More results

Similar Description - MAX1968

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1968 MAXIM-MAX1968_07 Datasheet
455Kb / 16P
   Power Drivers for Peltier TEC Modules
Rev 2; 2/07
MAX1968 MAXIM-MAX1968_15 Datasheet
294Kb / 16P
   Power Drivers for Peltier TEC Modules
Rev 3; 5/15
MAX8520 MAXIM-MAX8520_08 Datasheet
337Kb / 18P
   Smallest TEC Power Drivers for Optical Modules
Rev 1; 12/08
MAX8520 MAXIM-MAX8520 Datasheet
605Kb / 19P
   Smallest TEC Power Drivers for Optical Modules
Rev 0; 10/02
MAX8520 MAXIM-MAX8520_11 Datasheet
342Kb / 18P
   Smallest TEC Power Drivers for Optical Modules Low Profile Design
Rev 2; 2/11
MAX1978 MAXIM-MAX1978_10 Datasheet
321Kb / 20P
   Integrated Temperature Controllers for Peltier Modules
Rev 2; 1/10
MAX1978 MAXIM-MAX1978 Datasheet
620Kb / 20P
   Integrated Temperature Controllers for Peltier Modules
19-2490; Rev 0; 7/02
logo
Analog Technologies, In...
TEC14MEV1.0 ANALOGTECHNOLOGIES-TEC14MEV1.0 Datasheet
1Mb / 8P
   Evaluation Board for TEC Controllers
6/9/2022
logo
CUI INC
CP85H CUI-CP85H_17 Datasheet
625Kb / 7P
   PELTIER MODULE
CP40 CUI-CP40 Datasheet
775Kb / 11P
   PELTIER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com