Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACP-4000VB-00A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ACP-4000VB-00A1E
Description  Industrial 4U Hybrid Intelligent Video System
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ACP-4000VB-00A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ACP-4000VB-00A1E Datasheet HTML 1Page - Advantech Co., Ltd. ACP-4000VB-00A1E Datasheet HTML 2Page - Advantech Co., Ltd. ACP-4000VB-00A1E Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Intelligent ARM/x86-based Video Platforms
Features
ACP-4000VS Industrial4UHybridIntelligentVideo
System
Introduction
ACP-4000VS is an industrial hybrid intelligent video system. It provides great flexibility to support both analog and IP cameras with Advantech intelligent surveillance software,
WebAccess+IVS. The embedded OS provides excellent reliability and protection against virus attack. Support analog/digital/IP Cameras with Hybrid structure preview and playback
with motion detection, PTZ control, and HDD video backup. It also supports TCP/IP for preview and playback with full software functions via Internet/Intranet. ACP-4000VS is also
pre-installed with several free bundled intelligent video analysis software to make your surveillance system more intelligent. Advantech's Quality Assurance, and Configure To Order
Services, provide the best reliability for 24/7 operations. The advanced thermal design, and easy to operate user interface make the ACP-4000VS the ideal PC based surveillance
solution for various applications.
Specifications
System
CPU
Core i7-3770S
Cache Memory
8MB
System Chipset
Intel Q67
Memory
4GB DDRIII (Max. Capacity 32GB)
Storage
SSD Driver
1 x 2.5" (16GB) SATA SSD
HDD Driver
1 x 3.5" (3TB) SATA HDD (3 Drive Bay)
Graphic
Chipset Integrated
Integrated Intel HD Graphics
Analog Camera Support
Recording Standard
NTSC/PAL
Video Encoding
H.264
Maximum Frame Rate
30/25fps per channel
Analog Camera Inputs
Up to 32 channels D1/480FPS or 16 channels 1080p/160FPS HW encoder capture card selected
IP Camera Support
Recording Resolutions
Up to 3 Megapixel
Video Encoding
H.264
Maximum Frame Rate
30fps per channel
Camera Inputs
Up to 32 channels D1/480FPS or 16 channels Full HD 1080P/160FPS IP cameras
Inputs and Outputs
Display
VGA+DVI-D
USB
2 x USB 2.0 + 2 x USB 3.0
Network
2 x 10/100/1000 Mbps LAN Ports
Serial
2 x RS232
PS/2
2 (1 x keyboard and 1 x mouse)
Environmental
Operating
Non-Operating
Temperature
0 ~ 40° C (32 ~ 104° F)
-20 ~ 60° C (-4 ~ 140° F)
Humidity
10 ~ 85% @ 40° C, non-condensing
10 ~ 95% @ 40° C, non-condensing
Hardware and Physical
Power
AC 400W, ATX 100VAC ~ 240 VAC
Storage
Up to 3 3TB 3.5" SATA HDD
Dimension (W x H x D)
482 x 177 x 479 mm (19" x 7" x 18.9")
Third Party Integration
SDK Available for 3rd Party
software integration
Supported
ƒ Industrial grade intelligent surveillance system with flexible hybrid system
structure
ƒ Free bundled VMS/CMS and SDK for AP software integration
ƒ Free bundled and optional intelligent video analysis (IVA) software
ƒ Supports analog/digital/IP Cameras with Hybrid structure
ƒ 3 TB HDD for 16-ch of recording for 15 Days (D1@240FPS)
All product specifications are subject to change without notice
Last updated : 15-Jun-2015


Similar Part No. - ACP-4000VB-00A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ACP-4000 ADVANTECH-ACP-4000 Datasheet
1Mb / 2P
   4U Rackmount Chassis with Visible & Audible Alarm Notification
ACP-4000 ADVANTECH-ACP-4000 Datasheet
771Kb / 2P
   Quiet 4U Rackmount Chassis
ACP-4000BP-00CE ADVANTECH-ACP-4000BP-00CE Datasheet
771Kb / 2P
   Quiet 4U Rackmount Chassis
ACP-4000BP-00XE ADVANTECH-ACP-4000BP-00XE Datasheet
1Mb / 2P
   4U Rackmount Chassis with Visible & Audible Alarm Notification
ACP-4000BP-00XE ADVANTECH-ACP-4000BP-00XE Datasheet
2Mb / 2P
   4U Rackmount Chassis with Visual & Audible Alarm Notification
More results

Similar Description - ACP-4000VB-00A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMC-3200VS ADVANTECH-AIMC-3200VS_15 Datasheet
1Mb / 3P
   Compact Size Hybrid Intelligent Video System
PVS-640 ADVANTECH-PVS-640 Datasheet
443Kb / 2P
   Advanced Industrial 4U Rackmount DVR System
NVS-300VS-00A1E ADVANTECH-NVS-300VS-00A1E Datasheet
739Kb / 3P
   Compact Size Intelligent Video Analysis System
logo
Adlink Technology Inc.
CPCIS-P2630R ADLINK-CPCIS-P2630R Datasheet
163Kb / 2P
   4U CompactPCI Hybrid PlusIO System with 5 CompactPCI
logo
Advantech Co., Ltd.
PVS-610E ADVANTECH-PVS-610E Datasheet
913Kb / 2P
   Advanced Industrial 4U
SYS-4U4000-4A03 ADVANTECH-SYS-4U4000-4A03 Datasheet
550Kb / 2P
   4U Intel짰 Core??2 Quad ATX/SBC System with Intelligent Alarm Notification
logo
Adlink Technology Inc.
TRL-40 ADLINK-TRL-40 Datasheet
285Kb / 1P
   4U Server-Grade System
logo
Axiomtek Co., Ltd.
IPC140-501 AXIOMTEK-IPC140-501 Datasheet
236Kb / 1P
   4U Industrial System with LGA1151 Socket 7th/6th Gen Intel짰 Core??Processor
logo
Advantech Co., Ltd.
DVS-640 ADVANTECH-DVS-640 Datasheet
1Mb / 2P
   Industrial grade 4U, Core??2 Duo DVR Platform with Optional Video Capture Card
ESRP-MVS-AIIS3410 ADVANTECH-ESRP-MVS-AIIS3410 Datasheet
523Kb / 2P
   Intelligent Vision Inspection System
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com