Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASR-3472-24A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ASR-3472-24A1E
Description  4U 24-bay Storage Server with Reliable Data Protection and Backup Solution
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ASR-3472-24A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ASR-3472-24A1E Datasheet HTML 1Page - Advantech Co., Ltd. ASR-3472-24A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
ASR-3472
Order Information
Advantech P/N
Description
ASR-3472-24A1E
4U-24Bay Rackmount Storage Server
1960047831N001
Cooler for LGA 1155 processors and TDP up to 95W
Note: Purchasing this CPU cooler from Advantech is a must. Other brands' CPU coolers
may result incompatibility.
Compatible Processors
Advantech P/N
Description
96MPXE-3.5-8M11T
Xeon 3.5G 8M 1155P 4CORE E3-1275V2
96MPXE-3.2-8M11T1
Xeon 3.2G 8M 1155P 4CORE E3-1225V2(G)
96MPI3-3.3-3M11T1
Core 3.3G 3M 1155P 2CORE I3-3220(G)
Front View
Rear View
Optional Parts
Advantech P/N
Description
PCA-TPM-00A1E
TPM Module with Infineon TPM 1.2 solution
1700002204
Dual port USB 2.0 cable (27 cm) with bracket
1700008461
Four port USB 2.0 cable (30.5 cm) with bracket
1700008809
Printer port cable kit
1701090401
COM port cable with bracket
1700020277-01
Dual port USB 3.0 cable with bracket
AIMB-AUDIO-HDA1E
HD Audio-Card
96RC-IBBU07-LS
LSIIBBU07 BATTERY BACKUP UNIT
110.43
212.73
114.67
22.57 128.88
695.80
734.25
237.63
System Reset, Mute
2 USB 2.0
LED Indicators for
Power, System Fail,
and LAN
24x Hot-swappable
3.5" HDD Trays
VGA + Com port
PS/2 Keyboard
and Mouse
Quad LAN/
2 USB 3.0/
2 USB 2.0


Similar Part No. - ASR-3472-24A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ASR-3472-24A1E ADVANTECH-ASR-3472-24A1E Datasheet
1Mb / 2P
   4U 24-bay Storage Server with Reliable Data Protection
More results

Similar Description - ASR-3472-24A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ASR-3472 ADVANTECH-ASR-3472 Datasheet
1Mb / 2P
   4U 24-bay Storage Server with Reliable Data Protection
ASR-3272-12A1E ADVANTECH-ASR-3272-12A1E Datasheet
1Mb / 2P
   2U 12-bay Storage Server with Reliable Data Protection and Backup Solution
ASR-3272 ADVANTECH-ASR-3272 Datasheet
1Mb / 2P
   2U 12-bay Storage Server
ASR-1400 ADVANTECH-ASR-1400 Datasheet
1Mb / 2P
   4U 24-bay Reliable Disk Expansion Enclosure to Fit Industrial Applications
ASR-1400-24A1E ADVANTECH-ASR-1400-24A1E Datasheet
1Mb / 2P
   4U 24-bay Reliable Disk Expansion Enclosure to Fit Industrial Applications
logo
NEC
R110H-1 NEC-R110H-1 Datasheet
1Mb / 2P
   Reliable and Energy Ecient Rack Server for Data Centers
R110I-1 NEC-R110I-1 Datasheet
496Kb / 2P
   Reliable and Energy Effi cient Rack Server for Data Centers
logo
List of Unclassifed Man...
EX52 ETC-EX52 Datasheet
5Mb / 30P
   ExaGrid Tiered Backup Storage
logo
Adlink Technology Inc.
TRL-40 ADLINK-TRL-40 Datasheet
285Kb / 1P
   4U Server-Grade System
logo
Advantech Co., Ltd.
HPC-8424 ADVANTECH-HPC-8424 Datasheet
1Mb / 2P
   4U Storage Chassis for ATX/EATX Serverboard with 24 Hot-swap Drive Bays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com