Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASR-5300I-16A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ASR-5300I-16A1E
Description  3U 16-bay IP-SAN Storage with Reinforced Reliability for Surveillance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ASR-5300I-16A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ASR-5300I-16A1E Datasheet HTML 1Page - Advantech Co., Ltd. ASR-5300I-16A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Storage
Features
ASR-5300I
3U 16-bay IP-SAN Storage with
Reinforced Reliability for Surveillance
ƒ Single Controller Configuration
ƒ 3U16 (LFF) Short-Depth Form-Factor
ƒ Built-in 4 x iSCSI 1Gb/s Host Interface
ƒ Default 2GB Cache, Support up to 16GB
ƒ Max 160 x 3.5"/2.5" SATA/SAS Drives
ƒ Optional BBU/Super-Cap+Flash Module for Cache Backup
ƒ Data Service Functions: Thin Provisioning, Snapshot, Volume Copy & Mirror
Specifications
System
Form Factor
3U 16-Bay (LFF)
Configuration
Single Controller
Number of Drives
16-Bay (3.5")
Drive Type
6 Gb/s SAS, 6 Gb/s SATA
Cache Memory
Default 2 GB, up to 16 GB
JBOD Expansion
Yes, miniSAS
Max Drives
160 x 3.5" drives (with corresponding JBODs)
Default Host
4 x 1Gb/s iSCSI RJ45 Port
RAID Level
0, 1, 3, 5, 6, 10, 30, 50, 60
LUN Number
2048 LUNs
Notification
Email, Fax, LAN broadcast, SNMP traps, SMS, Skype
Data Service
Advanced Function
Thin provisioning
Snapshot (64 images per source volume, max 128 per system )
Volume copy/ mirror (16 source volume x 4 replication pairs, max 64 per system )
Power Supply
Output Wattage
460W Redundant Power (80 Plus)
Input Range
AC 100-240 V
Mechanical
Dimensions
500 x 448 x 130 (mm)
Weights
21.66kg / 47.75lbs (without hard drives)
Environment
Operating
Non-operating
Temperature
0 to 40° C (32 ~ 104° F) without BBU or Super-Cap
-40 to 60° C (-40° F ~ 140° F)
Humidity
5 to 95% non-condensing
5 to 95% non-condensing
All product specifications are subject to change without notice
Last updated : 24-Jun-2015


Similar Part No. - ASR-5300I-16A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ASR-5200E-12A1E ADVANTECH-ASR-5200E-12A1E Datasheet
431Kb / 2P
   High-availability Disk Array Solution for Mission-critical Service with Zero Down Time
ASR-5200E-24A1E ADVANTECH-ASR-5200E-24A1E Datasheet
431Kb / 2P
   High-availability Disk Array Solution for Mission-critical Service with Zero Down Time
More results

Similar Description - ASR-5300I-16A1E

ManufacturerPart #DatasheetDescription
logo
NEC
D4 NEC-D4 Datasheet
880Kb / 2P
   SAN STORAGE
M500 NEC-M500 Datasheet
1Mb / 2P
   SAN Storage Array
logo
Advantech Co., Ltd.
HPC-8316 ADVANTECH-HPC-8316 Datasheet
1Mb / 2P
   3U Storage Chassis for ATX/EATX Serverboard with 16 Hot-swap Drive Bays
HPC-8316 ADVANTECH-HPC-8316_V01 Datasheet
881Kb / 2P
   3U Storage Chassis for ATX/EATX Serverboard with 16 Hot-swap Drive Bays
3-Mar-2021
logo
Western Digital Corpora...
WD10PURX-64D85Y0 WESTERN-WD10PURX-64D85Y0 Datasheet
2Mb / 2P
   WD Purple™ Surveillance Storage
Feb 2014
logo
Silicon Laboratories
SI3406X SILABS-SI3406X Datasheet
1,017Kb / 36P
   Security and surveillance IP cameras
logo
Advantech Co., Ltd.
ASR-3272 ADVANTECH-ASR-3272 Datasheet
1Mb / 2P
   2U 12-bay Storage Server
logo
Level One
FNS-1020 LVL1-FNS-1020 Datasheet
180Kb / 2P
   1-Bay Simple Network Storage
GNS-4001 LVL1-GNS-4001 Datasheet
838Kb / 3P
   4-Bay Gigabit Network Storage
logo
Tripp Lite. All Rights ...
SR16SHELF TRIPPLITE-SR16SHELF Datasheet
175Kb / 2P
   3U Rack-Mount Configurable Storage Shelf for Personal Electronics
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com