Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX197BCWI Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX197BCWI
Description  Multi-Range (짹10V, 짹5V, 10V, 5V), Single 5V, 12-Bit DAS with 84 Bus Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX197BCWI Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX197BCWI Datasheet HTML 1Page - Maxim Integrated Products MAX197BCWI Datasheet HTML 2Page - Maxim Integrated Products MAX197BCWI Datasheet HTML 3Page - Maxim Integrated Products MAX197BCWI Datasheet HTML 4Page - Maxim Integrated Products MAX197BCWI Datasheet HTML 5Page - Maxim Integrated Products MAX197BCWI Datasheet HTML 6Page - Maxim Integrated Products MAX197BCWI Datasheet HTML 7Page - Maxim Integrated Products MAX197BCWI Datasheet HTML 8Page - Maxim Integrated Products MAX197BCWI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Multi-Range (±10V, ±5V, +10V, +5V),
Single +5V, 12-Bit DAS with 8+4 Bus Interface
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 5V ±5%; unipolar/bipolar range; external reference mode, VREF = 4.096V; 4.7µF at REF pin; external clock, fCLK = 2.0MHz
with 50% duty cycle; TA = TMIN to TMAX, unless otherwise noted.)
fCLK = 2.0MHz
TA = +25°C
(Note 5)
Unipolar
CONDITIONS
mA
30
Output Short-Circuit Current
ppm/°C
40
REF Output Tempco
V
4.076
4.096
4.116
VREF
REF Output Voltage
pF
40
Input Capacitance
µs
3
Track/Hold Acquisition Time
05
V
010
Input Voltage Range
(See Table 1)
1.25
-3dB rolloff
2.5
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MHz
5
Small-Signal Bandwidth
2.5
Bipolar
Unipolar
-600
360
0V to 10V range
-1200
720
0V to 5V range
-10V to 10V range
-5V to 5V range
Bipolar
µA
720
Input Current
Unipolar
360
16
k
21
Input Dynamic Resistance
Bipolar
-5
5
-10
10
0mA to 0.5mA output current (Note 6)
mV
7.5
Load Regulation
V
2.465
2.500
2.535
REFADJ Output Voltage
µF
4.7
Capacitive Bypass at REF
With recommended circuit (Figure 1)
%
±1.5
REFADJ Adjustment Range
V/V
1.6384
Buffer Voltage Gain
V
2.4
4.18
Input Voltage Range
µA
400
Input Current
VREF = 4.18V
1
V
VDD - 50mV
REFADJ Threshold for
Buffer Disable
Normal or STANDBY power-down mode
k
10
Input Resistance
FULL power-down mode
5
M
ANALOG INPUT
INTERNAL REFERENCE
REFERENCE INPUT (Buffer disabled, reference input applied to REF pin)
±10V range
±5V range
0V to 10V range
0V to 5V range
Normal or STANDBY
power-down mode
FULL power-down
mode
TC VREF


Similar Part No. - MAX197BCWI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX197 MAXIM-MAX197 Datasheet
199Kb / 14P
   Convenient Test Points Provided On-Board
Rev 1; 7/95
MAX1970 MAXIM-MAX1970 Datasheet
371Kb / 20P
   Dual, 180째 Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
19-2297; Rev 0; 1/02
MAX1970 MAXIM-MAX1970 Datasheet
277Kb / 21P
   Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
Rev 1; 2/09
MAX1970-MAX1972 MAXIM-MAX1970-MAX1972 Datasheet
371Kb / 20P
   Dual, 180째 Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
19-2297; Rev 0; 1/02
MAX19700 MAXIM-MAX19700 Datasheet
541Kb / 37P
   10-Bit, 45Msps, Ultra-Low-Power Analog Front-End
Rev 1; 6/07
More results

Similar Description - MAX197BCWI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX199 MAXIM-MAX199 Datasheet
165Kb / 16P
   Multi-Range (짹4V, 짹2V, 4V, 2V), 5V Supply, 12-Bit DAS with 84 Bus Interface
19-0401; Rev 0; 6/95
MAX127 MAXIM-MAX127 Datasheet
124Kb / 16P
   Multirange, 5V, 12-Bit DAS with 2-Wire Serial Interface
19-4773; Rev 0; 7/98
MAX196 MAXIM-MAX196 Datasheet
165Kb / 16P
   Multirange, Single %V, 12-Bit DAS with 12-Bit Bus Interface
Rev 0; 9/95
MAX1304 MAXIM-MAX1304_V01 Datasheet
2Mb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous- Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
2015
MAX1304 MAXIM-MAX1304 Datasheet
487Kb / 36P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
Rev 3; 8/04
MAX1307 MAXIM-MAX1307 Datasheet
349Kb / 28P
   1075ksps, 12-Bit, Parallel-Output ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
19-3481; Rev 0; 10/04
MAX1304 MAXIM-MAX1304_09 Datasheet
414Kb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 4; 8/09
MAX1304 MAXIM-MAX1304_11 Datasheet
368Kb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 5; 3/11
MAX680 MAXIM-MAX680_V01 Datasheet
1Mb / 9P
   5V to 짹10V Voltage Converters
2019
MAX1202 MAXIM-MAX1202_V01 Datasheet
2Mb / 24P
   5V, 8-Channel, Serial, 12-Bit ADCs with 3V Digital Interface
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com