Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX197BCWI Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX197BCWI
Description  Multi-Range (짹10V, 짹5V, 10V, 5V), Single 5V, 12-Bit DAS with 84 Bus Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX197BCWI Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX197BCWI Datasheet HTML 1Page - Maxim Integrated Products MAX197BCWI Datasheet HTML 2Page - Maxim Integrated Products MAX197BCWI Datasheet HTML 3Page - Maxim Integrated Products MAX197BCWI Datasheet HTML 4Page - Maxim Integrated Products MAX197BCWI Datasheet HTML 5Page - Maxim Integrated Products MAX197BCWI Datasheet HTML 6Page - Maxim Integrated Products MAX197BCWI Datasheet HTML 7Page - Maxim Integrated Products MAX197BCWI Datasheet HTML 8Page - Maxim Integrated Products MAX197BCWI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Multi-Range (±10V, ±5V, +10V, +5V),
Single +5V, 12-Bit DAS with 8+4 Bus Interface
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 5V ±5%; unipolar/bipolar range; external reference mode, VREF = 4.096V; 4.7µF at REF pin; external clock, fCLK = 2.0MHz
with 50% duty cycle; TA = TMIN to TMAX, unless otherwise noted.)
Internal acquisition
3.0
5.0
External reference = 4.096V
After FULLPD or STBYPD
External acquisition (Note 9)
CONDITIONS
Full power-down mode (FULLPD) (Note 7)
5
µs
3.0
tACQI
Acquisition Time
LSB
±1/2
PSRR
Power-Supply Rejection Ratio
(Note 8)
3.0
tACQE
External CLK
µs
V
4.75
5.25
VDD
Supply Voltage
6.0
tCONV
Conversion Time
Internal CLK, CCLK = 100pF
6.0
7.7
10.0
To 0.1mV REF bypass
capacitor fully discharged
ms
8
Reference Buffer Settling
120
60
Normal mode, bipolar ranges
700
850
Normal mode, unipolar ranges
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Standby power-down (STBYPD)
mA
18
IDD
Supply Current
610
µA
Internal reference
±1/2
CCLK = 100pF
MHz
1.25
1.56
2.00
fCLK
Internal Clock Frequency
0.1
2.0
fCLK
External Clock Frequency Range
MHz
External CLK
Internal CLK
Power-up (Note 10)
µs
200
Bandgap Reference
Start-Up Time
External CLK
ksps
100
Throughput Rate
Internal CLK, CCLK = 100pF
62
CREF = 4.7µF
CREF = 33µF
V
2.4
VINH
Input High Voltage
V
0.8
VINL
Input Low Voltage
VIN = 0V or VDD
µA
±10
IIN
Input Leakage Current
(Note 5)
pF
15
CIN
Input Capacitance
VDD = 4.75V, ISINK = 1.6mA
V
0.4
VOL
Output Low Voltage
VDD = 4.75V, ISOURCE = 1mA
V
VDD - 1
VOH
Output High Voltage
(Note 5)
pF
15
COUT
Three-State Output Capacitance
POWER REQUIREMENTS
TIMING
DIGITAL INPUTS (D7–D0, CLK, RD, WR, CS, HBEN, SHDN) (Note 11)
DIGITAL OUTPUTS (D7–D4, D3/D11, D2/D10, D1/D9, D0/D8, INT)


Similar Part No. - MAX197BCWI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX197 MAXIM-MAX197 Datasheet
199Kb / 14P
   Convenient Test Points Provided On-Board
Rev 1; 7/95
MAX1970 MAXIM-MAX1970 Datasheet
371Kb / 20P
   Dual, 180째 Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
19-2297; Rev 0; 1/02
MAX1970 MAXIM-MAX1970 Datasheet
277Kb / 21P
   Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
Rev 1; 2/09
MAX1970-MAX1972 MAXIM-MAX1970-MAX1972 Datasheet
371Kb / 20P
   Dual, 180째 Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
19-2297; Rev 0; 1/02
MAX19700 MAXIM-MAX19700 Datasheet
541Kb / 37P
   10-Bit, 45Msps, Ultra-Low-Power Analog Front-End
Rev 1; 6/07
More results

Similar Description - MAX197BCWI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX199 MAXIM-MAX199 Datasheet
165Kb / 16P
   Multi-Range (짹4V, 짹2V, 4V, 2V), 5V Supply, 12-Bit DAS with 84 Bus Interface
19-0401; Rev 0; 6/95
MAX127 MAXIM-MAX127 Datasheet
124Kb / 16P
   Multirange, 5V, 12-Bit DAS with 2-Wire Serial Interface
19-4773; Rev 0; 7/98
MAX196 MAXIM-MAX196 Datasheet
165Kb / 16P
   Multirange, Single %V, 12-Bit DAS with 12-Bit Bus Interface
Rev 0; 9/95
MAX1304 MAXIM-MAX1304_V01 Datasheet
2Mb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous- Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
2015
MAX1304 MAXIM-MAX1304 Datasheet
487Kb / 36P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
Rev 3; 8/04
MAX1307 MAXIM-MAX1307 Datasheet
349Kb / 28P
   1075ksps, 12-Bit, Parallel-Output ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
19-3481; Rev 0; 10/04
MAX1304 MAXIM-MAX1304_09 Datasheet
414Kb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 4; 8/09
MAX1304 MAXIM-MAX1304_11 Datasheet
368Kb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 5; 3/11
MAX680 MAXIM-MAX680_V01 Datasheet
1Mb / 9P
   5V to 짹10V Voltage Converters
2019
MAX1202 MAXIM-MAX1202_V01 Datasheet
2Mb / 24P
   5V, 8-Channel, Serial, 12-Bit ADCs with 3V Digital Interface
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com