Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX197BCAI Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX197BCAI
Description  Multi-Range (짹10V, 짹5V, 10V, 5V), Single 5V, 12-Bit DAS with 84 Bus Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX197BCAI Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX197BCAI Datasheet HTML 5Page - Maxim Integrated Products MAX197BCAI Datasheet HTML 6Page - Maxim Integrated Products MAX197BCAI Datasheet HTML 7Page - Maxim Integrated Products MAX197BCAI Datasheet HTML 8Page - Maxim Integrated Products MAX197BCAI Datasheet HTML 9Page - Maxim Integrated Products MAX197BCAI Datasheet HTML 10Page - Maxim Integrated Products MAX197BCAI Datasheet HTML 11Page - Maxim Integrated Products MAX197BCAI Datasheet HTML 12Page - Maxim Integrated Products MAX197BCAI Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
The input channels are overvoltage protected to
±16.5V. This protection is active even if the device is in
power-down mode.
Even with VDD = 0V, the input resistive network provides
current-limiting that adequately protects the device.
Digital Interface
Input data (control byte) and output data are multiplexed
on a three-state parallel interface. This parallel I/O can
easily be interfaced with a µP. CS, WR, and RD control
the write and read operations. CS is the standard chip-
select signal, which enables a µP to address the MAX197
as an I/O port. When high, it disables the WR and RD
inputs and forces the interface into a high-Z state.
Input Format
The control byte is latched into the device, on pins
D7–D0, during a write cycle. Table 2 shows the control-
byte format.
Output Data Format
The output data format is binary in unipolar mode and
twos-complement binary in bipolar mode. When read-
ing the output data, CS, and RD must be low. When
HBEN is low, the lower eight bits are read. When HBEN
is high, the upper four MSBs are available and the out-
put data bits D4–D7 are either set low (in unipolar
mode) or set to the value of the MSB (in bipolar mode)
(Table 6).
Multi-Range (±10V, ±5V, +10V, +5V),
Single +5V, 12-Bit DAS with 8+4 Bus Interface
_______________________________________________________________________________________
9
Table 2. Control-Byte Format
D7 (MSB)
D6
D5
D4
D3
D2
D1
D0 (LSB)
PD1
PD0
ACQMOD
RNG
BIP
A2
A1
A0
Table 4. Clock and Power-Down Selection
PD1 PD0
DEVICE MODE
0
0
Normal Operation / External Clock Mode
0
1
Normal Operation / Internal Clock Mode
1
0
Standby Power-Down (STBYPD); clock mode
is unaffected
1
1
Full Power-Down (FULLPD); clock mode is
unaffected
Table 3. Range and Polarity Selection
BIP
RNG
INPUT RANGE (V)
0
0
0 to 5
0
1
0 to 10
1
0
±5
1
1
±10
Table 5. Channel Selection
A2
A1
A0
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
0
0
0
0
0
1
0
1
0
0
1
1
1
0
0
1
0
1
1
1
0
1
1
1
BIT
NAME
DESCRIPTION
7, 6
PD1, PD0
These two bits select the clock and power-down modes (Table 4).
5
ACQMOD
0 = internally controlled acquisition (6 clock cycles), 1 = externally controlled acquisition
4
RNG
Selects the full-scale voltage magnitude at the input (Table 3).
3
BIP
Selects unipolar or bipolar conversion mode (Table 3).
2, 1, 0
A2, A1, A0
These are address bits for the input mux to select the “on” channel (Table 5).


Similar Part No. - MAX197BCAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX197 MAXIM-MAX197 Datasheet
199Kb / 14P
   Convenient Test Points Provided On-Board
Rev 1; 7/95
MAX1970 MAXIM-MAX1970 Datasheet
371Kb / 20P
   Dual, 180째 Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
19-2297; Rev 0; 1/02
MAX1970 MAXIM-MAX1970 Datasheet
277Kb / 21P
   Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
Rev 1; 2/09
MAX1970-MAX1972 MAXIM-MAX1970-MAX1972 Datasheet
371Kb / 20P
   Dual, 180째 Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
19-2297; Rev 0; 1/02
MAX19700 MAXIM-MAX19700 Datasheet
541Kb / 37P
   10-Bit, 45Msps, Ultra-Low-Power Analog Front-End
Rev 1; 6/07
More results

Similar Description - MAX197BCAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX199 MAXIM-MAX199 Datasheet
165Kb / 16P
   Multi-Range (짹4V, 짹2V, 4V, 2V), 5V Supply, 12-Bit DAS with 84 Bus Interface
19-0401; Rev 0; 6/95
MAX127 MAXIM-MAX127 Datasheet
124Kb / 16P
   Multirange, 5V, 12-Bit DAS with 2-Wire Serial Interface
19-4773; Rev 0; 7/98
MAX196 MAXIM-MAX196 Datasheet
165Kb / 16P
   Multirange, Single %V, 12-Bit DAS with 12-Bit Bus Interface
Rev 0; 9/95
MAX1304 MAXIM-MAX1304_V01 Datasheet
2Mb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous- Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
2015
MAX1304 MAXIM-MAX1304 Datasheet
487Kb / 36P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
Rev 3; 8/04
MAX1307 MAXIM-MAX1307 Datasheet
349Kb / 28P
   1075ksps, 12-Bit, Parallel-Output ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
19-3481; Rev 0; 10/04
MAX1304 MAXIM-MAX1304_09 Datasheet
414Kb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 4; 8/09
MAX1304 MAXIM-MAX1304_11 Datasheet
368Kb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 5; 3/11
MAX680 MAXIM-MAX680_V01 Datasheet
1Mb / 9P
   5V to 짹10V Voltage Converters
2019
MAX1202 MAXIM-MAX1202_V01 Datasheet
2Mb / 24P
   5V, 8-Channel, Serial, 12-Bit ADCs with 3V Digital Interface
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com