Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX189BMJA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX189BMJA
Description  5V, Low-Power, 12-Bit Serial ADCs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX189BMJA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX189BMJA Datasheet HTML 1Page - Maxim Integrated Products MAX189BMJA Datasheet HTML 2Page - Maxim Integrated Products MAX189BMJA Datasheet HTML 3Page - Maxim Integrated Products MAX189BMJA Datasheet HTML 4Page - Maxim Integrated Products MAX189BMJA Datasheet HTML 5Page - Maxim Integrated Products MAX189BMJA Datasheet HTML 6Page - Maxim Integrated Products MAX189BMJA Datasheet HTML 7Page - Maxim Integrated Products MAX189BMJA Datasheet HTML 8Page - Maxim Integrated Products MAX189BMJA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
+5V, Low-Power, 12-Bit Serial ADCs
2
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS
(VDD = +5V ±5%; GND = 0V; unipolar input mode; 75ksps, fCLK = 4.0MHz, external clock (50% duty cycle); MAX187—internal
reference: VREF = 4.096V, 4.7µF capacitor at REF pin, or MAX189—external reference: VREF = 4.096V applied to REF pin, 4.7µF
capacitor at REF pin; TA = TMIN to TMAX; unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY (Note 1)
Resolution
12
Bits
MAX18_A
±
1
2
Relative Accuracy (Note 2)
MAX18_B
±1
LSB
MAX18_C
±2
Differential Nonlinearity
DNL
No missing codes over temperature
±1
LSB
Offset Error
MAX18_A
±1
1
2
LSB
MAX18_B/C
±3
Gain Error (Note 3)
MAX187
±3
LSB
MAX189A
±1
MAX189B/C
±3
Gain Temperature Coefficient
External reference, 4.096V
±0.8
ppm/°C
DYNAMIC SPECIFICATIONS (10kHz sine wave input, 0V to 4.096Vp-p, 75ksps)
Signal-to-Noise plus
Distortion Ratio
SINAD
70
dB
Total Harmonic Distortion
(up to the 5th harmonic)
THD
-80
dB
Spurious-Free Dynamic Range
SFDR
80
dB
Small-Signal Bandwidth
Rolloff -3dB
4.5
MHz
Full-Power Bandwidth
0.8
MHz
VDD to GND .............................................................-0.3V to +6V
AIN to GND................................................-0.3V to (VDD + 0.3V)
REF to GND ...............................................-0.3V to (VDD + 0.3V)
Digital Inputs to GND.................................-0.3V to (VDD + 0.3V)
Digital Outputs to GND..............................-0.3V to (VDD + 0.3V)
SHDN to GND.............................................-0.3V to (VDD + 0.3V)
REF Load Current (MAX187) .........................4.0mA Continuous
REF Short-Circuit Duration (MAX187)................................20sec
DOUT Current ..................................................................±20mA
Continuous Power Dissipation (TA = +70°C)
8-Pin Plastic DIP (derate 9.09mW/°C above +70°C) ..500mW
16-Pin Wide SO (derate 8.70mW/°C above +70°C) ...478mW
8-Pin CERDIP (derate 8.00mW/°C above +70°C) ......440mW
Operating Temperature Ranges:
MAX187_C_ _/MAX189_C_ _.............................0°C to +70°C
MAX187_E_ _/MAX189_E_ _ ..........................-40°C to +85°C
MAX187_MJA/MAX189_MJA .......................-55°C to +125°C
Storage Temperature Range............................-60°C to +150°C
Lead Temperature (soldering, 10sec) ............................+300°C
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.


Similar Part No. - MAX189BMJA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX189BCPA++ MAXIM-MAX189BCPA+ Datasheet
459Kb / 18P
   5V, Low-Power, 12-Bit Serial ADCs
2012
MAX189BCWE++ MAXIM-MAX189BCWE+ Datasheet
459Kb / 18P
   5V, Low-Power, 12-Bit Serial ADCs
2012
MAX189BEPA++ MAXIM-MAX189BEPA+ Datasheet
459Kb / 18P
   5V, Low-Power, 12-Bit Serial ADCs
2012
MAX189BEWE++ MAXIM-MAX189BEWE+ Datasheet
459Kb / 18P
   5V, Low-Power, 12-Bit Serial ADCs
2012
More results

Similar Description - MAX189BMJA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX187 MAXIM-MAX187_V01 Datasheet
459Kb / 18P
   5V, Low-Power, 12-Bit Serial ADCs
2012
MAX1270BCAI MAXIM-MAX1270BCAI Datasheet
814Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1270 MAXIM-MAX1270 Datasheet
808Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
MAX11661 MAXIM-MAX11661 Datasheet
1Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 1; 1/11
MAX11661_1111 MAXIM-MAX11661_1111 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 3; 11/11
MAX11661_1204 MAXIM-MAX11661_1204 Datasheet
2Mb / 28P
   500ksps, Low-Power,Serial 12-/10-/8-Bit ADCs
Rev 5; 4/12
MAX11102 MAXIM-MAX11102_V01 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com