Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1G19 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74AUP1G19
Description  Low-power 1-of-2 decoder/demultiplexer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G19 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74AUP1G19_15 Datasheet HTML 4Page - NXP Semiconductors 74AUP1G19_15 Datasheet HTML 5Page - NXP Semiconductors 74AUP1G19_15 Datasheet HTML 6Page - NXP Semiconductors 74AUP1G19_15 Datasheet HTML 7Page - NXP Semiconductors 74AUP1G19_15 Datasheet HTML 8Page - NXP Semiconductors 74AUP1G19_15 Datasheet HTML 9Page - NXP Semiconductors 74AUP1G19_15 Datasheet HTML 10Page - NXP Semiconductors 74AUP1G19_15 Datasheet HTML 11Page - NXP Semiconductors 74AUP1G19_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
74AUP1G19
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 6 November 2014
8 of 20
NXP Semiconductors
74AUP1G19
Low-power 1-of-2 decoder/demultiplexer
11. Dynamic characteristics
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 6.
Symbol Parameter
Conditions
Tamb = 25 C
Tamb =40 C to +125 C
Unit
Min
Typ[1]
Max
Min
Max
(85
C)
Max
(125
C)
CL = 5 pF
tpd
propagation delay A to nY; see Figure 5
[2]
VCC = 0.8 V
-
15.9
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.3
5.3
11.5
2.1
11.9
12.0
ns
VCC = 1.4 V to 1.6 V
2.1
3.8
6.8
2.0
7.5
7.8
ns
VCC = 1.65 V to 1.95 V
1.6
3.1
5.4
1.5
6.1
6.4
ns
VCC = 2.3 V to 2.7 V
1.4
2.3
4.0
1.2
4.2
4.5
ns
VCC = 3.0 V to 3.6 V
1.3
2.0
3.4
1.0
3.8
4.1
ns
E to nY; see Figure 5
[2]
VCC = 0.8 V
-
17.8
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.4
5.8
11.6
2.1
12.0
12.1
ns
VCC = 1.4 V to 1.6 V
2.0
4.2
6.9
1.9
7.5
7.8
ns
VCC = 1.65 V to 1.95 V
1.6
3.4
5.6
1.5
6.2
6.5
ns
VCC = 2.3 V to 2.7 V
1.4
2.6
4.0
1.3
4.5
4.8
ns
VCC = 3.0 V to 3.6 V
1.3
2.2
3.4
1.2
3.7
3.9
ns
CL = 10 pF
tpd
propagation delay A to nY; see Figure 5
[2]
VCC = 0.8 V
-
18.9
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.5
6.2
13.8
2.5
13.9
14.1
ns
VCC = 1.4 V to 1.6 V
2.3
4.5
8.2
2.1
8.5
8.9
ns
VCC = 1.65 V to 1.95 V
2.1
3.7
6.3
2.0
6.8
7.2
ns
VCC = 2.3 V to 2.7 V
1.7
2.9
4.7
1.6
5.0
5.3
ns
VCC = 3.0 V to 3.6 V
1.6
2.6
4.0
1.4
4.4
4.7
ns
E to nY; see Figure 5
[2]
VCC = 0.8 V
-
21.0
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.6
6.7
13.4
2.5
13.9
14.1
ns
VCC = 1.4 V to 1.6 V
2.3
4.8
8.2
2.1
8.8
9.1
ns
VCC = 1.65 V to 1.95 V
2.1
4.0
6.4
1.9
7.0
7.3
ns
VCC = 2.3 V to 2.7 V
1.8
3.1
4.7
1.6
5.1
5.5
ns
VCC = 3.0 V to 3.6 V
1.6
2.8
4.2
1.4
4.4
4.7
ns


Similar Part No. - 74AUP1G19_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G19GF NXP-74AUP1G19GF Datasheet
93Kb / 17P
   Low-power 1-of-2 decoder/demultiplexer
Rev. 01-13 August 2008
74AUP1G19GM NXP-74AUP1G19GM Datasheet
93Kb / 17P
   Low-power 1-of-2 decoder/demultiplexer
Rev. 01-13 August 2008
logo
Nexperia B.V. All right...
74AUP1G19GM NEXPERIA-74AUP1G19GM Datasheet
262Kb / 17P
   Low-power 1-of-2 decoder/demultiplexer
Rev. 7 - 19 January 2022
74AUP1G19GN NEXPERIA-74AUP1G19GN Datasheet
262Kb / 17P
   Low-power 1-of-2 decoder/demultiplexer
Rev. 7 - 19 January 2022
74AUP1G19GS NEXPERIA-74AUP1G19GS Datasheet
262Kb / 17P
   Low-power 1-of-2 decoder/demultiplexer
Rev. 7 - 19 January 2022
More results

Similar Description - 74AUP1G19_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G19 NXP-74AUP1G19 Datasheet
93Kb / 17P
   Low-power 1-of-2 decoder/demultiplexer
Rev. 01-13 August 2008
logo
Nexperia B.V. All right...
74AUP1G19 NEXPERIA-74AUP1G19 Datasheet
262Kb / 17P
   Low-power 1-of-2 decoder/demultiplexer
Rev. 7 - 19 January 2022
logo
ON Semiconductor
NL7SZ19 ONSEMI-NL7SZ19 Datasheet
58Kb / 6P
   1-of-2 Decoder/ Demultiplexer
November, 2004 ??Rev. 4
logo
Nexperia B.V. All right...
74LVC1G19 NEXPERIA-74LVC1G19 Datasheet
244Kb / 16P
   1-of-2 decoder/demultiplexer
Rev. 10 - 27 January 2022
logo
NXP Semiconductors
74LVC1G19 PHILIPS-74LVC1G19 Datasheet
83Kb / 14P
   1-of-2 decoder/demultiplexer
2004 Oct 18
74LVC1G19GW.125 NXP-74LVC1G19GW.125 Datasheet
126Kb / 18P
   1-of-2 decoder/demultiplexer
Rev. 6-6 December 2011
logo
Texas Instruments
SN74LVC1G19 TI-SN74LVC1G19_10 Datasheet
855Kb / 19P
[Old version datasheet]   1-OF-2 DECODER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74LVC1G19-Q100 NEXPERIA-74LVC1G19-Q100 Datasheet
758Kb / 12P
   1-of-2 decoder/demultiplexer
logo
Texas Instruments
SN74LVC1G19 TI-SN74LVC1G19 Datasheet
216Kb / 11P
[Old version datasheet]   1-OF-2 DECODER/DEMULTIPLEXER
SN74AUC1G19 TI-SN74AUC1G19 Datasheet
335Kb / 12P
[Old version datasheet]   1-OF-2 DECODER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com