Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1G19 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74AUP1G19
Description  Low-power 1-of-2 decoder/demultiplexer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G19 Datasheet(HTML) 2 Page - NXP Semiconductors

  74AUP1G19_15 Datasheet HTML 1Page - NXP Semiconductors 74AUP1G19_15 Datasheet HTML 2Page - NXP Semiconductors 74AUP1G19_15 Datasheet HTML 3Page - NXP Semiconductors 74AUP1G19_15 Datasheet HTML 4Page - NXP Semiconductors 74AUP1G19_15 Datasheet HTML 5Page - NXP Semiconductors 74AUP1G19_15 Datasheet HTML 6Page - NXP Semiconductors 74AUP1G19_15 Datasheet HTML 7Page - NXP Semiconductors 74AUP1G19_15 Datasheet HTML 8Page - NXP Semiconductors 74AUP1G19_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
74AUP1G19
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 6 November 2014
2 of 20
NXP Semiconductors
74AUP1G19
Low-power 1-of-2 decoder/demultiplexer
3.
Ordering information
4.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74AUP1G19GW
40 C to +125 C
SC-88
plastic surface-mounted package; 6 leads
SOT363
74AUP1G19GM
40 C to +125 C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
 1.45  0.5 mm
SOT886
74AUP1G19GF
40 C to +125 C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
 1  0.5 mm
SOT891
74AUP1G19GN
40 C to +125 C
XSON6
extremely thin small outline package; no leads;
6 terminals; body 0.9
 1.0  0.35 mm
SOT1115
74AUP1G19GS
40 C to +125 C
XSON6
extremely thin small outline package; no leads;
6 terminals; body 1.0
 1.0  0.35 mm
SOT1202
Table 2.
Marking
Type number
Marking code[1]
74AUP1G19GW
pY
74AUP1G19GM
pY
74AUP1G19GF
pY
74AUP1G19GN
pY
74AUP1G19GS
pY
Fig 1.
Logic symbol


Similar Part No. - 74AUP1G19_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G19GF NXP-74AUP1G19GF Datasheet
93Kb / 17P
   Low-power 1-of-2 decoder/demultiplexer
Rev. 01-13 August 2008
74AUP1G19GM NXP-74AUP1G19GM Datasheet
93Kb / 17P
   Low-power 1-of-2 decoder/demultiplexer
Rev. 01-13 August 2008
logo
Nexperia B.V. All right...
74AUP1G19GM NEXPERIA-74AUP1G19GM Datasheet
262Kb / 17P
   Low-power 1-of-2 decoder/demultiplexer
Rev. 7 - 19 January 2022
74AUP1G19GN NEXPERIA-74AUP1G19GN Datasheet
262Kb / 17P
   Low-power 1-of-2 decoder/demultiplexer
Rev. 7 - 19 January 2022
74AUP1G19GS NEXPERIA-74AUP1G19GS Datasheet
262Kb / 17P
   Low-power 1-of-2 decoder/demultiplexer
Rev. 7 - 19 January 2022
More results

Similar Description - 74AUP1G19_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G19 NXP-74AUP1G19 Datasheet
93Kb / 17P
   Low-power 1-of-2 decoder/demultiplexer
Rev. 01-13 August 2008
logo
Nexperia B.V. All right...
74AUP1G19 NEXPERIA-74AUP1G19 Datasheet
262Kb / 17P
   Low-power 1-of-2 decoder/demultiplexer
Rev. 7 - 19 January 2022
logo
ON Semiconductor
NL7SZ19 ONSEMI-NL7SZ19 Datasheet
58Kb / 6P
   1-of-2 Decoder/ Demultiplexer
November, 2004 ??Rev. 4
logo
Nexperia B.V. All right...
74LVC1G19 NEXPERIA-74LVC1G19 Datasheet
244Kb / 16P
   1-of-2 decoder/demultiplexer
Rev. 10 - 27 January 2022
logo
NXP Semiconductors
74LVC1G19 PHILIPS-74LVC1G19 Datasheet
83Kb / 14P
   1-of-2 decoder/demultiplexer
2004 Oct 18
74LVC1G19GW.125 NXP-74LVC1G19GW.125 Datasheet
126Kb / 18P
   1-of-2 decoder/demultiplexer
Rev. 6-6 December 2011
logo
Texas Instruments
SN74LVC1G19 TI-SN74LVC1G19_10 Datasheet
855Kb / 19P
[Old version datasheet]   1-OF-2 DECODER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74LVC1G19-Q100 NEXPERIA-74LVC1G19-Q100 Datasheet
758Kb / 12P
   1-of-2 decoder/demultiplexer
logo
Texas Instruments
SN74LVC1G19 TI-SN74LVC1G19 Datasheet
216Kb / 11P
[Old version datasheet]   1-OF-2 DECODER/DEMULTIPLEXER
SN74AUC1G19 TI-SN74AUC1G19 Datasheet
335Kb / 12P
[Old version datasheet]   1-OF-2 DECODER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com