Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1G34 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74AUP1G34
Description  Low-power buffer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G34 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74AUP1G34_15 Datasheet HTML 4Page - NXP Semiconductors 74AUP1G34_15 Datasheet HTML 5Page - NXP Semiconductors 74AUP1G34_15 Datasheet HTML 6Page - NXP Semiconductors 74AUP1G34_15 Datasheet HTML 7Page - NXP Semiconductors 74AUP1G34_15 Datasheet HTML 8Page - NXP Semiconductors 74AUP1G34_15 Datasheet HTML 9Page - NXP Semiconductors 74AUP1G34_15 Datasheet HTML 10Page - NXP Semiconductors 74AUP1G34_15 Datasheet HTML 11Page - NXP Semiconductors 74AUP1G34_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
74AUP1G34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 6 — 28 June 2012
8 of 20
NXP Semiconductors
74AUP1G34
Low-power buffer
11. Dynamic characteristics
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 9.
Symbol Parameter
Conditions
Tamb = 25
°C
Tamb =
−40 °C to +125 °C
Unit
Min Typ[1] Max
Min
Max
(85
°C)
Min
Max
(125
°C)
CL = 5 pF
tpd
propagation
delay
A to Y; see Figure 8
[2]
VCC = 0.8 V
-
15.0
-
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.6
4.7
9.2
2.0
10.0
2.0
11.0
ns
VCC = 1.4 V to 1.6 V
2.1
3.4
5.7
1.6
6.5
1.6
7.2
ns
VCC = 1.65 V to 1.95 V
1.8
2.9
4.5
1.4
5.2
1.4
5.8
ns
VCC = 2.3 V to 2.7 V
1.5
2.3
3.5
1.2
4.2
1.2
4.6
ns
VCC = 3.0 V to 3.6 V
1.4
2.1
3.2
1.0
3.8
1.0
4.2
ns
CL = 10 pF
tpd
propagation
delay
A to Y; see Figure 8
[2]
VCC = 0.8 V
-
18.4
-
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.2
5.6
10.9
2.3
11.8
2.3
13.1
ns
VCC = 1.4 V to 1.6 V
2.6
4.1
6.7
1.9
7.7
1.9
8.5
ns
VCC = 1.65 V to 1.95 V
2.3
3.4
5.3
1.7
6.2
1.7
6.9
ns
VCC = 2.3 V to 2.7 V
2.0
2.9
4.2
1.5
5.0
1.5
5.5
ns
VCC = 3.0 V to 3.6 V
1.7
2.6
3.8
1.4
4.6
1.4
5.1
ns
CL = 15 pF
tpd
propagation
delay
A to Y; see Figure 8
[2]
VCC = 0.8 V
-
21.9
-
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.6
6.4
12.6
2.6
13.8
2.6
15.2
ns
VCC = 1.4 V to 1.6 V
3.0
4.6
7.6
2.2
8.9
2.2
9.8
ns
VCC = 1.65 V to 1.95 V
2.6
3.9
6.0
2.0
7.2
2.0
7.9
ns
VCC = 2.3 V to 2.7 V
2.3
3.3
4.8
1.8
5.7
1.8
6.3
ns
VCC = 3.0 V to 3.6 V
2.1
3.1
4.2
1.6
5.0
1.6
5.5
ns
CL = 30 pF
tpd
propagation
delay
A to Y; see Figure 8
[2]
VCC = 0.8 V
-
32.1
-
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
4.8
8.7
16.3
3.6
18.9
3.6
20.8
ns
VCC = 1.4 V to 1.6 V
4.0
6.2
10.3
3.4
12.2
3.4
13.4
ns
VCC = 1.65 V to 1.95 V
3.6
5.2
8.1
3.2
9.8
3.2
10.8
ns
VCC = 2.3 V to 2.7 V
3.0
4.4
6.4
2.7
7.7
2.7
8.5
ns
VCC = 3.0 V to 3.6 V
2.9
4.2
5.6
2.5
6.5
2.5
7.2
ns


Similar Part No. - 74AUP1G34_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G34-Q100 NXP-74AUP1G34-Q100 Datasheet
109Kb / 14P
   Low-power buffer
Rev. 1-26 March 2013
logo
Nexperia B.V. All right...
74AUP1G34-Q100 NEXPERIA-74AUP1G34-Q100 Datasheet
219Kb / 13P
   Low-power buffer
Rev. 3 - 20 January 2022
logo
Diodes Incorporated
74AUP1G34FW4-7 DIODES-74AUP1G34FW4-7 Datasheet
204Kb / 11P
   SINGLE BUFFER GATE
74AUP1G34FZ4-7 DIODES-74AUP1G34FZ4-7 Datasheet
204Kb / 11P
   SINGLE BUFFER GATE
logo
NXP Semiconductors
74AUP1G34GF NXP-74AUP1G34GF Datasheet
91Kb / 15P
   Low-power buffer
Rev. 03-14 August 2008
More results

Similar Description - 74AUP1G34_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1G34 NEXPERIA-74AUP1G34 Datasheet
277Kb / 19P
   Low-power buffer
Rev. 10 - 20 January 2022
logo
NXP Semiconductors
74AUP1G34-Q100 NXP-74AUP1G34-Q100 Datasheet
109Kb / 14P
   Low-power buffer
Rev. 1-26 March 2013
74AUP1G34 NXP-74AUP1G34 Datasheet
91Kb / 15P
   Low-power buffer
Rev. 03-14 August 2008
logo
Nexperia B.V. All right...
74AUP1G16 NEXPERIA-74AUP1G16 Datasheet
766Kb / 17P
   Low-power buffer
74AUP1G34-Q100 NEXPERIA-74AUP1G34-Q100 Datasheet
219Kb / 13P
   Low-power buffer
Rev. 3 - 20 January 2022
74AUP2G16 NEXPERIA-74AUP2G16 Datasheet
765Kb / 17P
   Low-power dual buffer
74AUP3G16 NEXPERIA-74AUP3G16 Datasheet
773Kb / 17P
   Low-power triple buffer
logo
NXP Semiconductors
74AUP2G34 NXP-74AUP2G34 Datasheet
91Kb / 16P
   Low-power dual buffer
Rev. 02-31 January 2008
logo
Nexperia B.V. All right...
74AUP2G34 NEXPERIA-74AUP2G34 Datasheet
265Kb / 18P
   Low-power dual buffer
Rev. 8 - 31 January 2022
logo
NXP Semiconductors
74AUP3G34 PHILIPS-74AUP3G34_15 Datasheet
229Kb / 23P
   Low-power triple buffer
Rev. 1-18 December 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com