Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2102CWI Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX2102CWI
Description  Direct-Conversion Tuner ICs for Digital DBS Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2102CWI Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX2102CWI Datasheet HTML 5Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 6Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 7Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 8Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 9Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 10Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 11Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 12Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Direct-Conversion Tuner ICs for
Digital DBS Applications
_______________________________________________________________________________________
9
Pin Description
RF Ground. Connect directly to the ground plane.
GND
9, 11,
19, 24
Automatic Gain-Control Input. Bypass this pin with a 1000pF capacitor close to the pin, to minimize cou-
pling.
AGC
10
Q Channel Baseband Output
QOUT
13
Baseband +5V Supply. Bypass with a 10pF capacitor from this pin to pin 12 (GND), as close to the IC as
possible. Connect an additional 0.1µF capacitor in parallel with the 10pF capacitor (placement less critical).
VCC
14
Q Channel Offset-Correction Noninverting Input. Connect a 0.22µF (typ) capacitor between QDC and QDC.
This capacitor must be placed as close to the IC as possible (see
Layout Considerations section).
QDC
15
Ground (substrate)
GND
5
RF +5V Supply. Bypass with a 22pF capacitor from this pin to pin 9 (GND), as close to the IC as possible.
VCC
6
RF Noninverting Input. Couple through a 22pF capacitor directly to a 50
Ω signal source.
RFIN
7
RF Inverting Input. Connect to a 22pF series capacitor and a 51
Ω resistor to ground.
RFIN
8
RF +5V Supply. Bypass with a 22pF capacitor from this pin to pin 11 (GND), as close to the IC as possible.
VCC
4
Baseband Ground
GND
3, 12
PIN
I Channel Baseband Output
IOUT
2
Baseband +5V Supply. Bypass with a 10pF capacitor from this pin to pin 3 (GND), as close to the IC as
possible. Connect an additional 0.1µF capacitor in parallel with the 10pF capacitor (placement less critical).
VCC
1
FUNCTION
NAME
Q Channel Offset-Correction Inverting Input. Connect a 0.22µF (typ) capacitor between QDC and QDC. This
capacitor must be placed as close to the IC as possible (see
Layout Considerations section).
QDC
16
I Channel Offset-Correction Inverting Input. Connect a 0.22µF (typ) capacitor between IDC and IDC. This
capacitor must be placed as close to the IC as possible (see
Layout Considerations section).
IDC
17
I Channel Offset-Correction Noninverting Input. Connect a 0.22µF (typ) capacitor between IDC and IDC.
This capacitor must be placed as close to the IC as possible (see
Layout Considerations section).
IDC
18
RF +5V Supply. Bypass with a 10pF capacitor from this pin to pin 19 (GND) as close to the IC as possible.
VCC
20
Local-Oscillator Complementary Input Port (Figure 1)
LO
21
Local-Oscillator Input Port (Figure 1)
LO
22
RF +5V Supply. Bypass with a 10pF capacitor from this pin to pin 24 (GND) as close to the IC as possible.
VCC
23
Prescaler Ground. To disable the prescaler, leave this pin open.
PSGND
25
Prescaler Output. Drives CMOS load. Connect 2k
Ω from this pin to GND (if the prescaler is enabled).
PSOUT
26
Prescaler Modulus Control. Leave open when the prescaler is disabled.
MOD
27
Prescaler +5V Supply. Must be connected even if the prescaler is disabled. Bypass with a 1000pF
capacitor.
VCC
28


Similar Part No. - MAX2102CWI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2102 MAXIM-MAX2102 Datasheet
105Kb / 8P
   Evaluation Kit
Rev 2; 10/98
MAX2102EVKIT-SO MAXIM-MAX2102EVKIT-SO Datasheet
105Kb / 8P
   Evaluation Kit
Rev 2; 10/98
MAX2102 MAXIM-MAX2102_1 Datasheet
105Kb / 8P
   Evaluation Kit
Rev 2; 10/98
More results

Similar Description - MAX2102CWI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2104 MAXIM-MAX2104_05 Datasheet
186Kb / 9P
   Direct-Conversion Tuner IC for Digital DBS Applications
Rev 4; 6/05
MAX2104 MAXIM-MAX2104 Datasheet
148Kb / 9P
   Direct-Conversion Tuner IC for Digital DBS Applications
19-1431; Rev 3; 12/01
MAX2116 MAXIM-MAX2116_V01 Datasheet
264Kb / 16P
   Complete DBS Direct-Conversion Tuner ICs with Monolithic VCOs
2008
MAX2116 MAXIM-MAX2116 Datasheet
314Kb / 15P
   Complete DBS Direct-Conversion Tuner ICs with Monolithic VCOs
Rev 2; 3/05
MAX2112 MAXIM-MAX2112 Datasheet
303Kb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 0; 8/07
MAX2112 MAXIM-MAX2112_V01 Datasheet
1Mb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
2020
MAX2112 MAXIM-MAX2112_10 Datasheet
207Kb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 2; 5/10
logo
Sony Corporation
CXA3685ER SONY-CXA3685ER Datasheet
368Kb / 23P
   Direct Conversion IC for Digital Satellite Broadcast Tuner
logo
Broadcom Corporation.
BCM3440 BOARDCOM-BCM3440 Datasheet
107Kb / 1P
   DIRECT CONVERSION SATELLITE TUNER
logo
Maxim Integrated Produc...
MAX3580 MAXIM-MAX3580_08 Datasheet
259Kb / 21P
   Direct-Conversion TV Tuner
Rev 6; 11/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com