Electronic Components Datasheet Search |
|
74AUP2G14 Datasheet(PDF) 1 Page - NXP Semiconductors |
|
74AUP2G14 Datasheet(HTML) 1 Page - NXP Semiconductors |
1 / 21 page 1. General description The 74AUP2G14 provides two inverting buffers with Schmitt trigger action which accept standard input signals. They are capable of transforming slowly changing input signals into sharply defined, jitter-free output signals. This device ensures a very low static and dynamic power consumption across the entire VCC range from 0.8 V to 3.6 V. This device is fully specified for partial power-down applications using IOFF. The IOFF circuitry disables the output, preventing the damaging backflow current through the device when it is powered down. The inputs switch at different points for positive and negative-going signals. The difference between the positive voltage VT+ and the negative voltage VT is defined as the input hysteresis voltage VH. 2. Features and benefits Wide supply voltage range from 0.8 V to 3.6 V High noise immunity ESD protection: HBM JESD22-A114F Class 3A exceeds 5000 V MM JESD22-A115-A exceeds 200 V CDM JESD22-C101E exceeds 1000 V Low static power consumption; ICC = 0.9 A (maximum) Latch-up performance exceeds 100 mA per JESD 78 Class II Inputs accept voltages up to 3.6 V Low noise overshoot and undershoot < 10 % of VCC IOFF circuitry provides partial Power-down mode operation Multiple package options Specified from 40 Cto+85 C and 40 Cto+125 C 3. Applications Wave and pulse shaper Astable multivibrator Monostable multivibrator 74AUP2G14 Low-power dual Schmitt trigger inverter Rev. 5 — 4 December 2012 Product data sheet |
Similar Part No. - 74AUP2G14_15 |
|
Similar Description - 74AUP2G14_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |