Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2105CWI Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX2105CWI
Description  Direct-Conversion Tuner ICs for Digital DBS Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2105CWI Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX2105CWI Datasheet HTML 7Page - Maxim Integrated Products MAX2105CWI Datasheet HTML 8Page - Maxim Integrated Products MAX2105CWI Datasheet HTML 9Page - Maxim Integrated Products MAX2105CWI Datasheet HTML 10Page - Maxim Integrated Products MAX2105CWI Datasheet HTML 11Page - Maxim Integrated Products MAX2105CWI Datasheet HTML 12Page - Maxim Integrated Products MAX2105CWI Datasheet HTML 13Page - Maxim Integrated Products MAX2105CWI Datasheet HTML 14Page - Maxim Integrated Products MAX2105CWI Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Direct-Conversion Tuner ICs for
Digital DBS Applications
______________________________________________________________________________________
11
RS
BASEBAND LP FILTERS
(OPTIONAL
GAIN)
DSP:
QPSK
DEMOD
0.1
µF
0.1
µF
RL
L1
L2
L3
OR
C1
C2
C3
C4
0
90
ADC
ADC
AGC
MAX1002
MAX1003
RS
IDC
QDC
IDC
LO
AGC
IOUT
QOUT
DIV
RFIN
RFIN
EXTERNAL
VCO
LO
OFFSET CORRECTION
OR
QDC
PSOUT
TANK
TSA5055
OR EQUIV.
MOD
0.1
µF
0.1
µF
RL
L1
L2
L3
C1
C2
C3
C4
KU BAND
75
Ω CABLE
950MHz to 2150MHz
F-CONNECTOR
INPUT
F-CONNECTOR
FOR 2nd SET-TOP BOX
LNB
MAX2102
MAX2105
Figure 2. Typical Application
The quadrature downconverter follows the front-end
AGC. Two mixers are driven by the previous stage
AGC amplifier output. The mixer LO ports are fed with
the two LO signals, which are 90° apart in phase.
These quadrature LO signals are generated on-chip
using the LO signal from the LO buffer.
The resulting I/Q baseband signals are fed through
separate I and Q channel baseband amplifiers. Robust
output stages drive IOUT and QOUT. The outputs are
capable of driving lowpass filters with 100
Ω character-
istic impedance (that is, the equivalent of an AC-cou-
pled, 100
Ω load). The baseband -3dB output band-
width is over 90MHz.
__________Applications Information
Front-End Tuner Circuitry
for DBS Tuners
In a typical application, the signal path ahead of the
MAX2102/MAX2105 will include a discrete LNA/buffer
and a PIN-diode attenuator. Alternatively, a dual-gate


Similar Part No. - MAX2105CWI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX210 MAXIM-MAX210 Datasheet
580Kb / 20P
   5V RS-232 Transceivers with 0.1uF External Capacitors
19-0065; Rev 5; 12/96
MAX21000 MAXIM-MAX21000 Datasheet
1Mb / 26P
   Ultra-Accurate, Low Power, 3-Axis Digital Output Gyroscope
Rev 1; 2/13
MAX21002 MAXIM-MAX21002 Datasheet
982Kb / 28P
   Ultra-Accurate, Low Power, Dual-Axis Digital Output Gyroscope
Rev 0; 6/13
MAX21003 MAXIM-MAX21003 Datasheet
2Mb / 28P
   Ultra-Accurate, Low Power, Dual-Axis Digital Output Gyroscope
Rev 0; 6/13
MAX2101 MAXIM-MAX2101 Datasheet
217Kb / 24P
   6-Bit Quadrature Digitizer
19-0298; Rev 4; 5/96
More results

Similar Description - MAX2105CWI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2104 MAXIM-MAX2104_05 Datasheet
186Kb / 9P
   Direct-Conversion Tuner IC for Digital DBS Applications
Rev 4; 6/05
MAX2104 MAXIM-MAX2104 Datasheet
148Kb / 9P
   Direct-Conversion Tuner IC for Digital DBS Applications
19-1431; Rev 3; 12/01
MAX2116 MAXIM-MAX2116_V01 Datasheet
264Kb / 16P
   Complete DBS Direct-Conversion Tuner ICs with Monolithic VCOs
2008
MAX2116 MAXIM-MAX2116 Datasheet
314Kb / 15P
   Complete DBS Direct-Conversion Tuner ICs with Monolithic VCOs
Rev 2; 3/05
MAX2112 MAXIM-MAX2112 Datasheet
303Kb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 0; 8/07
MAX2112 MAXIM-MAX2112_V01 Datasheet
1Mb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
2020
MAX2112 MAXIM-MAX2112_10 Datasheet
207Kb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 2; 5/10
logo
Sony Corporation
CXA3685ER SONY-CXA3685ER Datasheet
368Kb / 23P
   Direct Conversion IC for Digital Satellite Broadcast Tuner
logo
Broadcom Corporation.
BCM3440 BOARDCOM-BCM3440 Datasheet
107Kb / 1P
   DIRECT CONVERSION SATELLITE TUNER
logo
Maxim Integrated Produc...
MAX3580 MAXIM-MAX3580_08 Datasheet
259Kb / 21P
   Direct-Conversion TV Tuner
Rev 6; 11/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com