Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFB35HB20 Datasheet(PDF) 1 Page - International Rectifier

Part # HFB35HB20
Description  Ultrafast, Soft Recovery Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HFB35HB20 Datasheet(HTML) 1 Page - International Rectifier

  HFB35HB20 Datasheet HTML 1Page - International Rectifier HFB35HB20 Datasheet HTML 2Page - International Rectifier HFB35HB20 Datasheet HTML 3Page - International Rectifier HFB35HB20 Datasheet HTML 4Page - International Rectifier HFB35HB20 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
07/26/06
• Reduced RFI and EMI
• Reduced Snubbing
• Extensive Characterization of Recovery Parameters
• Hermetic
Features
Description
HEXFREDTM diodes are optimized to reduce losses and EMI/RFI in high frequency power conditioning systems. An
extensive characterization of the recovery behavior for different values of current, temperature and di/dt simplifies
the calculations of losses in the operating conditions. The softness of the recovery eliminates the need for a snubber
in most applications. These devices are ideally suited for power converters, motors drives and other applications
where switching losses are significant portion of the total losses.
Ultrafast, Soft Recovery Diode
HEXFREDTM
VR = 200V
IF(AV) = 35A
trr = 35ns
HFB35HB20
www.irf.com
1
Parameter
Max.
Units
VR
Cathode to Anode Voltage
200
V
IF(AV)
Continuous Forward Current,
 TC = 80°C
35
IFSM
Single Pulse Forward Current,
‚ TC = 25°C
150
PD @ TC = 25°C
Maximum Power Dissipation
125
W
TJ, TSTG
Operating Junction and Storage Temperature Range
-55 to +150
°C
A
Absolute Maximum Ratings
CASE STYLE
TO-254AA
ANODE
CATHODE
(ISOLATED BASE)
PD-94100A
Notes:  D.C. = 50% rect. wave
‚ 1/2 sine wave, 60 Hz , P.W. = 8.33 ms


Similar Part No. - HFB35HB20

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFB35HB20 IRF-HFB35HB20 Datasheet
106Kb / 5P
   Ultrafast, Soft Recovery Diode
HFB35HB20C IRF-HFB35HB20C Datasheet
105Kb / 5P
   Ultrafast, Soft Recovery Diode
HFB35HB20C IRF-HFB35HB20C Datasheet
128Kb / 5P
   Ultrafast, Soft Recovery Diode
HFB35HB20C IRF-HFB35HB20C_15 Datasheet
128Kb / 5P
   Ultrafast, Soft Recovery Diode
More results

Similar Description - HFB35HB20

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA25TB60 IRF-HFA25TB60 Datasheet
263Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA80NC40C IRF-HFA80NC40C Datasheet
192Kb / 5P
   Ultrafast, Soft Recovery Diode
150EBU04 IRF-150EBU04 Datasheet
150Kb / 6P
   Ultrafast Soft Recovery Diode
80EBU04 IRF-80EBU04 Datasheet
147Kb / 7P
   Ultrafast Soft Recovery Diode
HFA120MD40C IRF-HFA120MD40C Datasheet
298Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA15TB60 IRF-HFA15TB60 Datasheet
205Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA70NH60 IRF-HFA70NH60 Datasheet
325Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA40HF120C IRF-HFA40HF120C_15 Datasheet
142Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA45HI60C IRF-HFA45HI60C_15 Datasheet
137Kb / 3P
   Ultrafast, Soft Recovery Diode
HFB50HC20C IRF-HFB50HC20C_15 Datasheet
137Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA140NJ60D IRF-HFA140NJ60D Datasheet
319Kb / 5P
   Ultrafast, Soft Recovery Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com