Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFB50HI20C Datasheet(PDF) 1 Page - International Rectifier

Part # HFB50HI20C
Description  Ultrafast, Soft Recovery Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HFB50HI20C Datasheet(HTML) 1 Page - International Rectifier

  HFB50HI20C_15 Datasheet HTML 1Page - International Rectifier HFB50HI20C_15 Datasheet HTML 2Page - International Rectifier HFB50HI20C_15 Datasheet HTML 3Page - International Rectifier HFB50HI20C_15 Datasheet HTML 4Page - International Rectifier HFB50HI20C_15 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
02/20/06
• Reduced RFI and EMI
• Reduced Snubbing
• Extensive Characterization of Recovery Parameters
• Hermetic
Features
Description
These Ultrafast, soft recovery diodes are optimized to reduce losses and EMI/RFI in high frequency power
conditioning systems.
An extensive characterization of the recovery behavior for different values of current,
temperature and di/dt simplifies the calculations of losses in the operating conditions. The softness of the recovery
eliminates the need for a snubber in most applications. These devices are ideally suited for power converters, motors
drives and other applications where switching losses are significant portion of the total losses.
Ultrafast, Soft Recovery Diode
FRED
VR = 200V
IF(AV) = 50A
trr = 35ns
Note:  D.C. = 50% rect. wave
‚ 1/2 sine wave, 60 Hz , P.W. = 8.33 ms
HFB50HI20C
www.irf.com
1
Parameter
Max.
Units
VR
Cathode to Anode Voltage ( Per Leg )
200
V
IF(AV)
Continuous Forward Current,
 TC =107 °C
50
IFSM
Single Pulse Forward Current,
‚ TC = 25°C ( Per Leg )
300
PD @ TC = 25°C
Maximum Power Dissipation
130
W
TJ, TSTG
Operating Junction and Storage Temperature Range
-55 to +150
°C
A
Absolute Maximum Ratings
CASE STYLE
TO-259AA
(ISOLATED BASE)
ANODE
COMMON
ANODE
CATHODE
PD - 94281C


Similar Part No. - HFB50HI20C_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFB50HI20C IRF-HFB50HI20C Datasheet
128Kb / 5P
   Ultrafast, Soft Recovery Diode
More results

Similar Description - HFB50HI20C_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA25TB60 IRF-HFA25TB60 Datasheet
263Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA80NC40C IRF-HFA80NC40C Datasheet
192Kb / 5P
   Ultrafast, Soft Recovery Diode
150EBU04 IRF-150EBU04 Datasheet
150Kb / 6P
   Ultrafast Soft Recovery Diode
80EBU04 IRF-80EBU04 Datasheet
147Kb / 7P
   Ultrafast Soft Recovery Diode
HFA120MD40C IRF-HFA120MD40C Datasheet
298Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA15TB60 IRF-HFA15TB60 Datasheet
205Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA70NH60 IRF-HFA70NH60 Datasheet
325Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA40HF120C IRF-HFA40HF120C_15 Datasheet
142Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA45HI60C IRF-HFA45HI60C_15 Datasheet
137Kb / 3P
   Ultrafast, Soft Recovery Diode
HFB50HC20C IRF-HFB50HC20C_15 Datasheet
137Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA140NJ60D IRF-HFA140NJ60D Datasheet
319Kb / 5P
   Ultrafast, Soft Recovery Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com