Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTA20 Datasheet(PDF) 3 Page - International Rectifier

Part # HTA20
Description  200V Input, Single/Dual Output
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HTA20 Datasheet(HTML) 3 Page - International Rectifier

  HTA20_15 Datasheet HTML 1Page - International Rectifier HTA20_15 Datasheet HTML 2Page - International Rectifier HTA20_15 Datasheet HTML 3Page - International Rectifier HTA20_15 Datasheet HTML 4Page - International Rectifier HTA20_15 Datasheet HTML 5Page - International Rectifier HTA20_15 Datasheet HTML 6Page - International Rectifier HTA20_15 Datasheet HTML 7Page - International Rectifier HTA20_15 Datasheet HTML 8Page - International Rectifier HTA20_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
www.irf.com
3
HTA-SERIES
(185°C, 200V Input, Single/Dual Output)
Electrical Performance Characteristics (continued)
For Notes to Electrical Performance Characteristics, refer to page 5
Limits
Parameter
Group A
Subgroup
Conditions
-35
°C ≤ TC ≤ +185°C
VIN = 200VDC ± 5%, CL = 0
unless otherwise specified
Min
Nom
Max
Unit
Input current, no load (IIN)
HTA20003R3S
HTA20005S
HTA20012S
HTA20015S
HTA20005D
HTA20012D
HTA20015D
HTA20003R3S
HTA20005S
HTA20012S
HTA20015S
HTA20005D
HTA20012D
HTA20015D
1,3
2
IOUT = 0, Pin 4 open
IOUT = 0, Pin 4 open
20
30
mA
mA
Input current inhibited
1,2,3
Pin 4 shorted to pin 2
5.0
mA
Output ripple (VRIP)
HTA20003R3S
HTA20005S
HTA20012S
HTA20015S
HTA20005D
HTA20012D
HTA20015D
HTA20003R3S
HTA20005S
HTA20012S
HTA20015S
HTA20005D
HTA20012D
HTA20015D
1,3
2
VIN = 150, 200, 250 Volts
IOUT = 100% rated load
Notes 4, 6
VIN = 150, 200, 250 Volts
IOUT = 100% rated load
Notes 4, 6
50
50
70
80
80
80
80
25
25
35
40
40
40
40
mV p-p
mV p-p
Switching frequency (fS)
1,2,3
Sync. Input (Pin 4) open
500
550
650
kHz
Efficiency (EFF)
HTA20003R3S
HTA20005S
HTA20012S
HTA20015S
HTA20005D
HTA20012D
HTA20015D
HTA20003R3S
HTA20005S
HTA20012S
HTA20015S
HTA20005D
HTA20012D
HTA20015D
HTA20003R3S
HTA20005S
HTA20012S
HTA20015S
HTA20005D
HTA20012D
HTA20015D
1
2
3
IOUT = 100% rated load
Note 4
IOUT = 100% rated load
Note 4
IOUT = 100% rated load
Note 4
65
71
71
71
70
69
69
65
69
71
71
68
68
68
65
70
70
70
68
68
68
68
74
74
74
73
72
72
%


Similar Part No. - HTA20_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HTA20015D IRF-HTA20015D Datasheet
169Kb / 14P
   HIGH RELIABILITY DC/DC CONVERTER
HTA20015D IRF-HTA20015D Datasheet
170Kb / 14P
   HIGH RELIABILITY DC-DC CONVERTER
HTA20015D/EM IRF-HTA20015D/EM Datasheet
169Kb / 14P
   HIGH RELIABILITY DC/DC CONVERTER
HTA20015D/EM IRF-HTA20015D/EM Datasheet
170Kb / 14P
   HIGH RELIABILITY DC-DC CONVERTER
HTA20015DEM IRF-HTA20015DEM Datasheet
197Kb / 14P
   HIGH TEMPERATURE DC-DC CONVERTER
More results

Similar Description - HTA20_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
LSO28 IRF-LSO28_15 Datasheet
516Kb / 18P
   28V Input, Single/Dual Output
M3G120 IRF-M3G120_15 Datasheet
161Kb / 9P
   120V Input, Single/Dual Output
LS28 IRF-LS28_15 Datasheet
249Kb / 16P
   28V Input, Single/Dual Output
M3G IRF-M3G_15 Datasheet
196Kb / 15P
   28V Input, Single/Dual Output
M3G50S IRF-M3G50S_15 Datasheet
185Kb / 13P
   50V Input, Single/Dual Output
M3L IRF-M3L_15 Datasheet
151Kb / 12P
   28V Input, Single/Dual Output
S2800 IRF-S2800_15 Datasheet
138Kb / 9P
   28V Input, Single/Dual Output
M3GB2800S IRF-M3GB2800S_15 Datasheet
216Kb / 13P
   28V Input, Single/Dual Output
M3G70 IRF-M3G70_15 Datasheet
186Kb / 13P
   70V Input, Single/Dual Output
M3H IRF-M3H_15 Datasheet
157Kb / 11P
   28V Input, Single/Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com