Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX198BENI Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX198BENI
Description  Multirange, Single %V, 12-Bit DAS with 12-Bit Bus Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX198BENI Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX198BENI Datasheet HTML 7Page - Maxim Integrated Products MAX198BENI Datasheet HTML 8Page - Maxim Integrated Products MAX198BENI Datasheet HTML 9Page - Maxim Integrated Products MAX198BENI Datasheet HTML 10Page - Maxim Integrated Products MAX198BENI Datasheet HTML 11Page - Maxim Integrated Products MAX198BENI Datasheet HTML 12Page - Maxim Integrated Products MAX198BENI Datasheet HTML 13Page - Maxim Integrated Products MAX198BENI Datasheet HTML 14Page - Maxim Integrated Products MAX198BENI Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Clock Modes
The MAX196/MAX198 operate with either an internal or
an external clock. Control bits (D6, D7) select either
internal or external clock mode. Once the desired clock
mode is selected, changing these bits to program
power-down will not affect the clock mode. In each
mode, internal or external acquisition can be used. At
power-up, external clock mode is selected.
Internal Clock Mode
Select internal clock mode to free the µP from the
burden of running the SAR conversion clock. To select
this mode, write the control byte with D7 = 0 and D6 =
1. A 100pF capacitor between the CLK pin and ground
sets this frequency to 1.56MHz nominal. Figure 7
shows a linear relationship between the internal clock
period and the value of the external capacitor used.
External Clock Mode
Select external clock mode by writing the control byte
with D7 = 0 and D6 = 0. Figure 8 shows CLK and WR
timing relationships in internal and external acquisition
modes, with an external clock. A 100kHz to 2.0MHz
external clock with 45% to 55% duty cycle is required for
proper operation. Operating at clock frequencies lower
than 100kHz will cause a voltage droop across the hold
capacitor, and subsequently degrade performance.
Multirange, Single +5V, 12-Bit DAS
with 12-Bit Bus Interface
______________________________________________________________________________________
11
tCS
tCSWS
tWR
tACQI
tCONV
tDH
tDS
tINT1
tD0
tTR
tCSHW
tCSRS
tCSRH
ACQMOD = "1"
CS
WR
D7–D0
INT
RD
DOUT
ACQMOD = "0"
DATA VALID
CONTROL
BYTE
CONTROL
BYTE
Figure 6. Conversion Timing Using External Acquisition Mode
2000
0
0
50
250
350
500
CLOCK PIN CAPACITANCE (pF)
100
150 200
300
1500
1000
Figure 7. Internal Clock Period vs. Clock Pin Capacitance


Similar Part No. - MAX198BENI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX198 MAXIM-MAX198 Datasheet
205Kb / 8P
   Jumper-Selectable Configuration
Rev 0; 2/96
MAX1980 MAXIM-MAX1980 Datasheet
1Mb / 33P
   Quick-PWM Slave Controller with Driver Disable for Multiphase DC-DC Converter
19-2298; Rev 2; 9/02
MAX1980ETP MAXIM-MAX1980ETP Datasheet
1Mb / 33P
   Quick-PWM Slave Controller with Driver Disable for Multiphase DC-DC Converter
19-2298; Rev 2; 9/02
MAX1981A MAXIM-MAX1981A Datasheet
21Kb / 1P
   Quick-PWM Master Controllers for Voltage-Positioned CPU Core Power Supplies (IMVP-IV)
Rev 0; 9/02
MAX1981AETL MAXIM-MAX1981AETL Datasheet
21Kb / 1P
   Quick-PWM Master Controllers for Voltage-Positioned CPU Core Power Supplies (IMVP-IV)
Rev 0; 9/02
More results

Similar Description - MAX198BENI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX127 MAXIM-MAX127 Datasheet
124Kb / 16P
   Multirange, 5V, 12-Bit DAS with 2-Wire Serial Interface
19-4773; Rev 0; 7/98
MAX197 MAXIM-MAX197 Datasheet
165Kb / 16P
   Multi-Range (짹10V, 짹5V, 10V, 5V), Single 5V, 12-Bit DAS with 84 Bus Interface
19-0381; Rev 1; 6/96
MAX199 MAXIM-MAX199 Datasheet
165Kb / 16P
   Multi-Range (짹4V, 짹2V, 4V, 2V), 5V Supply, 12-Bit DAS with 84 Bus Interface
19-0401; Rev 0; 6/95
MAX1270BCAI MAXIM-MAX1270BCAI Datasheet
814Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1270 MAXIM-MAX1270 Datasheet
808Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
logo
Microchip Technology
MCP4921 MICROCHIP-MCP4921_07 Datasheet
3Mb / 42P
   12-Bit DAC with SPI??Interface
2007
MCP4921 MICROCHIP-MCP4921 Datasheet
3Mb / 40P
   12-Bit DAC with SPI??Interface
2004
logo
Nexperia B.V. All right...
CBT16211 NEXPERIA-CBT16211 Datasheet
195Kb / 9P
   24-bit bus switch with 12-bit output enables
2001 Jun 13
logo
NXP Semiconductors
CBT16211 PHILIPS-CBT16211_15 Datasheet
82Kb / 8P
   24-bit bus switch with 12-bit output enables
2001 Jun 13
logo
Integrated Circuit Syst...
CBT16212 ICST-CBT16212 Datasheet
75Kb / 8P
   24-bit bus exchange switch with 12-bit output enables
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com