Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR1155S Datasheet(PDF) 4 Page - International Rectifier

Part # IR1155S
Description  PROGRAMMABLE FREQUENCY, ONE CYCLE CONTROL PFC IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1155S Datasheet(HTML) 4 Page - International Rectifier

  IR1155S_15 Datasheet HTML 1Page - International Rectifier IR1155S_15 Datasheet HTML 2Page - International Rectifier IR1155S_15 Datasheet HTML 3Page - International Rectifier IR1155S_15 Datasheet HTML 4Page - International Rectifier IR1155S_15 Datasheet HTML 5Page - International Rectifier IR1155S_15 Datasheet HTML 6Page - International Rectifier IR1155S_15 Datasheet HTML 7Page - International Rectifier IR1155S_15 Datasheet HTML 8Page - International Rectifier IR1155S_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
IR1155S
www.irf.com
4
© 2011 International Rectifier
Oscillator Section
Parameter
Symbol
Min.
Typ.
Max.
Units
Remarks
Switching Frequency
FSW
48
200
kHz
200khz:C=430pF approx.
48kHz: C=2nF approx.
Oscillator Charge Current
IOSC(CHG)
200
µA
Oscillator Discharge
Current
IOSC(DCHG)
6.6
mA
Oscillator Peak
VOSC PK
4
V
Oscillator Valley
VOSC VAL
2
V
5
%
C=2nF, TA = 25°C
Initial Accuracy
FSW ACC
8
%
C=500pF, TA = 25°C
Voltage Stability
VSTAB
0.2
1
%
14V < VCC < 19V
Temperature Stability
TSTAB
2
%
-25°C ≤ TJ ≤ 125°C
Total Variation
FVT
10
%
Line & Temperature
Maximum Duty Cycle
DMAX
94
99
%
Minimum Duty Cycle
DMIN
0
%
Pulse Skipping
Protection Section
Parameter
Symbol
Min.
Typ.
Max.
Units
Remarks
Open Loop Protection
(OLP) VFB Threshold
V OLP
17
19
21
% VREF
Bias on VFB pin
Output Over Voltage
Protection (OVP)
V OVP
104.5
106.5
108.5
% VREF
Bias on OVP/EN pin
Output Over Voltage
Protection (OVP) Reset
VOVP(RST)
100.2
102.2
104.2
% VREF
Bias on OVP/EN pin
Peak Current Limit
Protection (IPK LMT) ISNS
Voltage Threshold
V ISNS
-0.85
-0.77
-0.69
V
Bias on ISNS pin
OVP Input Bias Current
IOVP(Bias)
-0.2
µA


Similar Part No. - IR1155S_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1155SPBF IRF-IR1155SPBF Datasheet
394Kb / 21P
   PROGRAMMABLE FREQUENCY, ONE CYCLE CONTROL PFC IC
IR1155STRPBF IRF-IR1155STRPBF Datasheet
394Kb / 21P
   PROGRAMMABLE FREQUENCY, ONE CYCLE CONTROL PFC IC
More results

Similar Description - IR1155S_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1155S IRF-IR1155S Datasheet
394Kb / 21P
   PROGRAMMABLE FREQUENCY, ONE CYCLE CONTROL PFC IC
IR1150 IRF-IR1150_15 Datasheet
925Kb / 16P
   PFC ONE CYCLE CONTROL PFC IC
IR1150 IRF-IR1150 Datasheet
925Kb / 16P
   UPFC ONE CYCLE CONTROL PFC IC
IR1150IS IRF-IR1150IS Datasheet
247Kb / 16P
   UPFC ONE CYCLE CONTROL PFC IC
IR1152S IRF-IR1152S Datasheet
298Kb / 20P
   FIXED 66kHz FREQUENCY, 關PFC ONE CYCLE CONTROL PFC IC WITH BROWN-OUT PROTECTION
AN-1077 IRF-AN-1077 Datasheet
449Kb / 20P
   PFC Converter Design with IR1150 One Cycle Control IC
IRAC1152-350W IRF-IRAC1152-350W Datasheet
965Kb / 24P
   PFC IC with IR proprietary ?쏰ne Cycle Control
IRS2580DSPBF IRF-IRS2580DSPBF_15 Datasheet
32Kb / 1P
   PFC, ballast control and half-bridge driver in one IC
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
   PFC & BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com