Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX221ECUE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX221ECUE
Description  ±15kV ESD-Protected, 5V, 1uA, Single RS-232 Transceiver with AutoShutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX221ECUE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX221ECUE Datasheet HTML 1Page - Maxim Integrated Products MAX221ECUE Datasheet HTML 2Page - Maxim Integrated Products MAX221ECUE Datasheet HTML 3Page - Maxim Integrated Products MAX221ECUE Datasheet HTML 4Page - Maxim Integrated Products MAX221ECUE Datasheet HTML 5Page - Maxim Integrated Products MAX221ECUE Datasheet HTML 6Page - Maxim Integrated Products MAX221ECUE Datasheet HTML 7Page - Maxim Integrated Products MAX221ECUE Datasheet HTML 8Page - Maxim Integrated Products MAX221ECUE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
General Description
The MAX221E is a +5V powered, single transmit/
receive RS-232 and V.28 communications interface with
automatic shutdown/wake-up features and high data
rate capabilities.
The MAX221E features enhanced electrostatic discharge
(ESD) protection. Both the transmitter output and receiver
input are protected to ±15kV using the IEC 1000-4-2 Air-
Gap Discharge Method, to ±8kV using the IEC 1000-4-2
Contact Discharge Method, and to ±15kV using the
Human Body Model.
The MAX221E achieves a low 1µA supply current with
Maxim’s revolutionary AutoShutdown™ feature.
AutoShutdown saves power without changes to the
existing BIOS or operating system by entering low-
power shutdown mode when the RS-232 cable is dis-
connected or when the transmitter of the connected
peripheral is off. The MAX221E wakes up and drives the
INVALID pin high when an active RS-232 cable is con-
nected, signaling the host that a peripheral is connected
to the communications port.
The MAX221E is available in a 16-pin SSOP package as
well as a 16-pin TSSOP that uses 50% less board space
than a 16-pin SO.
Applications
Maintenance/Diagnostic Ports
Industrial Systems
Telecommunications
Set-Top Boxes
Features
o Single RS-232 Transceiver in a Small 16-Pin TSSOP
o ESD Protection for RS-232 I/O Pins
±15kV—Human Body Model
±8kV—IEC 1000-4-2, Contact Discharge
±15kV—IEC 1000-4-2, Air-Gap Discharge
o Latchup Free
o 1µA Supply Current
o AutoShutdown Saves Power without Changes
to BIOS
o Guaranteed 250kbps Data Rate
±15kV ESD-Protected, +5V, 1µA, Single RS-232
Transceiver with AutoShutdown
________________________________________________________________
Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
EN
FORCEOFF
VCC
GND
TOUT
FORCEON
TIN
INVALID
ROUT
TOP VIEW
MAX221E
TSSOP/SSOP
C1+
V+
C2-
C1-
C2+
V-
RIN
MAX221E
FORCEON
EN
12
1
ROUT
9
FORCEOFF
16
INVALID
10
GND
14
TIN
11
C2-
6
C2+
5
C1-
4
C1+
2
RIN 8
TOUT 13
V-
7
V+
3
VCC
VCC
C4
0.1
µF
C3
0.1
µF
15
C1
0.1
µF
C2
0.1
µF
CBYPASS
0.1
µF
+5V
TO POWER-
MANAGEMENT
UNIT
CAPACITORS MAY BE
POLARIZED OR UNPOLARIZED.
5k
Typical Operating Circuit
19-1527; Rev 0; 8/99
PART
MAX221ECUE
MAX221ECAE
MAX221EEUE
40°C to +85°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
16 TSSOP
16 SSOP
16 TSSOP
Pin Configuration
Ordering Information
AutoShutdown is a trademark of Maxim Integrated Products.
MAX221EEAE
40°C to +85°C
16 SSOP


Similar Part No. - MAX221ECUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX221EAE MAXIM-MAX221EAE Datasheet
110Kb / 8P
   5V, 1uA, Single RS-232 Transceiver with AutoShutdown
Rev 0; 8/99
MAX221EUE MAXIM-MAX221EUE Datasheet
110Kb / 8P
   5V, 1uA, Single RS-232 Transceiver with AutoShutdown
Rev 0; 8/99
More results

Similar Description - MAX221ECUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX221 MAXIM-MAX221 Datasheet
110Kb / 8P
   5V, 1uA, Single RS-232 Transceiver with AutoShutdown
Rev 0; 8/99
MAX3221E MAXIM-MAX3221E_11 Datasheet
692Kb / 19P
   15kV ESD-Protected, 1uA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11
logo
STMicroelectronics
ST202E STMICROELECTRONICS-ST202E Datasheet
95Kb / 12P
   짹 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
ST207E STMICROELECTRONICS-ST207E Datasheet
62Kb / 9P
   짹 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
ST207E STMICROELECTRONICS-ST207E_06 Datasheet
507Kb / 17P
   짹 15kV ESD protected 5V RS-232 transceiver
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
MAX232EEWE MAXIM-MAX232EEWE Datasheet
2Mb / 26P
   15,-15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
MAX3188E MAXIM-MAX3188E Datasheet
141Kb / 8P
   ±15kV ESD-Protected, 1Mbps, 1uA RS-232 Transmitters in SOT23-6
Rev 0; 1/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com