Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX221ECUE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX221ECUE
Description  ±15kV ESD-Protected, 5V, 1uA, Single RS-232 Transceiver with AutoShutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX221ECUE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX221ECUE Datasheet HTML 1Page - Maxim Integrated Products MAX221ECUE Datasheet HTML 2Page - Maxim Integrated Products MAX221ECUE Datasheet HTML 3Page - Maxim Integrated Products MAX221ECUE Datasheet HTML 4Page - Maxim Integrated Products MAX221ECUE Datasheet HTML 5Page - Maxim Integrated Products MAX221ECUE Datasheet HTML 6Page - Maxim Integrated Products MAX221ECUE Datasheet HTML 7Page - Maxim Integrated Products MAX221ECUE Datasheet HTML 8Page - Maxim Integrated Products MAX221ECUE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
±15kV ESD-Protected, +5V, 1µA, Single RS-232
Transceiver with AutoShutdown
4
_______________________________________________________________________________________
0
10
20
30
40
50
0
1000
2000
3000
4000
5000
SLEW RATE vs.
LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
+SLEW
-SLEW
NAME
FUNCTION
1
EN
Receiver Enable Control. Drive low for normal operation. Drive high to force the receiver output
(ROUT) into a high-impedance state.
2
C1+
Positive Terminal of the Voltage Doubler Charge-Pump Capacitor
PIN
3
V+
Positive Voltage Generated by the Charge Pump
4
C1-
Negative Terminal of the Voltage Doubler Charge-Pump Capacitor
8
RIN
RS-232 Receiver Input, ±15kV ESD protected
7
V-
Negative Voltage Generated by the Charge Pump
6
C2-
Negative Terminal of the Inverting Charge-Pump Capacitor
5
C2+
Positive Terminal of the Inverting Charge-Pump Capacitor
13
TOUT
RS-232 Transmitter Output, ±15kV ESD Protected
12
FORCEON
Drive high to override automatic circuitry, keeping transmitter and charge pump on. FORCEOFF
must be high (Table 1).
11
TIN
TTL/CMOS Transmitter Input
10
INVALID
Output of the Invalid Signal Detector. INVALID is pulled low if no valid RS-232 level is present on
the receiver input.
9
ROUT
TTL/CMOS Receiver Output
Pin Description
14
GND
Ground
15
VCC
+4.5V to +5.5V Supply Voltage
16
FORCEOFF
Force-Off Input, active low. Drive low to shut down transmitter, receiver, and on-board charge
pump. This overrides all automatic circuitry and FORCEON (Table 1).
-10
-6
-8
-2
-4
2
0
4
8
6
10
0
1000
2000
3000
4000
5000
TRANSMITTER OUTPUT
VOLTAGE vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
250kbps
250kbps
120kbps
20kbps
20kbps
120kbps
0
10
20
30
40
50
0
1000
2000
3000
4000
5000
OPERATING SUPPLY
CURRENT vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
250kbps
20kbps
120kbps
Typical Operating Characteristics
(VCC = +5V, 250kbps data rate, 0.1µF capacitors, transmitter loaded with 3kΩ and CL, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX221ECUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX221EAE MAXIM-MAX221EAE Datasheet
110Kb / 8P
   5V, 1uA, Single RS-232 Transceiver with AutoShutdown
Rev 0; 8/99
MAX221EUE MAXIM-MAX221EUE Datasheet
110Kb / 8P
   5V, 1uA, Single RS-232 Transceiver with AutoShutdown
Rev 0; 8/99
More results

Similar Description - MAX221ECUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX221 MAXIM-MAX221 Datasheet
110Kb / 8P
   5V, 1uA, Single RS-232 Transceiver with AutoShutdown
Rev 0; 8/99
MAX3221E MAXIM-MAX3221E_11 Datasheet
692Kb / 19P
   15kV ESD-Protected, 1uA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11
logo
STMicroelectronics
ST202E STMICROELECTRONICS-ST202E Datasheet
95Kb / 12P
   짹 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
ST207E STMICROELECTRONICS-ST207E Datasheet
62Kb / 9P
   짹 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
ST207E STMICROELECTRONICS-ST207E_06 Datasheet
507Kb / 17P
   짹 15kV ESD protected 5V RS-232 transceiver
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
MAX232EEWE MAXIM-MAX232EEWE Datasheet
2Mb / 26P
   15,-15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
MAX3188E MAXIM-MAX3188E Datasheet
141Kb / 8P
   ±15kV ESD-Protected, 1Mbps, 1uA RS-232 Transmitters in SOT23-6
Rev 0; 1/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com