Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2010PBF Datasheet(PDF) 4 Page - International Rectifier

Part # IR2010PBF
Description  Floating channel designed for bootstrap operation
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2010PBF Datasheet(HTML) 4 Page - International Rectifier

  IR2010PBF_15 Datasheet HTML 1Page - International Rectifier IR2010PBF_15 Datasheet HTML 2Page - International Rectifier IR2010PBF_15 Datasheet HTML 3Page - International Rectifier IR2010PBF_15 Datasheet HTML 4Page - International Rectifier IR2010PBF_15 Datasheet HTML 5Page - International Rectifier IR2010PBF_15 Datasheet HTML 6Page - International Rectifier IR2010PBF_15 Datasheet HTML 7Page - International Rectifier IR2010PBF_15 Datasheet HTML 8Page - International Rectifier IR2010PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
IR2010(S)PBF
4
www.irf.com
© 2015 International Rectifier
April 14, 2015
Dynamic Electrical Characteristics
VBIAS (VCC, VBS, VDD) = 15V, CL = 1000pF and TA = 25°C and VSS = COM unless otherwise specified. The dynamic
electrical characteristics are measured using the test circuit shown in figure 3.
Symbol
Definition
Figure
Min.
Typ.
Max.
Units
Test Conditions
ton
Turn-on propagation delay
7
50
95
135
ns
VS = 0V
toff
Turn-off propagation delay
8
30
65
105
VS = 200V
tsd
Shutdown propagation delay
9
35
70
105
tr
Turn-on rise time
10
10
20
tf
Turn-off fall time
11
15
25
MT
Delay matching, HS & LS turn-on/off
6
15
Static Electrical Characteristics
VBIAS (VCC, VBS, VDD) = 15V and TA = 25°C and VSS = COM unless otherwise specified. The VIN, VTH and IIN
parameters are referenced to VSS and are applicable to all three logic input leads: HIN, LIN and SD. The VO and IO
parameters are referenced to COM and are applicable to the respective output leads: HO or LO.
Symbol
Definition
Figure
Min.
Typ.
Max.
Units
Test Conditions
VIH
Logic “1” input voltage
12
9.5
V
VDD = 15V
VIL
Logic “0” input voltage
13
6.0
VIH
Logic “1” input voltage
12
2
VDD = 3.3V
VIL
Logic “0” input voltage
13
1
VOH
High level output voltage, VBIAS - VO
14
1.0
IO = 0A
VOL
Low level output voltage, VO
15
0.1
ILK
Offset supply leakage current
16
50
μA
VB = VS = 200V
IQBS
Quiescent VBS supply current
17
70
210
VIN = 0V or VDD
IQCC
Quiescent VCC supply current
18
100
230
IQDD
Quiescent VDD supply current
19
1
5
IIN+
Logic “1” input bias current
20
20
40
VIN = VDD
IIN-
Logic “0” input bias current
21
1.0
VIN = 0V
VBSUV+
VBS supply undervoltage positive
going threshold
22
7.5
8.6
9.7
V
VBSUV-
VBS supply undervoltage negative
going threshold
23
7.0
8.2
9.4
VCCUV+
VCC supply undervoltage positive
going threshold
24
7.5
8.6
9.7
VCCUV-
VCC supply undervoltage negative
going threshold
25
7.0
8.2
9.4
IO+
Output high short circuit pulsed
current
26
2.5
3.0
A
VO = 0V, VIN = VDD
PW ≤ 10 μs
IO-
Output low short circuit pulsed
current
27
2.5
3.0
VO = 15V, VIN = 0V
PW ≤ 10 μs


Similar Part No. - IR2010PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2010PBF IRF-IR2010PBF Datasheet
337Kb / 17P
   HIGH AND LOW SIDE DRIVER
logo
Infineon Technologies A...
IR2010PBF INFINEON-IR2010PBF Datasheet
2Mb / 20P
   High and Low Side Driver
April 14, 2015
More results

Similar Description - IR2010PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2301STRPBF IRF-IRS2301STRPBF Datasheet
396Kb / 15P
   Floating channel designed for bootstrap operation
AUIRS2123 IRF-AUIRS2123_15 Datasheet
563Kb / 20P
   Floating channel designed for bootstrap operation
logo
Shenzhen Huazhimei Semi...
HM2103A HMSEMI-HM2103A Datasheet
3Mb / 9P
   Floating channel designed for bootstrap operation
logo
International Rectifier
AUIRS2191S IRF-AUIRS2191S_15 Datasheet
353Kb / 19P
   Floating channel designed for bootstrap operation
AUIRS2302S IRF-AUIRS2302S_15 Datasheet
394Kb / 19P
   Floating channel designed for bootstrap operation
IRS2001MPBF IRF-IRS2001MPBF_15 Datasheet
735Kb / 17P
   Floating channel designed for bootstrap operation
logo
Infineon Technologies A...
AUIRS2181S INFINEON-AUIRS2181S Datasheet
670Kb / 22P
   Floating channel designed for bootstrap operation
January 10, 2014
AUIRS2191S INFINEON-AUIRS2191S Datasheet
353Kb / 19P
   Floating channel designed for bootstrap operation
November 18, 2013
logo
Shenzhen Huazhimei Semi...
HM2103F HMSEMI-HM2103F Datasheet
4Mb / 9P
   Floating channel designed for bootstrap operation
logo
International Rectifier
IRS21867STRPBF IRF-IRS21867STRPBF Datasheet
748Kb / 21P
   Floating channel designed for bootstrap operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com