Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2106 Datasheet(PDF) 10 Page - International Rectifier

Part # IR2106
Description  HIGH AND LOW SIDE DRIVER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2106 Datasheet(HTML) 10 Page - International Rectifier

Back Button IR2106 Datasheet HTML 6Page - International Rectifier IR2106 Datasheet HTML 7Page - International Rectifier IR2106 Datasheet HTML 8Page - International Rectifier IR2106 Datasheet HTML 9Page - International Rectifier IR2106 Datasheet HTML 10Page - International Rectifier IR2106 Datasheet HTML 11Page - International Rectifier IR2106 Datasheet HTML 12Page - International Rectifier IR2106 Datasheet HTML 13Page - International Rectifier IR2106 Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
IR2106(4)(S) & (PBF)
10
www.irf.com
0
1
2
3
4
5
6
7
8
-50
-25
0
25
50
75
100
125
Temperature (oC)
Max.
0
1
2
3
4
5
6
7
8
10
12
14
16
18
20
V
CC Supply V oltage (V)
Max.
0.0
0.8
1.6
2.4
3.2
4.0
-50
-25
0
25
50
75
100
125
Temperature (oC)
Min.
0.0
0.8
1.6
2.4
3.2
4.0
10
12
14
16
18
20
V
CC Supply V oltage (V )
Min.
Figure 8A. Logic “1” Input Voltage
vs. Temperature
Figure 8B. Logic “1” Input Voltage
vs. Supply Voltage
Figure 9A. Logic “0” Input Voltage
vs. Temperature
Figure 9B. Logic “0” Input Voltage
vs. Supply Volta
ge


Similar Part No. - IR2106

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2106 IRF-IR2106 Datasheet
314Kb / 22P
   HIGH AND LOW SIDE DRIVER
IR2106 IRF-IR2106 Datasheet
236Kb / 10P
   HIGH AND LOW SIDE DRIVER
logo
Infineon Technologies A...
IR2106 INFINEON-IR2106 Datasheet
246Kb / 23P
   HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IR21064 IRF-IR21064 Datasheet
236Kb / 10P
   HIGH AND LOW SIDE DRIVER
IR21064 IRF-IR21064 Datasheet
314Kb / 22P
   HIGH AND LOW SIDE DRIVER
More results

Similar Description - IR2106

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
logo
International Rectifier
IR2102 IRF-IR2102 Datasheet
209Kb / 15P
   HIGH AND LOW SIDE DRIVER
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
   HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS21814MPBF IRF-IRS21814MPBF Datasheet
779Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
IR2106 IRF-IR2106 Datasheet
314Kb / 22P
   HIGH AND LOW SIDE DRIVER
IRS2001MPBF IRF-IRS2001MPBF Datasheet
735Kb / 17P
   HIGH AND LOW SIDE DRIVER
IRS26072DSPBF IRF-IRS26072DSPBF_11 Datasheet
847Kb / 30P
   HIGH AND LOW SIDE DRIVER
IR2106SPBF IRF-IR2106SPBF Datasheet
246Kb / 23P
   HIGH AND LOW SIDE DRIVER
IR2110STRPBF IRF-IR2110STRPBF Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2113STR IRF-IR2113STR Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2112STRPBF IRF-IR2112STRPBF Datasheet
318Kb / 18P
   HIGH AND LOW SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com