Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2240 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX2240
Description  2.5GHz, 20dBm Power Amplifier IC in UCSP Package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2240 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX2240 Datasheet HTML 2Page - Maxim Integrated Products MAX2240 Datasheet HTML 3Page - Maxim Integrated Products MAX2240 Datasheet HTML 4Page - Maxim Integrated Products MAX2240 Datasheet HTML 5Page - Maxim Integrated Products MAX2240 Datasheet HTML 6Page - Maxim Integrated Products MAX2240 Datasheet HTML 7Page - Maxim Integrated Products MAX2240 Datasheet HTML 8Page - Maxim Integrated Products MAX2240 Datasheet HTML 9Page - Maxim Integrated Products MAX2240 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2.5GHz, +20dBm Power Amplifier IC
in UCSP Package
8
____________________________________________________________________________________________________
SHDN
SHDN is located in the center of the bump layout of the
MAX2240. Therefore, the SHDN line requires the use of
either a via to a buried line or a trace that fits inside a
10-mil gap between solder pads to bring out a connec-
tion from SHDN.
D0, D1 Pins
Digital power control inputs D0 and D1 have CMOS-
logic level inputs. As in any PC board circuit, the length
of the logic signal traces determines the susceptibility
to high-frequency noise that can interfere with normal
switching. Therefore, in some cases, it can be neces-
sary to provide some local lowpass filtering of the logic
traces to suppress HF noise coupling to these inputs.
Output Match Layout
It is possible to lay out the output matching network
transmission traces in a more compact manner if PC
board area is limited. Series lines T1 and T2 can be
constructed as folded lines, though it can be necessary
to chamfer the corners for wide lines.
Prototype Chip Installation
Alignment keys on the PC board around the area where
the chip is located are helpful in the prototype assembly
process. The MAX2240 EV kit PC board has L-shaped
alignment keys at the diagonal corners of the chip. It is
better to align the chip on the board before any other
components are placed, and then place the board on a
hotplate or hot surface until the solder starts melting.
Remove the board from the hotplate without disturbing
the position of the chip, and let it cool down to room tem-
perature before processing the board further.
UCSP Reliability
The UCSP represents a unique packaging form factor that
may not perform equally to a packaged product through
traditional mechanical reliability tests. CSP reliability is
integrally linked to the user’s assembly methods, circuit
board material, and usage environment. The user should
closely review these areas when considering use of a CSP
package. Performance through Operating Life Test and
Moisture Resistance remains uncompromised as it is pri-
marily determined by the wafer-fabrication process.
Mechanical stress performance is a greater consideration
for a CSP package. CSPs are attached through direct sol-
der contact to the user’s PC board, foregoing the inherent
stress relief of a packaged product lead frame. Solder
joint contact integrity must be considered. Table 2 shows
the testing done to characterize the CSP reliability perfor-
mance. In conclusion, the UCSP is capable of performing
reliably through environmental stresses as indicated by
the results in the table. Additional usage data and recom-
mendations are detailed in the UCSP application note,
which can be found on Maxim’s web- site at www.maxim-
ic.com.
Users should also be aware that, as with any interconnect
system, there are electromigration-based current limits
that, in this case, apply to the maximum allowable current
in the bumps. Reliability is a function of this current, the
duty cycle, lifetime, and bump temperature. See the
Absolute Maximum Ratings section for any specific limita-
tions, listed under Continuous Operating Lifetime.
TEST
CONDITIONS
DURATION
NO. OF FAILURES PER
SAMPLE SIZE
Temperature Cycle
-35
°C to +85°C,
-40
°C to +100°C
150 cycles,
900 cycles
0/10,
0/200
Operating Life
TA = +70
°C
240hr
0/10
Moisture Resistance
+20
°C to +60°C, 90% RH
240hr
0/10
Low-Temperature Storage
-20
°C
240hr
0/10
Low-Temperature
Operational
-10
°C
24hr
0/10
Solderability
8hr steam age
0/15
ESD
±2000V, Human Body Model
0/5
High-Temperature Operating
Life
TJ = +150
°C
168hr
0/45
Table 2. Reliability Test Data


Similar Part No. - MAX2240

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2240 MAXIM-MAX2240 Datasheet
147Kb / 6P
   Evaluation Kit
Rev 0; 3/00
MAX2240EVKIT MAXIM-MAX2240EVKIT Datasheet
147Kb / 6P
   Evaluation Kit
Rev 0; 3/00
MAX2240 MAXIM-MAX2240_1 Datasheet
147Kb / 6P
   Evaluation Kit
Rev 0; 3/00
More results

Similar Description - MAX2240

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2374 MAXIM-MAX2374 Datasheet
131Kb / 8P
   SiGe, Variable IIP3, Low-Noise Amplifier in UCSP Package
Rev 0; 6/00
MAX2244 MAXIM-MAX2244 Datasheet
312Kb / 14P
   2.5GHz, 22dBm/20dBm Power Amplifiers with Analog Closed-Loop Power Control
19-2204; Rev 2; 8/03
logo
Transcom, Inc.
TA060-180-35-20 TRANSCOM-TA060-180-35-20 Datasheet
77Kb / 2P
   6 ~ 18 GHz 20dBm Power Amplifier
logo
RF Micro Devices
RF2129 RFMD-RF2129 Datasheet
83Kb / 6P
   3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2163 RFMD-RF2163 Datasheet
96Kb / 6P
   3V, 2.5GHZ LINEAR POWER AMPLIFIER
logo
Intersil Corporation
HFA3925 INTERSIL-HFA3925 Datasheet
95Kb / 9P
   2.4GHz - 2.5GHz 250mW Power Amplifier
logo
Maxim Integrated Produc...
MAX2205 MAXIM-MAX2205 Datasheet
170Kb / 7P
   RF Power Detectors in UCSP
19-2015; Rev 2; 8/02
MAX2205 MAXIM-MAX2205_06 Datasheet
141Kb / 7P
   RF Power Detectors in UCSP
Rev 6; 9/06
logo
RF Micro Devices
RF2189 RFMD-RF2189 Datasheet
102Kb / 6P
   3V, 2.5GHZ LINEAR POWER AMPLIFIER
logo
TriQuint Semiconductor
TGA2702-SM TRIQUINT-TGA2702-SM Datasheet
291Kb / 14P
   2.5GHz WiMAX Driver / Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com