Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2131 Datasheet(PDF) 7 Page - International Rectifier

Part # IR2131
Description  3 HIGH SIDE AND 3 LOW SIDE DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2131 Datasheet(HTML) 7 Page - International Rectifier

Back Button IR2131 Datasheet HTML 2Page - International Rectifier IR2131 Datasheet HTML 3Page - International Rectifier IR2131 Datasheet HTML 4Page - International Rectifier IR2131 Datasheet HTML 5Page - International Rectifier IR2131 Datasheet HTML 6Page - International Rectifier IR2131 Datasheet HTML 7Page - International Rectifier IR2131 Datasheet HTML 8Page - International Rectifier IR2131 Datasheet HTML 9Page - International Rectifier IR2131 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IR2131(J)(S) & (PbF)
www.irf.com
7
Figure 7. IR2131 TJ vs. Frequency (IRF820)
RGATE = 33
W, VCC = 15V
Figure 9. IR2131 TJ vs. Frequency (IRF840)
RGATE = 15
W, VCC = 15V
Figure 10. IR2131 TJ vs. Frequency (IRF450)
RGATE = 10
W, VCC = 15V
Figure 8. IR2131 TJ vs. Frequency (IRF830)
RGATE = 20
W, VCC = 15V
20
25
30
35
40
45
50
1E+2
1E+3
1E+4
1E+5
Frequency (Hz)
320V
160V
0V
480V
20
25
30
35
40
45
50
1E+2
1E+3
1E+4
1E+5
Frequency (Hz)
320V
160V
0V
480V
20
40
60
80
100
1E+2
1E+3
1E+4
1E+5
Frequency (Hz)
320V
160V
0V
480V
20
40
60
80
100
120
140
1E+2
1E+3
1E+4
1E+5
Frequency (Hz)
320V
160V
0V
480V
t in,fil
t in,fil
on
on
on off
off
off
high
low
HIN/LIN
HO/LO
Figure 6.5 Input Filter Function


Similar Part No. - IR2131

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2131 IRF-IR2131 Datasheet
299Kb / 8P
   3 HIGH SIDE AND 3 LOW SIDE DRIVER
logo
Infineon Technologies A...
IR2131 INFINEON-IR2131 Datasheet
595Kb / 10P
   3 HIGH SIDE AND 3 LOW SIDE DRIVER
Data Sheet No. PD60032 rev P
IR2131J INFINEON-IR2131J Datasheet
595Kb / 10P
   3 HIGH SIDE AND 3 LOW SIDE DRIVER
Data Sheet No. PD60032 rev P
logo
International Rectifier
IR2131S IRF-IR2131S Datasheet
744Kb / 10P
   3 HIGH SIDE AND 3 LOW SIDE DRIVER
logo
Infineon Technologies A...
IR2131S INFINEON-IR2131S Datasheet
595Kb / 10P
   3 HIGH SIDE AND 3 LOW SIDE DRIVER
Data Sheet No. PD60032 rev P
More results

Similar Description - IR2131

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2131S IRF-IR2131S Datasheet
744Kb / 10P
   3 HIGH SIDE AND 3 LOW SIDE DRIVER
IR2131 IRF-IR2131 Datasheet
299Kb / 8P
   3 HIGH SIDE AND 3 LOW SIDE DRIVER
IR2131SPBF IRF-IR2131SPBF Datasheet
744Kb / 10P
   3 HIGH SIDE AND 3 LOW SIDE DRIVER
logo
Infineon Technologies A...
IR2131 INFINEON-IR2131 Datasheet
595Kb / 10P
   3 HIGH SIDE AND 3 LOW SIDE DRIVER
Data Sheet No. PD60032 rev P
logo
Motorola, Inc
MPIC2131 MOTOROLA-MPIC2131 Datasheet
172Kb / 6P
   3 HIGH SIDE & 3 LOW SIDE DRIVER
logo
Infineon Technologies A...
TLE82453-3SA INFINEON-TLE82453-3SA_15 Datasheet
2Mb / 71P
   3 Channel High-Side and Low-Side Linear Solenoid Driver IC
Rev 1.0, 2015-03-27
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
logo
Texas Instruments
UCC27200A TI1-UCC27200A_16 Datasheet
1Mb / 42P
[Old version datasheet]   120-V Boot, 3-A Peak, High-Frequency, High-Side and Low-Side Driver
logo
Diodes Incorporated
DGD2012 DIODES-DGD2012 Datasheet
497Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2106M DIODES-DGD2106M Datasheet
660Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com