Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ANC-2330 Datasheet(PDF) 2 Page - Level One

Part # ANC-2330
Description  DDC 200 Series RPSMA plug to N plug
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

ANC-2330 Datasheet(HTML) 2 Page - Level One

  ANC-2330 Datasheet HTML 1Page - Level One ANC-2330 Datasheet HTML 2Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.level1.com
I one world_one brand_one level_
Antenna

Technical Specifications
Dimension Diagram
Electrical Properties:
Frequency Range
DC~6GHz
Impedance
50Ω Nominal
Insertion Loss
2GHz
2.7dB
3GHz
3.6dB
4GHz
3.9dB
5GHz
4.9dB
6GHz
5.3dB
VSWR
2.2 :1Max
Cable
CFD-200 Cable
Connector
SMA Plug Reverse
Connector
N-Type plug Standard
Physical Properties:
Operating Temp
-10°C~+60°C
Storage Temp
-10°C~+70°C
Conductor AWG
18AWG
Conductor Material
Bare Copper
Conductor Cond. Size
1/1.05±0.03
Insulation MIN. AVG. THICK
0.80mm
Insulation Material
FM-PE+SKIN
Insulation O.D
3.00±0.10 mm
Insulation NO.
1C
Face Outside AL-Mylar Coverage
100%
Face Outside AL-Mylar Overlap
25% Min
Braid Copper Material
Tinned Copper
Braid Copper Size
16* 7/0.12±0.008mm
Jacket MIN.AVG THICK
0.50mm
Jacket Material
Half Matter PVC UV.Resistance
Jacket Colour
UL813 Black Low Toxic
Jacket O.D
5.00±0.15 mm
Order Information
ANC-2330: DDC 200 Series RPSMA Plug to N Plug-3m
Package Contents
ANC-2330
All mentioned brand names are registered trademarks and property of their owners. Technical specifications are subject to change without notice.
© Copyright Digital Data Communications GmbH. All Rights Reserved.
V2.0
3000±30
PVC JACKET
BRAID
CONDUCTOR
INSULATION
ALMYLAR
1
2
3
2
4
1
2
3
2
4
1. N-Type plug Standard
2. Heat Shrink Tube
3. CFD-200 Cable, Color:Black
4. RPSMA plug


Similar Part No. - ANC-2330

ManufacturerPart #DatasheetDescription
logo
Level One
ANC-2310 LVL1-ANC-2310 Datasheet
151Kb / 2P
   DDC 200 Series RPSMA plug ?밡 plug
More results

Similar Description - ANC-2330

ManufacturerPart #DatasheetDescription
logo
Level One
ANC-2310 LVL1-ANC-2310 Datasheet
151Kb / 2P
   DDC 200 Series RPSMA plug ?밡 plug
ANC-1430 LVL1-ANC-1430 Datasheet
140Kb / 2P
   RPSMA plug-RPSMA jack-3m
ANC-1440 LVL1-ANC-1440 Datasheet
140Kb / 2P
   RPSMA plug-RPSMA jack-5m
ANC-4130 LVL1-ANC-4130 Datasheet
251Kb / 3P
   DDC 400 Series N plug to N jack, 3m
logo
Linx Technologies
ADP-SMAM-RPSF-G LINX-ADP-SMAM-RPSF-G Datasheet
294Kb / 2P
   ADAPTER, SMA PLUG (MALE PIN) TO RPSMA JACK (MALE PIN), GOLD
logo
List of Unclassifed Man...
1053646-1 ETC2-1053646-1 Datasheet
35Kb / 1P
   TYPE N PLUG TO OSM PLUG ADAPTER
logo
NXP Semiconductors
IP4778CZ38 NXP-IP4778CZ38 Datasheet
153Kb / 26P
   HDMI ESD protection, DDC buffering and hot plug control
Rev. 02-12 February 2009
logo
NHP Electrical Engineer...
C40M40-40-005 NHP-C40M40-40-005 Datasheet
336Kb / 1P
   PROSOFT CABLE 5FT LMRA 400 N PLUG TO N PLUG
12 May 2023,
C40M40-40-010 NHP-C40M40-40-010 Datasheet
336Kb / 1P
   PROSOFT CABLE 10FT LMRA 400 N PLUG TO N PLUG
12 May 2023,
C40M40-40-015 NHP-C40M40-40-015 Datasheet
336Kb / 1P
   PROSOFT CABLE 15FT LMRA 400 N PLUG TO N PLUG
12 May 2023,
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com