Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2244 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX2244
Description  2.5GHz, 22dBm/20dBm Power Amplifiers with Analog Closed-Loop Power Control
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2244 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX2244 Datasheet HTML 4Page - Maxim Integrated Products MAX2244 Datasheet HTML 5Page - Maxim Integrated Products MAX2244 Datasheet HTML 6Page - Maxim Integrated Products MAX2244 Datasheet HTML 7Page - Maxim Integrated Products MAX2244 Datasheet HTML 8Page - Maxim Integrated Products MAX2244 Datasheet HTML 9Page - Maxim Integrated Products MAX2244 Datasheet HTML 10Page - Maxim Integrated Products MAX2244 Datasheet HTML 11Page - Maxim Integrated Products MAX2244 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Place the 1nF power-supply decoupling capacitors
between the star connection and the smaller bypass
capacitors and close to the IC. Larger trace lengths
between the decoupling capacitors and the IC increase
the parasitic trace inductance, which, when combined
with the capacitors on VCC1 and VCC2, can form an LC
tank and introduce instability in the MHz range. If this
happens, you can add a small-value resistor (~10
Ω),
between the 1nF capacitor and ground to de-Q the
capacitor and dampen the oscillation.
2.5GHz, 22dBm/20dBm Power Amplifiers with
Analog Closed-Loop Power Control
8
_______________________________________________________________________________________
C8
C9
1nF
C3
1nF
C2
10nF
RFIN
R2
1k
C5
10pF
C10
C11
1nF
C6
RFOUT
T2
T1
C7
C1
10
µF
C4
27pF
SHDN
VCC
DAC
R2
2.5k
A1
PC
RFIN/
SHDN
B1
C1
A2
B2
C2
A3
B3
C3
VCC2
GND
GND
RFOUT
VCC1
GND
GND
TRANSCEIVER IC
MAX2244
MAX2245
MAX2246
T3
T4
Figure 1. MAX2244/MAX2245/MAX2246 Typical Application Circuit
COMPONENT
MAX2244
MAX2245
MAX2246
C6
10pF
5.6pF
10pF
C7
1.2pF
1.2pF
1.3pF
C8
5pF
5pF
27pF
C10
100pF
100pF
27pF
T1
50
Ω, 17.6°
50
Ω, 18°
50
Ω, 25°
T2
50
Ω, 50°
50
Ω, 53°
50
Ω, 50°
T3
50
Ω, 5.3°
50
Ω, 5.3°
50
Ω, 5.3°
T4
50
Ω, 5.3°
50
Ω, 5.9°
50
Ω, 8.9°
Table 1. Typical Application Circuit
Component Values
Note: Electrical lengths given for 2.4GHz.


Similar Part No. - MAX2244

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX22440 AD-MAX22440 Datasheet
1Mb / 28P
   Reinforced, Ultra-Low-Power, 4-Channel Digital Isolators
Rev 3; 03/23
MAX22440 AD-MAX22440 Datasheet
1Mb / 28P
   Reinforced, Ultra-Low-Power, 4-Channel Digital Isolators
19-101556; Rev 4; 8/23
MAX22440CAEE++ AD-MAX22440CAEE+ Datasheet
1Mb / 28P
   Reinforced, Ultra-Low-Power, 4-Channel Digital Isolators
Rev 3; 03/23
MAX22440CAEE++ AD-MAX22440CAEE+ Datasheet
1Mb / 28P
   Reinforced, Ultra-Low-Power, 4-Channel Digital Isolators
19-101556; Rev 4; 8/23
MAX22440FAEE++ AD-MAX22440FAEE+ Datasheet
1Mb / 28P
   Reinforced, Ultra-Low-Power, 4-Channel Digital Isolators
Rev 3; 03/23
More results

Similar Description - MAX2244

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA2085A ETC-TDA2085A Datasheet
1,000Kb / 11P
   CLOSED LOOP CONTROL
logo
Maxim Integrated Produc...
MAX2240 MAXIM-MAX2240 Datasheet
181Kb / 10P
   2.5GHz, 20dBm Power Amplifier IC in UCSP Package
Rev 2; 2/03
logo
Analog Devices
CN-0050 AD-CN-0050 Datasheet
218Kb / 3P
   Stable, Closed-Loop Automatic Power Control for RF Applications
REV. B
logo
National Semiconductor ...
CLC109 NSC-CLC109 Datasheet
171Kb / 6P
   Low-Power, Wideband, Closed-Loop Buffer
logo
Analog Devices
CN-0300 AD-CN-0300 Datasheet
375Kb / 7P
   Complete Closed-Loop Precision Analog Microcontroller Thermocouple
REV. A
logo
Maxim Integrated Produc...
MAX2232 MAXIM-MAX2232 Datasheet
156Kb / 8P
   900MHz ISM-Band, 250mW Power Amplifiers with Analog or Digital Gain Control
19-1470; Rev 0; 4/99
logo
Intersil Corporation
HFA1212 INTERSIL-HFA1212 Datasheet
90Kb / 10P
   Dual 350MHz, Low Power Closed Loop Buffer Amplifier
September 1998
HFA1212 INTERSIL-HFA1212_04 Datasheet
198Kb / 12P
   Dual 350MHz, Low Power Closed Loop Buffer Amplifier
logo
Renesas Technology Corp
HFA1212 RENESAS-HFA1212 Datasheet
204Kb / 12P
   Dual 350MHz, Low Power Closed Loop Buffer Amplifier
July 2004
logo
Intersil Corporation
HFA1115 INTERSIL-HFA1115 Datasheet
159Kb / 14P
   225MHz, Low Power, Output Limiting, Closed Loop Buffer Amplifier
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com