Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2244-MAX2246 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX2244-MAX2246
Description  2.5GHz, 22dBm/20dBm Power Amplifiers with Analog Closed-Loop Power Control
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2244-MAX2246 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX2244-MAX2246 Datasheet HTML 1Page - Maxim Integrated Products MAX2244-MAX2246 Datasheet HTML 2Page - Maxim Integrated Products MAX2244-MAX2246 Datasheet HTML 3Page - Maxim Integrated Products MAX2244-MAX2246 Datasheet HTML 4Page - Maxim Integrated Products MAX2244-MAX2246 Datasheet HTML 5Page - Maxim Integrated Products MAX2244-MAX2246 Datasheet HTML 6Page - Maxim Integrated Products MAX2244-MAX2246 Datasheet HTML 7Page - Maxim Integrated Products MAX2244-MAX2246 Datasheet HTML 8Page - Maxim Integrated Products MAX2244-MAX2246 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX2244/MAX2245/MAX2246 single-supply, low-
voltage power amplifiers (PAs) are designed for 20dBm
Bluetooth™ Class 1 applications in the 2.4GHz to 2.5GHz
band. The MAX2244/MAX2245 deliver a peak output
power of 22dBm with greater than 20dB output-power
control range. The 22dBm output power compensates for
the filter loss between the PA and the antenna, allowing
20dBm to be delivered to the antenna. The MAX2246 pro-
vides a peak output power of 20dBm for a 30% reduction
in supply current.
The PAs integrate a power detector and closed-loop
power-control circuitry to provide nearly constant output
power over the full range of supply voltage, temperature,
and input power level. The voltage at the analog control
input precisely controls the output power level.
The MAX2244/MAX2245/MAX2246 feature a low-current
shutdown mode through a simple logic input. Internal cir-
cuitry automatically controls the ramp-up/down of the
output power level during turn-on and turn-off to meet
Bluetooth spurious emissions requirements.
The devices operate from a 3V to 3.6V single supply.
The MAX2244/MAX2246 have a power-control voltage
range of 0.5V to 2V, and the MAX2245 has a control
voltage range of 0.9V to 2.2V. The devices are pack-
aged in a miniature ultra chip-scale package (UCSP™),
significantly reducing the required board area.
Applications
Bluetooth Class 1 Radios
802.11 FHSS/HomeRF™ Radios
2.4GHz Cordless Phones
Features
o 2.4GHz to 2.5GHz Operation
o Accurate Closed-Loop Output Power Control
Over Full Temperature, Supply, and Input Power
Range
o Convenient Analog Power-Control Interface
o 22dBm Peak Output Power (MAX2244/MAX2245)
o 20dBm Peak Output with 30% Reduced Supply
Current (MAX2246)
o Internal Bandwidth-Limited Power Ramping
o 50Ω Integrated Input Match
o 0.5µA Shutdown Supply Current
o Ultra Chip-Scale Package (1.56mm 1.56mm)
2.5GHz, 22dBm/20dBm Power Amplifiers with
Analog Closed-Loop Power Control
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-2204; Rev 2; 8/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP
RANGE
BUMP
PACKAGE
TOP
MARK
MAX2244EBL-T
-40
°C to +85°C
9 UCSP*-9
AAP
MAX2245EBL-T
-40
°C to +85°C
9 UCSP*-9
AAQ
MAX2246EBL-T
-40
°C to +85°C
9 UCSP*-9
AAY
*UCSP reliability is integrally linked to the user's assembly
methods, circuit board material, and environment. See the
UCSP Reliability Notice in the UCSP Reliability section of this
data sheet for more information.
Bluetooth is a trademark of Ericsson Corp.
UCSP is a trademark of Maxim Integrated Products, Inc.
MATCH
MATCH
BIAS
SHUTDOWN
ANALOG
INTERFACE
MATCH
POWER
DETECTOR
C1
C3
B2
A3
B3
A2
C2
RFIN/
SHDN
PC
GND
GND
RFOUT
VCC2
VCC1
A1
B1
MAX2244
CONTROL
AMP
MAX2245
MAX2246
GND
GND
Functional Diagram
Pin Configuration appears at end of data sheet.
HomeRF is a trademark of The HomeRF Working Group.


Similar Part No. - MAX2244-MAX2246

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX22440 AD-MAX22440 Datasheet
1Mb / 28P
   Reinforced, Ultra-Low-Power, 4-Channel Digital Isolators
Rev 3; 03/23
MAX22440 AD-MAX22440 Datasheet
1Mb / 28P
   Reinforced, Ultra-Low-Power, 4-Channel Digital Isolators
19-101556; Rev 4; 8/23
MAX22440CAEE++ AD-MAX22440CAEE+ Datasheet
1Mb / 28P
   Reinforced, Ultra-Low-Power, 4-Channel Digital Isolators
Rev 3; 03/23
MAX22440CAEE++ AD-MAX22440CAEE+ Datasheet
1Mb / 28P
   Reinforced, Ultra-Low-Power, 4-Channel Digital Isolators
19-101556; Rev 4; 8/23
MAX22440FAEE++ AD-MAX22440FAEE+ Datasheet
1Mb / 28P
   Reinforced, Ultra-Low-Power, 4-Channel Digital Isolators
Rev 3; 03/23
More results

Similar Description - MAX2244-MAX2246

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA2085A ETC-TDA2085A Datasheet
1,000Kb / 11P
   CLOSED LOOP CONTROL
logo
Maxim Integrated Produc...
MAX2240 MAXIM-MAX2240 Datasheet
181Kb / 10P
   2.5GHz, 20dBm Power Amplifier IC in UCSP Package
Rev 2; 2/03
logo
Analog Devices
CN-0050 AD-CN-0050 Datasheet
218Kb / 3P
   Stable, Closed-Loop Automatic Power Control for RF Applications
REV. B
logo
National Semiconductor ...
CLC109 NSC-CLC109 Datasheet
171Kb / 6P
   Low-Power, Wideband, Closed-Loop Buffer
logo
Analog Devices
CN-0300 AD-CN-0300 Datasheet
375Kb / 7P
   Complete Closed-Loop Precision Analog Microcontroller Thermocouple
REV. A
logo
Maxim Integrated Produc...
MAX2232 MAXIM-MAX2232 Datasheet
156Kb / 8P
   900MHz ISM-Band, 250mW Power Amplifiers with Analog or Digital Gain Control
19-1470; Rev 0; 4/99
logo
Intersil Corporation
HFA1212 INTERSIL-HFA1212 Datasheet
90Kb / 10P
   Dual 350MHz, Low Power Closed Loop Buffer Amplifier
September 1998
HFA1212 INTERSIL-HFA1212_04 Datasheet
198Kb / 12P
   Dual 350MHz, Low Power Closed Loop Buffer Amplifier
logo
Renesas Technology Corp
HFA1212 RENESAS-HFA1212 Datasheet
204Kb / 12P
   Dual 350MHz, Low Power Closed Loop Buffer Amplifier
July 2004
logo
Intersil Corporation
HFA1115 INTERSIL-HFA1115 Datasheet
159Kb / 14P
   225MHz, Low Power, Output Limiting, Closed Loop Buffer Amplifier
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com