Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVE-9003 Datasheet(PDF) 1 Page - Level One

Part # HVE-9003
Description  HDSpider Cat.5 Cascadable HDMI Sender
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

HVE-9003 Datasheet(HTML) 1 Page - Level One

  HVE-9003 Datasheet HTML 1Page - Level One HVE-9003 Datasheet HTML 2Page - Level One HVE-9003 Datasheet HTML 3Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image

HDSpider™ Cat.5
Cascadable HDMI Sender
HVE-9003
What is HDMI?
The High-Definition Multimedia Interface (HDMI)
is a revolutionary technology that allows viewers
to experience the highest quality digital images
available. It is able to deliver top-quality video as well
as audio over a single cable.
This growing technology is great for displays in many
different situations: movie theatres, concert halls,
public transportation, malls, shops, airports, schools,
etc.
Is HDMI 1.3 backward compatible with prior
releases of the HDMI and DVI spec.?
HDMI 1.3 supports the demands of future high
definition display devices, such as higher resolutions,
high frame rates and Deep Color. Fully backward
compatible with all prior releases of the HDMI spec, as
well as DVI compliant devices.
What Products or applications will take
advantage of new HDMI 1.3 capabilities?
New high-definition DVD formats (HD-DVD and Blu-
Ray) and game machines (PS3 and X-Box) will make
use of capabilities added in HDMI 1.3. Digital television
will be able to present images that are closer to real
life than previously has been possible.
Introducing the HDSpider™ Series from LevelOne
The HDSpider™ Series is a collection of HDMI Cat.5
senders and receivers, offering a full range of HDMI
extender solutions. Choose from our 7different
HDSpider extenders to build a flexible network
to send your high-quality HDMI signals to greater
distances, and at a reduced cost.
What does a Cat.5 receiver do?
This compact and simple to use device is deployed on
the receiving end, where the HD monitor is located.
Using Cat.5 cable to send the HDMI signal is the best
way to reach extended distances and HVE-9000 also
has a built-in equalization knob to help you fine tune
your HD network.
To see this device in action, please see the diagram
below.
Key Features
- Works with Cat.5, Cat.5e, Cat.6Ethernet cable
- Transmission Distance of up to 60m for 1080i or 40m
for 1080p
- Minimize the cable skew using 8-level adjustable
equalization knob
- Provides Higher speed - 6.75Gbps
- HDMI deep color enables display with more natural
and vivid colors
- HDMI 1.3c compliance(Full 3D support)
HVE-9001
HDSpider™ Cat.5 HDMI Sender
Works Well With
H/W Version: 2
HVE-9002
HDSpider™ Cat.5 HDMI Sender
with Local HDMI Output
8
7
6
5
4
3
2
1
1. Power LED
2. Input VIdeo Indicator
3. Rotary Switch
4. RJ-45 Intput Port
5. 3.5mm Audio Socket
6. HDMI Output Port
7. RJ-45 Output Port
8. Power Jack


Similar Part No. - HVE-9003

ManufacturerPart #DatasheetDescription
logo
Level One
HVE-9000 LVL1-HVE-9000 Datasheet
186Kb / 3P
   HDSpider Long Range Cat.5 HDMI Receiver
HVE-9001 LVL1-HVE-9001 Datasheet
184Kb / 3P
   HDSpider Cat.5 HDMI Sender
HVE-9002 LVL1-HVE-9002 Datasheet
196Kb / 3P
   HDSpider Cat.5 HDMI Sender with Local HDMI Output
HVE-9004 LVL1-HVE-9004 Datasheet
200Kb / 3P
   HDSpider 4-Port Cat.5 HDMI Sender
HVE-9005 LVL1-HVE-9005 Datasheet
863Kb / 3P
   HDMI over Cat.5 Extender kit
More results

Similar Description - HVE-9003

ManufacturerPart #DatasheetDescription
logo
Level One
HVE-9001 LVL1-HVE-9001 Datasheet
184Kb / 3P
   HDSpider Cat.5 HDMI Sender
HVE-9004 LVL1-HVE-9004 Datasheet
200Kb / 3P
   HDSpider 4-Port Cat.5 HDMI Sender
HVE-9002 LVL1-HVE-9002 Datasheet
196Kb / 3P
   HDSpider Cat.5 HDMI Sender with Local HDMI Output
HVE-9008 LVL1-HVE-9008 Datasheet
210Kb / 3P
   HDSpider 8-Port Cat.5 HDMI Sender with Local HDMI
HVE-9000 LVL1-HVE-9000 Datasheet
186Kb / 3P
   HDSpider Long Range Cat.5 HDMI Receiver
HVE-9005 LVL1-HVE-9005 Datasheet
863Kb / 3P
   HDMI over Cat.5 Extender kit
HVE-9200P LVL1-HVE-9200P Datasheet
435Kb / 3P
   HDBaseT HDMI over Cat.5 Extender
HVE-9211 LVL1-HVE-9211 Datasheet
435Kb / 3P
   HDBaseT HDMI over Cat.5 Extender
HVE-9111 LVL1-HVE-9111 Datasheet
388Kb / 2P
   HDMI over Cat.5 Receiver, 300m
HVE-9200 LVL1-HVE-9200 Datasheet
435Kb / 3P
   HDBaseT HDMI over Cat.5 Extender
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com