Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


MAX2320EUP Datasheet(PDF) 1 Page - Maxim Integrated Products

Part No. MAX2320EUP
Description  Adjustable, High-Linearity, SiGe Dual-Band LNA/Mixer ICs
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 1 page
background image
General Description
The MAX2320/MAX2321/MAX2322/MAX2324/MAX2326/
MAX2327 high-performance silicon germanium (SiGe)
receiver front-end ICs set a new industry standard for
low noise and high linearity at a low supply current. This
family integrates a variety of unique features such as an
LO frequency doubler and divider, dual low-noise
amplifier (LNA) gain settings, and a low-current paging
mode that extends the handset standby time.
The MAX2320 family includes six ICs: four operate at
both cellular and PCS frequencies, one operates at cel-
lular frequencies, and one at PCS frequencies (see
Selector Guide). Each part includes an LNA with a high
input third-order intercept point (IIP3) to minimize inter-
modulation and cross-modulation in the presence of
large interfering signals. In low-gain mode, the LNA is
bypassed to provide higher cascaded IIP3 at a lower
current. For paging, a low-current, high-gain mode is
provided.
The CDMA mixers in cellular and PCS bands have high
linearity, low noise, and differential IF outputs. The FM
mixer is designed for lower current and a single-ended
output.
All devices come in a 20-pin TSSOP-EP package with
exposed paddle (EP) and are specified for the extend-
ed temperature range (-40°C to +85°C).
Applications
CDMA/TDMA/PDC/WCDMA/GSM Cellular Phones
Single/Dual/Triple-Mode Phones
Wireless Local Loop (WLL)
Features
o Ultra-High Linearity at Ultra-Low Current and
Noise
o +2.7V to +3.6V Operation
o Pin-Selectable Low-Gain Mode Reduces Gain by
17dB and Current by 3mA
o Pin-Selectable Paging Mode Reduces Current
Draw by 6mA when Transmitter Is Not in Use
o LO Output Buffers
o LO Frequency Doubler (MAX2321)
o LO Frequency Divider (MAX2326)
o 0.1µA Shutdown Current
o 20-Pin TSSOP-EP Package
Adjustable, High-Linearity,
SiGe Dual-Band LNA/Mixer ICs
________________________________________________________________ Maxim Integrated Products
1
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
MIXINH
MIXINL
RBIAS
CDMA+
LNAINH
RLNA
20 TSSOP-EP
6mm x 6.3mm
LNAOUTL
LNAOUTH
TOP VIEW
CDMA-
BUFFEN
VCC
FMOUT
GAIN
LIN
BAND
LNAINL
12
11
9
10
LOLOUT
LOHOUT
LOHIN
LOLIN
MAX2320
MAX2321
MAX2326
TSSOP
19-1535; Rev 1; 6/00
PART
MAX2320EUP
MAX2321EUP
MAX2322EUP
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
20 TSSOP-EP
20 TSSOP-EP
20 TSSOP-EP
EVALUATION
KIT MANUAL
FOLLOWS
DATA
SHEET
Typical Application Circuits appear at end of data sheet.
Pin Configurations continued at end of data sheet.
Pin Configurations
Ordering Information
MAX2324EUP
MAX2326EUP
MAX2327EUP
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
20 TSSOP-EP
20 TSSOP-EP
20 TSSOP-EP
PCS band, single mode with optional frequency
doubler
MAX2322
MAX2320 with LO doubler
Dual-band, dual VCO inputs, and dual IF outputs
MAX2320
MAX2321
DESCRIPTION
PART
Selector Guide
Dual-band, dual VCO inputs, and separately
controlled VCO buffers
MAX2327
MAX2320 with LO divider
Cellular band, dual IF outputs
MAX2324
MAX2326
For free samples and the latest literature, visit www.maxim-ic.com or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX9996SiGe High-Linearity 1700MHz2 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9986SiGe High-Linearity 815MHz to 995MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9981825MHz to 915MHz Dual SiGe High-Linearity Active Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX9982825MHz to 915MHz SiGe High-Linearity Active Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX9995Dual SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9994SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
CLC005ITU-T G.703 Cable Driver with Adjustable Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2679SIMPLE SWITCHER 5A Step-Down Voltage Regulator with Adjustable Current Limit 1 2 3 4 5 MoreNational Semiconductor (TI)
LP2986Micropower 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl