Selected language     English  ▼


MAX2320EUP Datasheet(PDF) 10 Page - Maxim Integrated Products

Part No. MAX2320EUP
Description  Adjustable, High-Linearity, SiGe Dual-Band LNA/Mixer ICs
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 10 page
background image
Adjustable, High-Linearity,
SiGe Dual-Band LNA/Mixer ICs
10
______________________________________________________________________________________
Typical Operating Characteristics (continued)
(MAX232_ EV kit, VCC = +2.75V, fLNAINH = fMIXINH = 1960MHz, fLNAINL = fMIXINL = 881MHz, fLOHIN = 1750MHz, fLOLIN = 1091MHz
(digital modes), fLOLIN = 991MHz (FM mode), LO input power = -7dBm, 50
Ω system, all measurements include matching component
losses but not connector and trace losses, TA = +25°C, unless otherwise noted.)
11.0
12.0
11.5
13.0
12.5
13.5
14.0
611
16
CELLULAR-BAND HGHL MIXER
CONVERSION GAIN vs. CURRENT
MIXER CURRENT (mA)
VCC = +3.6V, HIGH SIDE LO
VCC = +3.0V, HIGH SIDE LO
VCC = +2.7V,
HIGH SIDE LO
VCC = +2.7V, LOW SIDE LO
VCC = +3.6V, LOW SIDE LO
VCC = +3.0V,
LOW SIDE LO
6
8
7
11
10
9
13
14
12
15
611
16
PCS-BAND HGHL MIXER
CONVERSION GAIN vs. CURRENT
MIXER CURRENT (mA)
TA = -45
°C, HIGH SIDE LO
TA = +25
°C, HIGH SIDE LO
TA = +85
°C, LOW SIDE LO
TA = +25
°C, LOW SIDE LO
TA = +85
°C, HIGH SIDE LO
TA = -45
°C, LOW SIDE LO
11.0
12.0
11.5
13.0
12.5
13.5
14.0
611
16
PCS-BAND HGHL MIXER
CONVERSION GAIN vs. CURRENT
MIXER CURRENT (mA)
VCC = +3.6V TO +2.7V
HIGH AND LOW
SIDE LO
6
7
8
9
10
11
12
13
14
-20
-15
-10
-5
5
0
CELLULAR-BAND MIXER CONVERSION
GAIN vs. LO INPUT LEVEL
LO INPUT LEVEL (dBm)
HGLL, LOW SIDE LO
HGLL, HIGH SIDE LO
FM, HIGH SIDE LO
FM, LOW SIDE LO
HGHL, LOW SIDE LO
HGHL, HIGH SIDE LO
9.0
9.5
10.0
10.5
11.0
11.5
12.0
12.5
13.0
-19
-14
-9
-4
1
PCS-BAND HGHL MIXER CONVERSION
GAIN vs. LO INPUT LEVEL
LO INPUT LEVEL (dBm)
HGLL, LOW SIDE LO
HGLL, HIGH SIDE LO
HGHL, LOW SIDE LO
HGHL, HIGH SIDE LO
6
0
4
2
8
6
12
10
14
700
800
900
1000
CELLULAR-BAND
HGHL MIXER CONVERSION
GAIN vs. INPUT FREQUENCY
RF INPUT FREQUENCY (MHz)
0
4
2
8
6
12
10
14
1700
2100
2300
1900
2500
PCS-BAND HGHL MIXER CONVERSION
GAIN vs. RF INPUT FREQUENCY
RF INPUT FREQUENCY (MHz)
-4
0
-2
4
2
6
8
611
16
CELLULAR-BAND HGHL
MIXER IIP3 vs. CURRENT
MIXER CURRENT (mA)
TA = -40
°C, HIGH SIDE LO
TA = -40
°C, LOW SIDE LO
TA = +25
°C,
LOW SIDE LO
TA = +25
°C,
HIGH SIDE LO
TA = +85
°C,
HIGH SIDE LO
TA = +85
°C, LOW SIDE LO
-2
-1
0
1
2
3
4
5
6
611
16
CELLULAR-BAND HGHL
MIXER IIP3 vs. CURRENT
MIXER CURRENT (mA)
HIGH SIDE/LOW SIDE LO
VCC = 2.7V TO 3.6V




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX9996SiGe High-Linearity 1700MHz2 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9986SiGe High-Linearity 815MHz to 995MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9981825MHz to 915MHz Dual SiGe High-Linearity Active Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX9982825MHz to 915MHz SiGe High-Linearity Active Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX9995Dual SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9994SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
CLC005ITU-T G.703 Cable Driver with Adjustable Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2679SIMPLE SWITCHER 5A Step-Down Voltage Regulator with Adjustable Current Limit 1 2 3 4 5 MoreNational Semiconductor (TI)
LP2986Micropower 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl