Electronic Components Datasheet Search
Selected language     English  ▼


MAX2320EUP Datasheet(PDF) 11 Page - Maxim Integrated Products

Part No. MAX2320EUP
Description  Adjustable, High-Linearity, SiGe Dual-Band LNA/Mixer ICs
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 11 page
background image
Adjustable, High-Linearity,
SiGe Dual-Band LNA/Mixer ICs
______________________________________________________________________________________
11
Typical Operating Characteristics (continued)
(MAX232_ EV kit, VCC = +2.75V, fLNAINH = fMIXINH = 1960MHz, fLNAINL = fMIXINL = 881MHz, fLOHIN = 1750MHz, fLOLIN = 1091MHz
(digital modes), fLOLIN = 991MHz (FM mode), LO input power = -7dBm, 50
Ω system, all measurements include matching component
losses but not connector and trace losses, TA = +25°C, unless otherwise noted.)
-5
-2
-3
-4
-1
0
1
2
3
4
5
-35
-30
-25
-20
-10
-15
CELLULAR-BAND MIXER IIP3
vs. RF INPUT LEVEL
RF INPUT LEVEL PER TONE (dBm)
LOW SIDE LO, HGHL
HIGH SIDE LO, HGLL
HIGH SIDE LO, HGHL
HIGH SIDE LO, LGHL
LOW SIDE LO, LGHL
LOW SIDE LO, HGLL
0
2
1
4
3
5
6
-18
-6
-2
-14
-10
2
6
10
CELLULAR-BAND MIXER IIP3
vs. LO INPUT LEVEL
LO INPUT LEVEL (dBm)
HIGH SIDE LO, FM
LOW SIDE LO, FM
HIGH SIDE LO, HGHL AND LGHL
LOW SIDE LO,
HGHL AND LGHL
HIGH SIDE LO, HGLL
LOW SIDE LO, HGLL
-4
0
-2
4
2
8
6
10
611
16
PCS-BAND HGHL MIXER IIP3
vs. CURRENT
MIXER CURRENT (mA)
TA = +25
°C,
HIGH SIDE LO
TA = +85
°C, HIGH SIDE LO
TA = -40
°C, HIGH SIDE LO
TA = -40
°C, LOW SIDE LO
TA = +25
°C, LOW SIDE LO
TA = +85
°C, LOW SIDE LO
0
4
2
10
8
6
14
12
16
-17
-7
-12
-2
3
CELLULAR-BAND FM MIXER
NOISE FIGURE vs. LO INPUT LEVEL
LO INPUT LEVEL (dBm)
LO SIDE LO
HIGH SIDE LO
-4
0
-2
4
2
6
8
611
16
PCS-BAND HGHL MIXER IIP3
vs. CURRENT
MIXER CURRENT (mA)
HIGH SIDE LO, 3V
LOW SIDE LO, 3V
HIGH SIDE LO, 3.6V
LOW SIDE LO, 3.6V
HIGH SIDE LO, 2.7V
LOW SIDE LO, 2.7V
-4
-2
-3
-1
0
1
2
3
4
5
6
7
8
-35
-30
-25
-20
-15
-10
PCS-BAND MIXER IIP3
vs. RF INPUT LEVEL
RF INPUT LEVEL PER TONE (dBm)
HIGH SIDE LO, HGHL, HIGH SIDE LO, LGHL
LOW SIDE LO, LGHL
LOW SIDE LO, HGHL
HIGH SIDE LO, HGLL
LOW SIDE LO, HGLL
0
2
1
4
3
7
6
5
8
-18
-10
-14
-6
-2
2
6
10
PCS-BAND MIXER IIP3
vs. LO INPUT LEVEL
LO INPUT LEVEL (dBm)
LOW SIDE LO, HGHL
LOW SIDE LO, LGHL
LOW SIDE LO, HGLL
HIGH SIDE LO, LGHL
HIGH SIDE LO, HGHL
HIGH SIDE LO, HGLL
0
4
2
8
6
12
10
14
-17
-7
-2
-12
3
CELLULAR-BAND HGHL MIXER NOISE
FIGURE vs. LO INPUT LEVEL
LO INPUT LEVEL (dBm)
HIGH SIDE LO
LOW SIDE LO
0
4
2
8
6
12
10
14
-17
-7
-2
-12
3
CELLULAR-BAND HGLL MIXER NOISE
FIGURE vs. LO INPUT LEVEL
LO INPUT LEVEL (dBm)
HIGH SIDE LO
LOW SIDE LO




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX9996SiGe High-Linearity 1700MHz2 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9986SiGe High-Linearity 815MHz to 995MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9981825MHz to 915MHz Dual SiGe High-Linearity Active Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX9982825MHz to 915MHz SiGe High-Linearity Active Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX9995Dual SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9994SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
CLC005ITU-T G.703 Cable Driver with Adjustable Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2679SIMPLE SWITCHER 5A Step-Down Voltage Regulator with Adjustable Current Limit 1 2 3 4 5 MoreNational Semiconductor (TI)
LP2986Micropower 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl